Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA2016D2RTJT Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPA2016D2RTJT
Description  2.8-W/Ch Stereo Class-D Audio Amplifier with Dynamic Range Compression and AGC
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA2016D2RTJT Datasheet(HTML) 5 Page - Texas Instruments

  TPA2016D2RTJT Datasheet HTML 1Page - Texas Instruments TPA2016D2RTJT Datasheet HTML 2Page - Texas Instruments TPA2016D2RTJT Datasheet HTML 3Page - Texas Instruments TPA2016D2RTJT Datasheet HTML 4Page - Texas Instruments TPA2016D2RTJT Datasheet HTML 5Page - Texas Instruments TPA2016D2RTJT Datasheet HTML 6Page - Texas Instruments TPA2016D2RTJT Datasheet HTML 7Page - Texas Instruments TPA2016D2RTJT Datasheet HTML 8Page - Texas Instruments TPA2016D2RTJT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 39 page
background image
OPERATING CHARACTERISTICS
TPA2016D2
IN+
IN–
OUT+
OUT–
V
DD
V
DD
GND
C
I
C
I
Measurement
Output
+
+
Load
30kHz
Low-Pass
Filter
Measurement
Input
+
1 F
m
TPA2016D2
www.ti.com........................................................................................................................................................ SLOS524D – JUNE 2008 – REVISED AUGUST 2009
at TA = 25°C, VDD = 3.6V, SDZ = 1.3 V, RL = 8 Ω +33 µH, and AV = 6 dB (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
kSVR
power-supply ripple rejection ratio
VDD = 3.6 Vdc with ac of 200 mVPP at 217 Hz
–68
dB
faud_in = 1 kHz; PO = 550 mW; VDD = 3.6 V
0.1%
faud_in = 1 kHz; PO = 1 W; VDD = 5 V
0.1%
THD+N
Total harmonic distortion + noise
faud_in = 1 kHz; PO = 630 mW; VDD = 3.6 V
1%
faud_in = 1 kHz; PO = 1.4 W; VDD = 5 V
1%
NfonF
Output integrated noise
Av = 6 dB
44
µV
NfoA
Output integrated noise
Av = 6 dB floor, A-weighted
33
µV
FR
Frequency response
Av = 6 dB
20
20000
Hz
THD+N = 10%, VDD = 5 V, RL = 8 Ω
1.72
W
THD+N = 10%, VDD = 3.6 V, RL = 8 Ω
750
mW
Pomax
Maximum output power
THD+N = 10%, VDD = 5 V, RL = 4 Ω
2.8
W
THD+N = 10% , VDD = 3.6 V, RL = 4 Ω
1.5
mW
THD+N = 1%, VDD = 3.6 V, RL = 8 Ω, PO= 0.63 W
90%
η
Efficiency
THD+N = 1%, VDD = 5 V, RL = 8 Ω, PO = 1.4 W
90%
TEST SET-UP FOR GRAPHS
(1)
All measurements were taken with a 1-
µF C
I (unless otherwise noted.)
(2)
A 33-
µH inductor was placed in series with the load resistor to emulate a small speaker for efficiency measurements.
(3)
The 30-kHz low-pass filter is required, even if the analyzer has an internal low-pass filter. An RC low-pass filter (1 k
4.7 nF) is used on each output for the data sheet graphs.
(4)
All THD + N graphs are taken with outputs out of phase (unless otherwise noted). All data is taken on left channel.
(5)
All data is taken on the WCSP package unless otherwise noted.
Copyright © 2008–2009, Texas Instruments Incorporated
5
Product Folder Link(s): TPA2016D2


Similar Part No. - TPA2016D2RTJT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2016D2RTJT TI1-TPA2016D2RTJT Datasheet
1Mb / 46P
[Old version datasheet]   2.8-W/Ch Stereo Class-D Audio Amplifier With Dynamic Range Compression and Automatic Gain Control
More results

Similar Description - TPA2016D2RTJT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2017D2 TI-TPA2017D2 Datasheet
780Kb / 20P
[Old version datasheet]   2.8-W/Ch Stereo Class-D Audio Amplifier with SmartGainTM Dynamic Range Compression and AGC
TPA2016D2 TI-TPA2016D2 Datasheet
986Kb / 35P
[Old version datasheet]   1.7-W/Ch Stereo Class-D Audio Amplifier with Dynamic Range Compression and AGC
TPA2016D2 TI1-TPA2016D2_17 Datasheet
1Mb / 46P
[Old version datasheet]   2.8-W/Ch Stereo Class-D Audio Amplifier With Dynamic Range Compression and Automatic Gain Control
TPA2026D2 TI-TPA2026D2_15 Datasheet
1Mb / 39P
[Old version datasheet]   3.2-W/Ch Stereo Class-D Audio Amplifier with Fast Gain Ramp SmartGain??AGC/DRC
TPA2026D2 TI-TPA2026D2 Datasheet
726Kb / 36P
[Old version datasheet]   3.2-W/Ch Stereo Class-D Audio Amplifier with Fast Gain Ramp SmartGain??AGC/DRC
logo
List of Unclassifed Man...
TMPA205DS ETC-TMPA205DS Datasheet
119Kb / 6P
   2.45-W/Ch STEREO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
logo
Eutech Microelectronics...
EUA2012 EUTECH-EUA2012 Datasheet
159Kb / 1P
   2.7-W/CH Stereo Filter-less Class-D Audio Power Amplifier
logo
Lyontek Inc.
LY8210 LYONTEK-LY8210 Datasheet
1Mb / 20P
   2.5 W/CH Stereo Class D Audio power Amplifier (WCSP/ TSSOP)
logo
Fairchild Semiconductor
FAB2210 FAIRCHILD-FAB2210 Datasheet
1Mb / 35P
   Audio Subsystem with Class-G Headphone and 3.3W Mono Class-D Speaker with Dynamic Range Compression
logo
Texas Instruments
TPA2012D2 TI-TPA2012D2_07 Datasheet
757Kb / 20P
[Old version datasheet]   2.1 W/CH STEREO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com