Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CRCW20109K09JOEA Datasheet(PDF) 4 Page - Vaishali Semiconductor

Part # CRCW20109K09JOEA
Description  Lead (Pb)-free Thick Film, Rectangular Chip Resistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VAISH [Vaishali Semiconductor]
Direct Link  
Logo VAISH - Vaishali Semiconductor

CRCW20109K09JOEA Datasheet(HTML) 4 Page - Vaishali Semiconductor

  CRCW20109K09JOEA Datasheet HTML 1Page - Vaishali Semiconductor CRCW20109K09JOEA Datasheet HTML 2Page - Vaishali Semiconductor CRCW20109K09JOEA Datasheet HTML 3Page - Vaishali Semiconductor CRCW20109K09JOEA Datasheet HTML 4Page - Vaishali Semiconductor CRCW20109K09JOEA Datasheet HTML 5Page - Vaishali Semiconductor CRCW20109K09JOEA Datasheet HTML 6Page - Vaishali Semiconductor CRCW20109K09JOEA Datasheet HTML 7Page - Vaishali Semiconductor CRCW20109K09JOEA Datasheet HTML 8Page - Vaishali Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.vishay.com
For technical questions in Europe, contact: ff3cresistors@vishay.com
Document Number: 20035
110
For technical questions in Americas/Asia, contact: ff2bresistors@vishay.com
Revision: 04-Jul-07
D../CRCW.... e3
Vishay
Lead (Pb)-free Thick Film, Rectangular Chip Resistors
FUNCTIONAL PERFORMANCE
1000
100
10
1
0.1
0.01
10
-6
10
-5
10
-4
10
-3
10
-2
10
-1
1
10
2512
1218
2010
1206
0805
0603
0402
Single Pulse
Maximum pulse load, single pulse; applicable if P
0 and n
≤ 1000 and U ≤ Umax;
for permissible resistance change equivalent to 8000 h operation
Pulse Duration t
i (s)
Continuous Pulse
100
10
1
0.10
0.01
10
-6
10
-5
10
-4
10
-3
10
-2
10
-1
1
10
Maximum pulse load, continuous pulses; applicable if P
≤ P (ϑamb) and Û ≤ Ûmax;
for permissible resistance change equivalent to 8000 h operation
Pulse Duration t
i (s)
1218
2010
1206
0805
0603
0402
2000
200
0
10
-6
10
-5
10
-4
10
-3
10
-2
10
-1
110
Pulse Voltage
Maximum pulse voltage, single and continuous pulses; applicable if
P
≤ Pmax; for permissible resistance change equivalent to 8000 h operation
Pulse Duration t
i (s)
400
600
800
1000
1200
1400
1600
1800
2512
2010
1206/1210/1218
0805
0603
0402


Similar Part No. - CRCW20109K09JOEA

ManufacturerPart #DatasheetDescription
logo
Vaishali Semiconductor
CRCW2010909RCETAP VAISH-CRCW2010909RCETAP Datasheet
111Kb / 5P
   Lead (Pb)-bearing Thick Film, Rectangular Precision Chip Resistor
CRCW2010909RCHTAP VAISH-CRCW2010909RCHTAP Datasheet
111Kb / 5P
   Lead (Pb)-bearing Thick Film, Rectangular Precision Chip Resistor
CRCW2010909RCKTAP VAISH-CRCW2010909RCKTAP Datasheet
111Kb / 5P
   Lead (Pb)-bearing Thick Film, Rectangular Precision Chip Resistor
CRCW2010909RDETAP VAISH-CRCW2010909RDETAP Datasheet
111Kb / 5P
   Lead (Pb)-bearing Thick Film, Rectangular Precision Chip Resistor
CRCW2010909RDHTAP VAISH-CRCW2010909RDHTAP Datasheet
111Kb / 5P
   Lead (Pb)-bearing Thick Film, Rectangular Precision Chip Resistor
More results

Similar Description - CRCW20109K09JOEA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CRCW040218K0FKED VISHAY-CRCW040218K0FKED Datasheet
151Kb / 8P
   Lead (Pb)-free Thick Film, Rectangular Chip Resistors
Revision: 04-Jul-07
CRCW2010100KFKEF VISHAY-CRCW2010100KFKEF Datasheet
151Kb / 8P
   Lead (Pb)-free Thick Film, Rectangular Chip Resistors
Revision: 04-Jul-07
CRCW1206-37 VISHAY-CRCW1206-37 Datasheet
111Kb / 5P
   Lead (Pb)-Free Thick Film, Rectangular Chip Resistors
CRCW06035K90FKEA VISHAY-CRCW06035K90FKEA Datasheet
151Kb / 8P
   Lead (Pb)-free Thick Film, Rectangular Chip Resistors
Revision: 04-Jul-07
CRCW12066K98FKEA VISHAY-CRCW12066K98FKEA Datasheet
151Kb / 8P
   Lead (Pb)-free Thick Film, Rectangular Chip Resistors
Revision: 04-Jul-07
CRCW0402261RFKED VISHAY-CRCW0402261RFKED Datasheet
151Kb / 8P
   Lead (Pb)-free Thick Film, Rectangular Chip Resistors
Revision: 04-Jul-07
CRCW1206221KFKEA VISHAY-CRCW1206221KFKEA Datasheet
151Kb / 8P
   Lead (Pb)-free Thick Film, Rectangular Chip Resistors
Revision: 04-Jul-07
CRCW12065R10FKEA VISHAY-CRCW12065R10FKEA Datasheet
151Kb / 8P
   Lead (Pb)-free Thick Film, Rectangular Chip Resistors
Revision: 04-Jul-07
CRCW040295K3FKED VISHAY-CRCW040295K3FKED Datasheet
151Kb / 8P
   Lead (Pb)-free Thick Film, Rectangular Chip Resistors
Revision: 04-Jul-07
CRCW08051R00JNEAIF VISHAY-CRCW08051R00JNEAIF Datasheet
134Kb / 6P
   Lead (Pb)-free Thick Film, Rectangular, Pulse Proof Chip Resistors
Revision: 13-Oct-08
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com