Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS370C020AFNT Datasheet(PDF) 2 Page - Texas Instruments

Part # TMS370C020AFNT
Description  8-BIT MICROCONTROLLER
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS370C020AFNT Datasheet(HTML) 2 Page - Texas Instruments

  TMS370C020AFNT Datasheet HTML 1Page - Texas Instruments TMS370C020AFNT Datasheet HTML 2Page - Texas Instruments TMS370C020AFNT Datasheet HTML 3Page - Texas Instruments TMS370C020AFNT Datasheet HTML 4Page - Texas Instruments TMS370C020AFNT Datasheet HTML 5Page - Texas Instruments TMS370C020AFNT Datasheet HTML 6Page - Texas Instruments TMS370C020AFNT Datasheet HTML 7Page - Texas Instruments TMS370C020AFNT Datasheet HTML 8Page - Texas Instruments TMS370C020AFNT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 61 page
background image
TMS370Cx2x
8-BIT MICROCONTROLLER
SPNS018C – FEBRUARY 1993 – REVISED FEBRUARY 1997
2
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
Pin Descriptions
PIN
NAME
DIP
(40)
PLCC
(44)
TYPE†
DESCRIPTION
A0
A1
A2
A3
A4
A5
A6
A7
18
17
16
15
14
13
11
10
20
19
18
17
16
15
13
12
I/O
Port A pins are general-purpose bidirectional I/O ports.
B0
B1
B2
B3
B4
B5
B6
B7
39
40
1
2
3
23
24
25
44
1
2
3
4
26
27
28
I/O
Port B pins are general-purpose bidirectional I/O ports.
C0
4
5
I/O
Port C pin is a general-purpose bidirectional I/O port.
D3
D4
D5
D6
D7
21
20
35
22
19
23
22
40
24
21
I/O
Port D pins are general-purpose bidirectional I/O ports. D3 is also configurable as SYSCLK.
INT1
INT2
INT3
6
7
8
7
8
9
I
I/O
I/O
External interrupt (non-maskable or maskable) general-purpose input pin
External maskable interrupt input/general-purpose bidirectional pin
External maskable interrupt input/general-purpose bidirectional pin
T1IC/CR
T1PWM
T1EVT
31
30
29
36
35
34
I/O
Timer 1 input-capture/counter-reset input pin/general-purpose bidirectional pin
Timer 1 pulse width modulation output pin/general-purpose bidirectional pin
Timer 1 external event-input pin/general-purpose bidirectional pin
SPISOMI
SPISIMO
SPICLK
28
27
26
32
31
30
I/O
SPI slave output pin, master input pin/general-purpose bidirectional pin
SPI slave input pin, master output pin/general-purpose bidirectional pin
SPI bidirectional serial clock pin/general-purpose bidirectional pin
SCITXD
SCIRXD
SCICLK
38
37
36
43
42
41
I/O
SCI transmit data output pin/general-purpose bidirectional pin‡
SCI receive data input pin/general-purpose bidirectional pin
SCI bidirectional serial clock pin/general-purpose bidirectional pin
RESET
5
6
I/O
System reset bidirectional pin; as input, RESET initializes microcontroller; as open-drain
output, RESET indicates an internal failure was detected by the watchdog or oscillator fault
circuit.
MC
34
39
I
Mode control-input pin. MC enables the EEPROM write-protection override (WPO) mode and
EPROM VPP.
XTAL2/CLKIN
XTAL1
33
32
38
37
I
O
Internal oscillator crystal input/external clock source input
Internal oscillator output for crystal
VCC
9
10
Positive supply voltage
VSS
12
14
Ground reference
NC
11
25
29
33
No connections
† I = input, O = output
‡ The three-pin configuration SCI is referred to as SCI1.


Similar Part No. - TMS370C020AFNT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS370C020A TI-TMS370C020A Datasheet
868Kb / 60P
[Old version datasheet]   8-BIT MICROCONTROLLER
TMS370C020AYYZ TI-TMS370C020AYYZ Datasheet
930Kb / 78P
[Old version datasheet]   TMS370 MICROCONTROLLER FAMILY DATA BOOK
More results

Similar Description - TMS370C020AFNT

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com