Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLVH431AIDBZTG4 Datasheet(PDF) 7 Page - Texas Instruments

Part # TLVH431AIDBZTG4
Description  LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLVH431AIDBZTG4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLVH431AIDBZTG4 Datasheet HTML 3Page - Texas Instruments TLVH431AIDBZTG4 Datasheet HTML 4Page - Texas Instruments TLVH431AIDBZTG4 Datasheet HTML 5Page - Texas Instruments TLVH431AIDBZTG4 Datasheet HTML 6Page - Texas Instruments TLVH431AIDBZTG4 Datasheet HTML 7Page - Texas Instruments TLVH431AIDBZTG4 Datasheet HTML 8Page - Texas Instruments TLVH431AIDBZTG4 Datasheet HTML 9Page - Texas Instruments TLVH431AIDBZTG4 Datasheet HTML 10Page - Texas Instruments TLVH431AIDBZTG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 53 page
background image
TLVH431, TLVH431A, TLVH431B
TLVH432, TLVH432A, TLVH432B
www.ti.com....................................................................................................................................... SLVS555I – NOVEMBER 2004 – REVISED SEPTEMBER 2009
ABSOLUTE MAXIMUM RATINGS
(1)
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VKA
Cathode voltage(2)
20
V
IK
Cathode current range
–25
80
mA
Iref
Reference current range
–0.05
3
mA
DBV package
206
DBZ package
206
θJA
Package thermal impedance(3) (4)
DCK package
252
°C/W
LP package
140
PK package
52
TJ
Operating virtual junction temperature
150
°C
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Voltage values are with respect to the anode terminal, unless otherwise noted.
(3)
Maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any allowable ambient
temperature is PD = (TJ(max) – TA)/θJA. Operating at the absolute maximum TJ of 150°C can affect reliability.
(4)
The package thermal impedance is calculated in accordance with JESD 51-7.
RECOMMENDED OPERATING CONDITIONS
MIN
MAX
UNIT
VKA
Cathode voltage
VREF
18
V
IK
Cathode current (continuous)
0.1
70
mA
TLVH43x_C
0
70
TA
Operating free-air temperature
TLVH43x_I
–40
85
°C
TLVH43x_Q
–40
125
Copyright © 2004–2009, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TLVH431 TLVH431A TLVH431B TLVH432 TLVH432A TLVH432B


Similar Part No. - TLVH431AIDBZTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLVH431AIDBZTG4 TI-TLVH431AIDBZTG4 Datasheet
570Kb / 37P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
TLVH431AIDBZTG4 TI-TLVH431AIDBZTG4 Datasheet
673Kb / 38P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
TLVH431AIDBZTG4 TI1-TLVH431AIDBZTG4 Datasheet
1Mb / 50P
[Old version datasheet]   Low-Voltage Adjustable Precision Shunt Regulators
More results

Similar Description - TLVH431AIDBZTG4

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX432 MICROSEMI-LX432 Datasheet
155Kb / 8P
   LOW VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Texas Instruments
TLVH431A-Q1 TI1-TLVH431A-Q1 Datasheet
658Kb / 25P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
TLV431 TI-TLV431_06 Datasheet
787Kb / 31P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
TLV431 TI-TLV431 Datasheet
232Kb / 34P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
TLV431A-Q1 TI1-TLV431A-Q1 Datasheet
489Kb / 21P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
logo
SYNC POWER Crop.
SP432 SYNC-POWER-SP432_13 Datasheet
394Kb / 15P
   Low Voltage Adjustable Precision Shunt Regulators
logo
Linear Dimensions Semic...
LND431 LINEAR_DIMENSIONS-LND431 Datasheet
128Kb / 6P
   Low-voltage Adjustable Precision Shunt Regulators
logo
Texas Instruments
TLVH431 TI1-TLVH431_15 Datasheet
1Mb / 50P
[Old version datasheet]   Low-Voltage Adjustable Precision Shunt Regulators
TLVH431A-Q1 TI1-TLVH431A-Q1_15 Datasheet
1,003Kb / 25P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
logo
SYNC POWER Crop.
SP432 SYNC-POWER-SP432 Datasheet
347Kb / 14P
   Low Voltage Adjustable Precision Shunt Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com