Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74HCMOS153PW Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # 74HCMOS153PW
Description  74HC/HCT153 Dual 4-input multiplexer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

74HCMOS153PW Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  74HCMOS153PW Datasheet HTML 1Page - List of Unclassifed Manufacturers 74HCMOS153PW Datasheet HTML 2Page - List of Unclassifed Manufacturers 74HCMOS153PW Datasheet HTML 3Page - List of Unclassifed Manufacturers 74HCMOS153PW Datasheet HTML 4Page - List of Unclassifed Manufacturers 74HCMOS153PW Datasheet HTML 5Page - List of Unclassifed Manufacturers 74HCMOS153PW Datasheet HTML 6Page - List of Unclassifed Manufacturers 74HCMOS153PW Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
December 1990
5
Philips Semiconductors
Product specification
Dual 4-input multiplexer
74HC/HCT153
DC CHARACTERISTICS FOR 74HC
For the DC characteristics see
“74HC/HCT/HCU/HCMOS Logic Family Specifications”.
Output capability: standard
ICC category: MSI
AC CHARACTERISTICS FOR 74HC
GND = 0 V; tr =tf = 6 ns; CL = 50 pF
SYMBOL
PARAMETER
Tamb (°C)
UNIT
TEST CONDITIONS
74HC
VCC
(V)
WAVEFORMS
+25
−40 to+85
−40 to+125
min.
typ.
max.
min.
max.
min.
max.
tPHL/ tPLH
propagation delay
1In to nY;
2In to nY
47
17
14
145
29
25
180
36
31
220
44
38
ns
2.0
4.5
6.0
Fig.6
tPHL/ tPLH
propagation delay
Sn to nY
50
18
14
150
30
26
190
38
33
225
45
38
ns
2.0
4.5
6.0
Fig.7
tPHL/ tPLH
propagation delay
nE to nY
33
12
10
100
20
17
125
25
21
150
30
26
ns
2.0
4.5
6.0
Fig.7
tTHL/ tTLH
output transition time
19
7
6
75
15
13
95
19
16
110
22
19
ns
2.0
4.5
6.0
Figs 6 and 7


Similar Part No. - 74HCMOS153PW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HCMOS147N PHILIPS-74HCMOS147N Datasheet
43Kb / 7P
   10-TO-4 LINE PRIORITY ENCODER
December 1990
More results

Similar Description - 74HCMOS153PW

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
74HC_HCT151 ICST-74HC_HCT151 Datasheet
48Kb / 7P
   74HC/HCT151 8-input multiplexer
logo
Fairchild Semiconductor
74AC153 FAIRCHILD-74AC153 Datasheet
98Kb / 9P
   Dual 4-Input Multiplexer
logo
National Semiconductor ...
54AC153 NSC-54AC153 Datasheet
150Kb / 8P
   Dual 4-Input Multiplexer
logo
Nexperia B.V. All right...
74HC153-Q100 NEXPERIA-74HC153-Q100 Datasheet
236Kb / 14P
   Dual 4-input multiplexer
logo
Motorola, Inc
MC74AC352 MOTOROLA-MC74AC352 Datasheet
189Kb / 7P
   DUAL 4-INPUT MULTIPLEXER
logo
National Semiconductor ...
MM74HC153 NSC-MM74HC153 Datasheet
111Kb / 4P
   Dual 4-Input Multiplexer
logo
NXP Semiconductors
74ALS153 PHILIPS-74ALS153 Datasheet
110Kb / 9P
   Dual 4-input multiplexer
1991 Feb 08
logo
National Semiconductor ...
54F153DM NSC-54F153DM Datasheet
167Kb / 10P
   Dual 4-Input Multiplexer
logo
AVG Semiconductors(HITE...
DV74ACT153 AVG-DV74ACT153 Datasheet
300Kb / 4P
   Dual 4-Input Multiplexer
logo
Motorola, Inc
MC5474F352 MOTOROLA-MC5474F352 Datasheet
68Kb / 3P
   DUAL 4-INPUT MULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com