Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK7714 Datasheet(PDF) 6 Page - Asahi Kasei Microsystems

Part # AK7714
Description  20-Bit Audio Codec with DSP and Delay RAM
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK7714 Datasheet(HTML) 6 Page - Asahi Kasei Microsystems

Back Button AK7714 Datasheet HTML 2Page - Asahi Kasei Microsystems AK7714 Datasheet HTML 3Page - Asahi Kasei Microsystems AK7714 Datasheet HTML 4Page - Asahi Kasei Microsystems AK7714 Datasheet HTML 5Page - Asahi Kasei Microsystems AK7714 Datasheet HTML 6Page - Asahi Kasei Microsystems AK7714 Datasheet HTML 7Page - Asahi Kasei Microsystems AK7714 Datasheet HTML 8Page - Asahi Kasei Microsystems AK7714 Datasheet HTML 9Page - Asahi Kasei Microsystems AK7714 Datasheet HTML 10Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 48 page
background image
[ASAHI KASEI]
[AK7714]
M0018-E-00
‘98/07
- 6 -
Pin No.
Pin name
I/O
Function
Classification
23
SDIN1
I
DSP Serial data input pin (Pulldown)
Compatible with MSB first/LSB first 24, 20 and 16 bits
24
SDIN2
I
DSP Serial data input pin (Pulldown)
Compatible with MSB first/LSB first 24, 20 and 16 bits
Digital section
Serial input data
27
XTI
I
Master clock input pin
Connect a crystal oscillator between this pin and the XTO pin, or input the
external CMOS clock signal XTI pin. The clock frequency
can be selected by the CKS0 and CKS1 pins.
28
XTO
O
Crystal oscillator output pin
When a crystal oscillator is used, connect it between the XTI pin and this pin.
When the external clock is used, keep this pin open.
System clock
30,31
DVSS
-
Digital Ground
32,33
DVDD
-
+5 V Digital Power supply
Power supply
34
OPCL
I
ADC/DAC connection selector pin (Pulldown)
OPCL="L" (Leave open or connect to DVSS.): Connected
OPCL="H": Disconnected
Control
35
CLKO
O
Clock output pin
Outputs the XTI clock.
Allows the output to be set to "L" using the CTRL0 and CTRL1 pins.
Others
36
LRCLK
I/O
LR channel select Clock pin
SMODE="L": Slave mode: Inputs the fs clock.
SMODE="H": Master mode: Outputs the fs clock.
37
BITCLK
I/O
Serial bit clock pin
SMODE="L": Slave mode: Inputs 64 fs or 48 fs clocks.
SMODE="H": Master mode: Outputs 64 fs clocks.
System clock
39
DRDY
O
Output data ready pin for microcomputer interface.
40
SO
O
Serial data output pin for microcomputer interface (compatible with Hi-Z)
Hi-Z state is obtained when CS =”H".
41
RDY
O
Data write ready output pin for microcomputer interface (compatible with Hi-Z)
Hi-Z state is obtained when CS =”H”.
Microcomputer
interface


Similar Part No. - AK7714

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK7712 AKM-AK7712 Datasheet
968Kb / 87P
   Built-in 20-bit ADC/DAC Sophisticated Audio DSP
AK7712A-VT AKM-AK7712A-VT Datasheet
968Kb / 87P
   Built-in 20-bit ADC/DAC Sophisticated Audio DSP
AK7719 AKM-AK7719 Datasheet
335Kb / 16P
   Low Power DSP for Voice and Audio Processing
AK7719B AKM-AK7719B Datasheet
826Kb / 20P
   Low Power DSP for Voice and Audio Processing
AK7719BECB AKM-AK7719BECB Datasheet
826Kb / 20P
   Low Power DSP for Voice and Audio Processing
More results

Similar Description - AK7714

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK7770EQ AKM-AK7770EQ Datasheet
412Kb / 22P
   Audio DSP with Multi-Channel Audio CODEC
AK7770 AKM-AK7770 Datasheet
412Kb / 22P
   Audio DSP with Multi-Channel Audio CODEC
AK4961ECB AKM-AK4961ECB Datasheet
198Kb / 4P
   Low-Power CODEC with Audio/Voice DSP
AK7752 AKM-AK7752 Datasheet
645Kb / 23P
   Audio/Hands Free DSP with Stereo CODEC
logo
HuaXinAn Electronics CO...
AK4961ECB HUAXINAN-AK4961ECB Datasheet
311Kb / 4P
   Low-Power CODEC with Audio/Voice DSP
logo
Cirrus Logic
CS47L63 CIRRUS-CS47L63 Datasheet
6Mb / 300P
   Smart Codec with Low-Power Audio DSP
F3 SEP 18
logo
Asahi Kasei Microsystem...
AK4962 AKM-AK4962 Datasheet
246Kb / 7P
   Low-Power CODEC with Audio/Voice DSP
logo
Cirrus Logic
CS47L15 CIRRUS-CS47L15 Datasheet
4Mb / 279P
   Smart Codec with Low-Power Audio DSP
FEB 2019
logo
Wolfson Microelectronic...
WM5102 WOLFSON-WM5102 Datasheet
3Mb / 334P
   Audio Hub CODEC with Voice Processor DSP
logo
Asahi Kasei Microsystem...
AK4962ECB AKM-AK4962ECB Datasheet
246Kb / 7P
   Low-Power CODEC with Audio/Voice DSP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com