Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECKN3J102FGP Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # ECKN3J102FGP
Description  High Voltage Ceramic Disc Capacitors (Low loss type)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECKN3J102FGP Datasheet(HTML) 1 Page - Panasonic Semiconductor

  ECKN3J102FGP Datasheet HTML 1Page - Panasonic Semiconductor ECKN3J102FGP Datasheet HTML 2Page - Panasonic Semiconductor ECKN3J102FGP Datasheet HTML 3Page - Panasonic Semiconductor ECKN3J102FGP Datasheet HTML 4Page - Panasonic Semiconductor ECKN3J102FGP Datasheet HTML 5Page - Panasonic Semiconductor ECKN3J102FGP Datasheet HTML 6Page - Panasonic Semiconductor ECKN3J102FGP Datasheet HTML 7Page - Panasonic Semiconductor ECKN3J102FGP Datasheet HTML 8Page - Panasonic Semiconductor ECKN3J102FGP Datasheet HTML 9Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
High Voltage Ceramic Disc Capacitors (Low loss type)
E
1
C
2
K
3456789
10
11
12
Product Code
Class
Class 1
Class 2
Code
ECC
ECK
Suffix
Rated Voltage
Code
3A
3D
3F
3J
Rated Volt.
1 kVDC
2 kVDC
3 kVDC
6 kVDC
Code
G
B
R
Char.
SL/GP
B/Y5P
R/Y5R
Temp. Char.
Lead Style
Code
A
N
Style
Kinked Lead
Bulk
Kinked Lead
Taped
Cap.
47 pF
100 pF
1000 pF
2200 pF
4700 pF
Nominal Capacitance
Cap. Tol.
±0.5 pF
±1.0 pF
±5%
±10 %
Cap. Tolerance
N3A1
0
2
K
B
Ex.
470
101
102
222
472
Code
D
F
J
K
P
High Voltage Ceramic Disc Capacitors (Low loss type)
Series:
KGE/Char. SL/GP, 1 to 6 kVDC
Series:
KBP/Char. B/Y5P, 1 to 3 kVDC
Series:
KRP/Char. R/Y5R, 1 to 3 kVDC
Features
● Wide operating temperature range:
(–25 to 105 °C or –25 to 125 °C)
● Improved Voltage vs.Temperature Rise
● Flame-retardant insulated coating
● Easy mounting through kinked leads and radial taping
Recommended Applications
● Snubber circuit for switching power supply
● Horizontal resonance circuitry for TVs and CRT displays
● Inverter type lighting apparatus
● Ballast circuit for LCD backlighting inverter
(For series KGE)
● Other high voltage pulse and DC circuitry
Explanation of Part Numbers
Specifications
Characteristic
Series KGE
Series KBP, KRP
Operating
Temperature Range
–25 to 105 °C
–25 to 125 °C
Rated Voltage
1 kVDC to 6 kVDC
1 kVDC to 3 kVDC
Dielectric
Withstanding
Voltage
Rated Voltage 1 to 3 kVDC:
200 % of Rated Voltage
for 1 to 5 seconds
Rated Voltage 6 kVDC:
150 % of Rated Voltage
for 1 to 5 seconds
Rated Voltage 1 to 3 kVDC:
200 % of Rated Voltage for 1 to 5 seconds
Capacitance
Within the specified tolerance,
when measured at 1 MHz ± 20 %,
1 to 5 Vrms, and 20 °C
Within the specified tolerance,
when measured at 1 kHz ± 20 %,1 to 5 Vrms, and 20 °C
Q or
Dissipation Factor
(tan
d)
30 pF or under Q
> 400+20 C
(C:Cap.pF)
over 30 pF Q
> 1000
at 1 MHz ± 20 %,1 to 5 Vrms.
and 20 °C
Series KBP : tan
d > 0.025
Series KRP : tan
d > 0.002
at 1 kHz ± 20 %,1 to 5 Vrms. and 20 °C
Insulation
Resistance
10000 M
min.
at 500 VDC 1 minute electrification
Temperature
Characteristics
Temperature Coefficient:
+350 to –1000 ppm/°C
(Temperature Range:20 to 85°C)
Series
Temp.Charmax.Cap.Change
Temp. Range
KBP
B/Y5P
±10 %
–25 to 85 °C
KRP
R/Y5R
±15 %
–25 to 85 °C
Feb. 2006


Similar Part No. - ECKN3J102FGP

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECKN3A222DGP PANASONIC-ECKN3A222DGP Datasheet
619Kb / 9P
   High Voltage Ceramic Disc Capacitors (Low loss type)
ECKN3A222FGP PANASONIC-ECKN3A222FGP Datasheet
619Kb / 9P
   High Voltage Ceramic Disc Capacitors (Low loss type)
ECKN3A470DGP PANASONIC-ECKN3A470DGP Datasheet
619Kb / 9P
   High Voltage Ceramic Disc Capacitors (Low loss type)
ECKN3A470FGP PANASONIC-ECKN3A470FGP Datasheet
619Kb / 9P
   High Voltage Ceramic Disc Capacitors (Low loss type)
ECKN3A472DGP PANASONIC-ECKN3A472DGP Datasheet
619Kb / 9P
   High Voltage Ceramic Disc Capacitors (Low loss type)
More results

Similar Description - ECKN3J102FGP

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECK-N3D102KBP PANASONIC-ECK-N3D102KBP Datasheet
619Kb / 9P
   High voltage ceramic disc capacitors (low loss type)
ECK-A3D222KBP PANASONIC-ECK-A3D222KBP Datasheet
619Kb / 9P
   High Voltage Ceramic Disc Capacitors (Low loss type)
ECC-D3A270JGE PANASONIC-ECC-D3A270JGE Datasheet
426Kb / 10P
   High Voltage Ceramic Disc Capacitors (Low loss type)
ECK-A3A332KBP PANASONIC-ECK-A3A332KBP Datasheet
619Kb / 9P
   High Voltage Ceramic Disc Capacitors ( Low loss type)
ECC-D3A220JGE PANASONIC-ECC-D3A220JGE Datasheet
426Kb / 10P
   HIGH VOLTAGE CERAMIC DISC CAPACITORS (LOW LOSS TYPE)
ECK-A3D102KBP PANASONIC-ECK-A3D102KBP Datasheet
619Kb / 9P
   High Voltage Ceramic Disc Capacitors (Low loss type)
ECK-A3A151KBP PANASONIC-ECK-A3A151KBP Datasheet
619Kb / 9P
   High Voltage Ceramic Disc Capacitors (Low loss type)
ECC-A3F560JGE PANASONIC-ECC-A3F560JGE Datasheet
619Kb / 9P
   High Voltage Ceramic Disc Capacitors (Low loss type)
ECC-D3A150JGE PANASONIC-ECC-D3A150JGE Datasheet
426Kb / 10P
   High Voltage Ceramic Disc Capacitors (Low Loss type)
ECK-A3F471KBP PANASONIC-ECK-A3F471KBP Datasheet
619Kb / 9P
   High Voltage Ceramic Disc Capacitors (Low loss type)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com