Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLC7705QPWREP Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TLC7705QPWREP
Description  MICROPOWER SUPPLY VOLTAGE SUPERVISORS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC7705QPWREP Datasheet(HTML) 4 Page - Texas Instruments

  TLC7705QPWREP Datasheet HTML 1Page - Texas Instruments TLC7705QPWREP Datasheet HTML 2Page - Texas Instruments TLC7705QPWREP Datasheet HTML 3Page - Texas Instruments TLC7705QPWREP Datasheet HTML 4Page - Texas Instruments TLC7705QPWREP Datasheet HTML 5Page - Texas Instruments TLC7705QPWREP Datasheet HTML 6Page - Texas Instruments TLC7705QPWREP Datasheet HTML 7Page - Texas Instruments TLC7705QPWREP Datasheet HTML 8Page - Texas Instruments TLC7705QPWREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
TLC7701-EP, TLC7705-EP, TLC7733-EP
SGLS013E
– MARCH 2003 – REVISED NOVEMBER 2011
www.ti.com
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range (unless otherwise noted)
(1)
VALUE
UNIT
VDD
Supply voltage(2)
7
V
Input voltage range, CONTROL, RESIN, SENSE (2)
-0.3 to 7
V
IOL
Maximum low output current
10
mA
IOH
Maximum high output current
10
mA
IIK
Input clamp current, (VI < 0 or VI > VDD)
±10
mA
IOK
Output clamp current, (VO < 0 or VO > VDD)
±10
mA
TL77xxQ
-40 to 125
TA
Operating free-air temperature range
°C
TL77xxM
-55 to 125
Tstg
Storage temperature range
-65 to 150
°C
(1)
Stresses beyond those listed under
"absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under
"recommended operating
conditions
" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to GND.
THERMAL INFORMATION
TLC77xx-EP
TLC77xx-EP
THERMAL METRIC(1)
D
PW
UNITS
8 PINS
8 PINS
θJA
Junction-to-ambient thermal resistance
97.1
168
θJC
Junction-to-case thermal resistance
39.4
38.9
θJB
Junction-to-board thermal resistance
-
96.6
°C/W
ψJT
Junction-to-top characterization parameter
-
1.5
ψJB
Junction-to-board characterization parameter
-
94.7
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
RECOMMENDED OPERATING CONDITIONS
(1)
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VDD
Supply voltage
2
6
V
VI
Input voltage
0
VDD
V
VIH
High-level input voltage at RESIN and CONTROL(2)
0.7
×VDD
V
VIL
Low-level input voltage at RESIN and CONTROL
0.2
×VDD
V
IOH
High-level output current, VDD ≥ 2.7 V
-2
mA
IOL
Low-level output current, VDD ≥ 2.7 V
2
mA
Δt/ΔV
Input transition rise and fall rate at RESIN and CONTROL
100
ns/V
Q temperature range
-40
125
TA
Operating free-air temperature range
°C
M temperature range
-55
125
(1)
Long-term high-temperature storage and/or extended use at maximum recommended operating conditions may result in a reduction of
overall device life. See http://www.ti.com/ep_quality for additional information on enhanced plastic packaging.
(2)
To ensure a low supply current, VIL should be kept <0.3 V and VIH > -0.3 V.
4
Submit Documentation Feedback
Copyright
© 2003–2011, Texas Instruments Incorporated
Product Folder Link(s): TLC7701-EP TLC7705-EP TLC7733-EP


Similar Part No. - TLC7705QPWREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC7705QPWREP TI-TLC7705QPWREP Datasheet
214Kb / 11P
[Old version datasheet]   MICROPOWER SUPPLY VOLTAGE SUPERVISORS
TLC7705QPWREP TI1-TLC7705QPWREP Datasheet
1Mb / 21P
[Old version datasheet]   MICROPOWER SUPPLY VOLTAGE SUPERVISORS
More results

Similar Description - TLC7705QPWREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC7725IDR TI-TLC7725IDR Datasheet
1Mb / 36P
[Old version datasheet]   Micropower Supply Voltage Supervisors
TLC7701-Q1 TI1-TLC7701-Q1 Datasheet
217Kb / 14P
[Old version datasheet]   MICROPOWER SUPPLY VOLTAGE SUPERVISORS
TLC7701 TI1-TLC7701_17 Datasheet
1Mb / 37P
[Old version datasheet]   Micropower Supply Voltage Supervisors
TLC7701IPWG4 TI-TLC7701IPWG4 Datasheet
1Mb / 36P
[Old version datasheet]   Micropower Supply Voltage Supervisors
TLC7705MJGB TI1-TLC7705MJGB Datasheet
1Mb / 36P
[Old version datasheet]   Micropower Supply Voltage Supervisors
TLC7701 TI1-TLC7701_12 Datasheet
1Mb / 32P
[Old version datasheet]   Micropower Supply Voltage Supervisors
TLC7701-Q1 TI1-TLC7701-Q1_16 Datasheet
1Mb / 18P
[Old version datasheet]   MICROPOWER SUPPLY VOLTAGE SUPERVISORS
TLC7701-EP TI-TLC7701-EP Datasheet
214Kb / 11P
[Old version datasheet]   MICROPOWER SUPPLY VOLTAGE SUPERVISORS
TLC7701 TI1-TLC7701_16 Datasheet
1Mb / 38P
[Old version datasheet]   Micropower Supply Voltage Supervisors
TLC7701 TI-TLC7701 Datasheet
304Kb / 19P
[Old version datasheet]   MICROPOWER SUPPLY VOLTAGE SUPERVISORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com