Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN75188DRE4 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN75188DRE4
Description  QUADRUPLE LINE DRIVERS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN75188DRE4 Datasheet(HTML) 2 Page - Texas Instruments

  SN75188DRE4 Datasheet HTML 1Page - Texas Instruments SN75188DRE4 Datasheet HTML 2Page - Texas Instruments SN75188DRE4 Datasheet HTML 3Page - Texas Instruments SN75188DRE4 Datasheet HTML 4Page - Texas Instruments SN75188DRE4 Datasheet HTML 5Page - Texas Instruments SN75188DRE4 Datasheet HTML 6Page - Texas Instruments SN75188DRE4 Datasheet HTML 7Page - Texas Instruments SN75188DRE4 Datasheet HTML 8Page - Texas Instruments SN75188DRE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
MC1488, SN55188, SN75188
QUADRUPLE LINE DRIVERS
SLLS094C − SEPTEMBER 1983 − REVISED MAY 2004
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
FUNCTION TABLE
(drivers 2−4)
A
B
Y
H
H
L
L
XH
X
L
H
H = high level, L = low level,
X = irrelevant
logic diagram (positive logic)
9
5
4
2
10
12
13
4Y
3Y
2Y
1Y
1A
2A
2B
3A
3B
4A
4B
11
8
6
3
Positive logic
Y = A (driver 1)
Y = AB or A + B (drivers 2 thru 4)
schematic (each driver)
Output
300
70
3.7 k
10 k
To Other Drivers
VCC −
Drivers
Other
To
GND
3.6 k
Input(s)
B
A
VCC +
70
6.2 k
8.2 k
Drivers
To Other
Resistor values shown are nominal.


Similar Part No. - SN75188DRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75188DRE4 TI-SN75188DRE4 Datasheet
525Kb / 16P
[Old version datasheet]   QUADRUPLE LINE DRIVERS
More results

Similar Description - SN75188DRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MC1488 TI-MC1488_06 Datasheet
525Kb / 16P
[Old version datasheet]   QUADRUPLE LINE DRIVERS
MC1488 TI-MC1488 Datasheet
133Kb / 8P
[Old version datasheet]   QUADRUPLE LINE DRIVERS
SN55188 TI-SN55188 Datasheet
531Kb / 15P
[Old version datasheet]   QUADRUPLE LINE DRIVERS
logo
LG Semicon Co.,Ltd.
GD75188 LG-GD75188 Datasheet
259Kb / 3P
   QUADRUPLE LINE DRIVERS
logo
KODENSHI_AUK CORP.
KK1488 KODENSHI-KK1488 Datasheet
277Kb / 5P
   Quadruple Line Drivers
logo
Texas Instruments
SN55ALS194 TI-SN55ALS194 Datasheet
150Kb / 11P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVERS
SN75ALS194NSR TI-SN75ALS194NSR Datasheet
894Kb / 22P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVERS
SNJ55ALS194J TI-SNJ55ALS194J Datasheet
894Kb / 22P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVERS
AM26C31C TI-AM26C31C Datasheet
150Kb / 10P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVERS
REVISED SEPTEMBER 1998
SN75C188 TI-SN75C188_06 Datasheet
411Kb / 15P
[Old version datasheet]   QUADRUPLE LOW-POWER LINE DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com