Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THS3112IDDAG3 Datasheet(PDF) 8 Page - Texas Instruments

Part # THS3112IDDAG3
Description  LOW-NOISE, HIGH-SPEED, CURRENT FEEDBACK AMPLIFIERS
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS3112IDDAG3 Datasheet(HTML) 8 Page - Texas Instruments

Back Button THS3112IDDAG3 Datasheet HTML 4Page - Texas Instruments THS3112IDDAG3 Datasheet HTML 5Page - Texas Instruments THS3112IDDAG3 Datasheet HTML 6Page - Texas Instruments THS3112IDDAG3 Datasheet HTML 7Page - Texas Instruments THS3112IDDAG3 Datasheet HTML 8Page - Texas Instruments THS3112IDDAG3 Datasheet HTML 9Page - Texas Instruments THS3112IDDAG3 Datasheet HTML 10Page - Texas Instruments THS3112IDDAG3 Datasheet HTML 11Page - Texas Instruments THS3112IDDAG3 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
0.1
1
10
100
1000
f
Frequency
MHz
-
-
G=2
V
=
5V
R =100
CC
L
W
±
R =680
F
W
18
12
6
0
6
12
18
24
-
-
-
-
4 V
PP
2 V
PP
1.125 V
PP
0.711 V
PP
0.4 V
PP
0.125 V
PP
0.1
1
10
100
1000
f
Frequency
MHz
-
-
G=2
V
=
15V
R =100
CC
L
W
±
R =680
F
W
18
12
6
0
6
12
18
24
-
-
-
-
4 V
PP
2 V
PP
1.125 V
PP
0.711 V
PP
0.4 V
PP
0.125 V
PP
-
-
20
40
60
80
120
-
-
-100
-
0.1
1
10
100
f
Frequency
MHz
-
-
G=2
V
=
5V
V
=2
CC
O
R =680
R =100
V
F
L
PP
W
W
±
Second
Harmonic
ThirdHarmonic
FourthHarmonic
Fifth
Harmonic
-
-
20
40
60
80
120
-
-
-100
-
0.1
1
10
100
f
Frequency
MHz
-
-
Second
Harmonic
ThirdHarmonic
FourthHarmonic
Fifth
Harmonic
G=2
V
=
5V
V
=2
R =680
R =100
V
F
L
PP)
W
W
CC
O(
±1
-
-
-
-
-
-
10
30
50
70
90
110
0
1
2
3
4
5
6
7
8
V
Peak-to-PeakOutputVoltage
V
-
-
PP
Second
Harmonic
ThirdHarmonic
FourthHarmonic
FifthHarmonic
G=2
V
=
5V
f=1MHz
R =680
R =100
F
L
W
W
CC
±
-
-
-
-
-
70
80
90
100
110
0
1
2
3
4
5
6
7
8
V
Peak-to-PeakOutputVoltage
V
-
-
PP
Second
Harmonic
ThirdHarmonic
FourthHarmonic
FifthHarmonic
G=2
V
=
5V
f=1MHz
R =680
R =100
F
L
W
W
CC
±1
9
10
100
1 k
10 k
100 k
f
Frequency
Hz
-
-
100
10
1
V
=
5V
T =+25 C
CC
A
to
5V
±
°
±1
V
n
I
n+
I
n-
80
70
60
50
40
30
20
10
0
0.1
1
10
100
f
Frequency
MHz
-
-
G=2
R =100
R =1k
L
F
W
W
V
=
5V
CC
±
V
=
15V
CC
±
70
60
50
40
30
20
10
0
0.1
1
10
100
f
Frequency
MHz
-
-
G=2
R =100
R =680
L
F
W
W
PSRR
=
5V
-
±
PSRR
=
15V
-
±
THS3112
THS3115
SLOS385C – SEPTEMBER 2001 – REVISED SEPTEMBER 2010
www.ti.com
TYPICAL CHARACTERISTICS (continued)
SMALL- AND LARGE-SIGNAL
SMALL- AND LARGE-SIGNAL
OUTPUT
OUTPUT
HARMONIC DISTORTION
vs FREQUENCY
vs FREQUENCY
vs FREQUENCY
Figure 19.
Figure 20.
Figure 21.
HARMONIC DISTORTION
HARMONIC DISTORTION
HARMONIC DISTORTION
vs PEAK-TO-PEAK OUTPUT
vs PEAK-TO-PEAK OUTPUT
vs FREQUENCY
VOLTAGE
VOLTAGE
Figure 22.
Figure 23.
Figure 24.
VOLTAGE NOISE AND CURRENT
POWER-SUPPLY REJECTION
NOISE
COMMON-MODE REJECTION RATIO
RATIO
vs FREQUENCY
vs FREQUENCY
vs FREQUENCY
Figure 25.
Figure 26.
Figure 27.
8
Submit Documentation Feedback
Copyright © 2001–2010, Texas Instruments Incorporated
Product Folder Link(s): THS3112 THS3115


Similar Part No. - THS3112IDDAG3

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
THS3112 BURR-BROWN-THS3112 Datasheet
371Kb / 14P
   LOW-NOISE, HIGH-SPEED CURRENT FEEDBACK AMPLIFIERS
logo
Texas Instruments
THS3112 TI1-THS3112 Datasheet
1Mb / 33P
[Old version datasheet]   LOW-DISTORTION, HIGH SLEW RATE, CURRENT-FEEDBACK AMPLIFIERS
More results

Similar Description - THS3112IDDAG3

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
THS3112 BURR-BROWN-THS3112 Datasheet
371Kb / 14P
   LOW-NOISE, HIGH-SPEED CURRENT FEEDBACK AMPLIFIERS
logo
Texas Instruments
THS3122 TI-THS3122 Datasheet
664Kb / 20P
[Old version datasheet]   LOW-NOISE, HIGH-SPEED, 450 mA CURRENT FEEDBACK AMPLIFIERS
THS3122 TI1-THS3122 Datasheet
1Mb / 43P
[Old version datasheet]   Low-Noise, High-Speed, 450-mA Current Feedback Amplifiers
THS3110IDGN TI-THS3110IDGN Datasheet
1Mb / 37P
[Old version datasheet]   LOW-NOISE, HIGH-VOLTAGE, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3110 TI-THS3110 Datasheet
934Kb / 28P
[Old version datasheet]   LOW-NOISE, HIGH-VOLTAGE, CURRENT-FEEDBACK, OPERATIONAL AMPLIFIERS
THS3110 TI1-THS3110_14 Datasheet
1Mb / 38P
[Old version datasheet]   LOW-NOISE, HIGH-VOLTAGE, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3120 TI-THS3120 Datasheet
916Kb / 28P
[Old version datasheet]   LOW-NOISE, HIGH-OUTPUT DRIVE, CURRENT-FEEDBACK, OPERATIONAL AMPLIFIERS
THS3120 TI1-THS3120_14 Datasheet
1Mb / 36P
[Old version datasheet]   LOW-NOISE, HIGH-OUTPUT DRIVE, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3120 TI1-THS3120_16 Datasheet
1Mb / 35P
[Old version datasheet]   LOW-NOISE, HIGH-OUTPUT DRIVE, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3001 TI-THS3001 Datasheet
633Kb / 32P
[Old version datasheet]   420-MHz HIGH-SPEED CURRENT-FEEDBACK AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com