Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THS3112IDDA Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # THS3112IDDA
Description  LOW-NOISE, HIGH-SPEED, CURRENT FEEDBACK AMPLIFIERS
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS3112IDDA Datasheet(HTML) 9 Page - Texas Instruments

Back Button THS3112IDDA Datasheet HTML 5Page - Texas Instruments THS3112IDDA Datasheet HTML 6Page - Texas Instruments THS3112IDDA Datasheet HTML 7Page - Texas Instruments THS3112IDDA Datasheet HTML 8Page - Texas Instruments THS3112IDDA Datasheet HTML 9Page - Texas Instruments THS3112IDDA Datasheet HTML 10Page - Texas Instruments THS3112IDDA Datasheet HTML 11Page - Texas Instruments THS3112IDDA Datasheet HTML 12Page - Texas Instruments THS3112IDDA Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
0.1
1
10
100
1000
0
10
20
30
40
50
60
70
80
90
100
-
-
-
-
-
-
-
-
-
-
f
Frequency
MHz
-
-
G=2
V
=
5Vto
15V
R =100
R =680
CC
L
F
W
W
±
±
1800
1600
1400
1200
1000
800
600
400
200
0
0
2
4
6
8
10
12
V
OutputVoltageStep
V
-
-
O
G=2
R =680
R =100
T =+25 C
F
L
W
W
A
°
V
=
15V
CC
±
V
=
5V
CC
±
100
10
1
0.1
0.01
0.1
1
10
100
1000
f
Frequency
MHz
-
-
V
=
5V
CC
±
to
15V
R =1k
F
W
±
-15
-10
-5
0
5
10
15
V
Common-ModeInputVoltage
V
-
-
CM
10
5
0
5
10
15
-
-
-
V
=
5V
CC
R =100
L
W
±1
T =+25 C
A
°
-40
-20
0
20
40
60
80 85
T
Free-AirTemperature
C
-
-
A
°
0
1
2
3
4
5
6
-
-
-
-
-
-
V
=
5V
V
=0
CC
CM
V
R =100
L
W
±1
-40
-20
0
20
40
60
80 85
T
Free-AirTemperature
C
-
-
A
°
9
8
7
6
5
4
3
2
1
0
V
=
15V,I
CC
IB-
±
V
=
15V,I
CC
IB+
±
V
=
5V,I
CC
IB-
±
V
=
5V,I
CC
IB+
±
0
250
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
I
OutputCurrent
|mA|
-
-
O
50
100
150
200
|V
|
|V
5V
T =+25 C
G=4
CC
A
-
O
|
V
=
5Vand
R =750
CC
F
W
±1
±
°
0
250
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
I
OutputCurrent
mA
-
-
O
50
100
150
200
V
=
5V
R =750
T =+25 C
CC
F
W
A
±
°
0
250
15.0
14.5
14.0
13.5
13.0
I
OutputCurrent
mA
-
-
O
50
100
150
200
V
=
15V
R =750
T =+25 C
CC
F
W
A
±
°
THS3112
THS3115
www.ti.com
SLOS385C – SEPTEMBER 2001 – REVISED SEPTEMBER 2010
TYPICAL CHARACTERISTICS (continued)
OUTPUT IMPEDANCE
CROSSTALK
vs
SLEW RATE
vs FREQUENCY
FREQUENCY
vs OUTPUT VOLTAGE STEP
Figure 28.
Figure 29.
Figure 30.
INPUT OFFSET VOLTAGE
INPUT OFFSET VOLTAGE
INPUT BIAS CURRENT
vs COMMON-MODE INPUT
vs FREE-AIR TEMPERATURE
VOLTAGE
vs FREE-AIR TEMPERATURE
Figure 31.
Figure 32.
Figure 33.
OUTPUT VOLTAGE
OUTPUT VOLTAGE
OUTPUT VOLTAGE HEADROOM
vs OUTPUT CURRENT
vs OUTPUT CURRENT
vs OUTPUT CURRENT
Figure 34.
Figure 35.
Figure 36.
Copyright © 2001–2010, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): THS3112 THS3115


Similar Part No. - THS3112IDDA

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
THS3112 BURR-BROWN-THS3112 Datasheet
371Kb / 14P
   LOW-NOISE, HIGH-SPEED CURRENT FEEDBACK AMPLIFIERS
logo
Texas Instruments
THS3112 TI1-THS3112 Datasheet
1Mb / 33P
[Old version datasheet]   LOW-DISTORTION, HIGH SLEW RATE, CURRENT-FEEDBACK AMPLIFIERS
More results

Similar Description - THS3112IDDA

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
THS3112 BURR-BROWN-THS3112 Datasheet
371Kb / 14P
   LOW-NOISE, HIGH-SPEED CURRENT FEEDBACK AMPLIFIERS
logo
Texas Instruments
THS3122 TI-THS3122 Datasheet
664Kb / 20P
[Old version datasheet]   LOW-NOISE, HIGH-SPEED, 450 mA CURRENT FEEDBACK AMPLIFIERS
THS3122 TI1-THS3122 Datasheet
1Mb / 43P
[Old version datasheet]   Low-Noise, High-Speed, 450-mA Current Feedback Amplifiers
THS3110IDGN TI-THS3110IDGN Datasheet
1Mb / 37P
[Old version datasheet]   LOW-NOISE, HIGH-VOLTAGE, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3110 TI-THS3110 Datasheet
934Kb / 28P
[Old version datasheet]   LOW-NOISE, HIGH-VOLTAGE, CURRENT-FEEDBACK, OPERATIONAL AMPLIFIERS
THS3110 TI1-THS3110_14 Datasheet
1Mb / 38P
[Old version datasheet]   LOW-NOISE, HIGH-VOLTAGE, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3120 TI-THS3120 Datasheet
916Kb / 28P
[Old version datasheet]   LOW-NOISE, HIGH-OUTPUT DRIVE, CURRENT-FEEDBACK, OPERATIONAL AMPLIFIERS
THS3120 TI1-THS3120_14 Datasheet
1Mb / 36P
[Old version datasheet]   LOW-NOISE, HIGH-OUTPUT DRIVE, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3120 TI1-THS3120_16 Datasheet
1Mb / 35P
[Old version datasheet]   LOW-NOISE, HIGH-OUTPUT DRIVE, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3001 TI-THS3001 Datasheet
633Kb / 32P
[Old version datasheet]   420-MHz HIGH-SPEED CURRENT-FEEDBACK AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com