Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN75C198DRE4 Datasheet(PDF) 5 Page - Texas Instruments

Part # SN75C198DRE4
Description  QUADRUPLE LOW-POWER LINE DRIVERS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN75C198DRE4 Datasheet(HTML) 5 Page - Texas Instruments

  SN75C198DRE4 Datasheet HTML 1Page - Texas Instruments SN75C198DRE4 Datasheet HTML 2Page - Texas Instruments SN75C198DRE4 Datasheet HTML 3Page - Texas Instruments SN75C198DRE4 Datasheet HTML 4Page - Texas Instruments SN75C198DRE4 Datasheet HTML 5Page - Texas Instruments SN75C198DRE4 Datasheet HTML 6Page - Texas Instruments SN75C198DRE4 Datasheet HTML 7Page - Texas Instruments SN75C198DRE4 Datasheet HTML 8Page - Texas Instruments SN75C198DRE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
SN75C198
QUADRUPLE LOW-POWER LINE DRIVERS
SLLS051C – JULY 1990 – REVISED MARCH 1997
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range, VCC± = ±12 V,
SM at 2 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VOH
High level output voltage
VIH =0 8V
RL =3kΩ
VCC
± = ±5 V
4
V
VOH
High-level output voltage
VIH = 0.8 V,
RL = 3 kΩ
VCC
± = ±12 V
10
V
VOL
Low level output voltage (see Note 2)
VIH =2V
RL =3kΩ
VCC
± = ±5 V
–4
V
VOL
Low-level output voltage (see Note 2)
VIH = 2 V,
RL = 3 kΩ
VCC
± = ±12 V
–10
V
IIH
High-level input current
VI = 5 V
10
µA
IIL
Low-level input current
VI = 0 V
–10
µA
VO = 12 V,
100
IOZ
High impedance state output current
SM at 0 6 V
O
,
VCC
± = ±12 V
100
µA
IOZ
High-impedance-state output current
SM at 0.6 V
VO = – 12 V,
100
µA
O
,
VCC
± = ±12 V
– 100
IOS(H)
High-level short-circuit output current‡
VI = 0.8 V,
VO = 0 or VCC –
– 4.5
–10
– 19.5
mA
IOS(L)
Low-level short-circuit output current‡
VI = 2 V,
VO = 0 or VCC +
4.5
10
19.5
mA
ro
Output resistance
VCC
± = 0,
VO = – 2 V to 2 V
300
A and B inputs at 0.8 V or 2 V,
VCC
± = ±5 V
90
160
ICC
Supply current from VCC
,
No load
VCC
± = ±12 V
95
160
µA
ICC +
Supply current from VCC +
A and B inputs at 0.8 V or 2 V,
VCC
± = ±5 V
40
µA
,
RL = 3 kΩ,SM at 0.6 V
VCC
± = ±12 V
40
A and B inputs at 0.8 V or 2 V,
VCC
± = ±5 V
–90
– 160
ICC
Supply current from VCC
,
No load
VCC
± = ±12 V
–95
– 160
µA
ICC –
Supply current from VCC –
A and B inputs at 0.8 V or 2 V,
VCC
± = ±5 V
–40
µA
RL = 3 kΩ,SM at 0.6 V
VCC
± = ±12 V
–40
† All typical values are at TA = 25°C.
‡ Not more than one output should be shorted at a time.
NOTE 2: The algebraic convention, where the more positive (less negative) limit is designated as maximum, is used in this data sheet for logic
levels only, e.g., if – 10 V is a maximum, the typical value is a more negative voltage.
switching characteristics over recommended operating free-air temperature range, VCC± = ±12 V
(unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
tPLH
Propagation delay time, low- to high-level output§
3
µs
tPHL
Propagation delay time, high- to low-level output§
RL = 3 kΩ to 7 kΩ,
CL = 15 pF,
3.5
µs
tTLH
Transition time, low- to high-level output¶
L
,
See Figure 1
L
,
0.53
1
3.2
µs
tTHL
Transition time, high- to low-level output¶
0.53
1
3.2
µs
tTLH
Transition time, low- to high-level output#
RL = 3 kΩ to 7 kΩ,
CL = 2500 pF,
1.5
µs
tTHL
Transition time, high- to low-level output#
L
,
See Figure 2
L
,
1.5
µs
tPZH
Output enable time to high level
RL = 3 kΩ to 7 kΩ,
CL = 15 pF,
50
µs
tPHZ
Output disable time from high level
L
,
See Figure 3
L
,
10
µs
tPZL
Output enable time to low level
RL = 3 kΩ to 7 kΩ,
CL = 15 pF,
15
µs
tPLZ
Output disable time from low level
L
,
See Figure 4
L
,
10
µs
SR
Output slew rate#
RL = 3 kΩ to 7 kΩ,
CL = 15 pF
6
15
30
V/
µs
† All typical values are at TA = 25°C.
§ tPHL and tPLH include the additional time due to on-chip slew rate and are measured at the 50% points.
¶ Measured between 10% and 90% points of output waveform
# Measured between 3-V and – 3-V points of output waveform


Similar Part No. - SN75C198DRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75C198D TI-SN75C198D Datasheet
207Kb / 12P
[Old version datasheet]   QUADRUPLE LOW-POWER LINE DRIVERS
More results

Similar Description - SN75C198DRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75C188 TI-SN75C188_06 Datasheet
411Kb / 15P
[Old version datasheet]   QUADRUPLE LOW-POWER LINE DRIVERS
SN75C198 TI-SN75C198 Datasheet
207Kb / 12P
[Old version datasheet]   QUADRUPLE LOW-POWER LINE DRIVERS
SN75C188 TI-SN75C188 Datasheet
166Kb / 10P
[Old version datasheet]   QUADRUPLE LOW-POWER LINE DRIVERS
SN65LBC174 TI-SN65LBC174 Datasheet
168Kb / 11P
[Old version datasheet]   QUADRUPLE LOW-POWER DIFFERENTIAL LINE DRIVERS
SN65LBC174 TI1-SN65LBC174_16 Datasheet
1Mb / 17P
[Old version datasheet]   QUADRUPLE LOW-POWER DIFFERENTIAL LINE DRIVERS
SN75188DRG4 TI1-SN75188DRG4 Datasheet
878Kb / 20P
[Old version datasheet]   QUADRUPLE LINE DRIVERS
MC1488 TI-MC1488_06 Datasheet
525Kb / 16P
[Old version datasheet]   QUADRUPLE LINE DRIVERS
MC1488 TI-MC1488 Datasheet
133Kb / 8P
[Old version datasheet]   QUADRUPLE LINE DRIVERS
SN55188 TI-SN55188 Datasheet
531Kb / 15P
[Old version datasheet]   QUADRUPLE LINE DRIVERS
logo
LG Semicon Co.,Ltd.
GD75188 LG-GD75188 Datasheet
259Kb / 3P
   QUADRUPLE LINE DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com