Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK5392 Datasheet(PDF) 3 Page - Asahi Kasei Microsystems

Part # AK5392
Description  Enhanced Dual Bit 24Bit ADC
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK5392 Datasheet(HTML) 3 Page - Asahi Kasei Microsystems

  AK5392 Datasheet HTML 1Page - Asahi Kasei Microsystems AK5392 Datasheet HTML 2Page - Asahi Kasei Microsystems AK5392 Datasheet HTML 3Page - Asahi Kasei Microsystems AK5392 Datasheet HTML 4Page - Asahi Kasei Microsystems AK5392 Datasheet HTML 5Page - Asahi Kasei Microsystems AK5392 Datasheet HTML 6Page - Asahi Kasei Microsystems AK5392 Datasheet HTML 7Page - Asahi Kasei Microsystems AK5392 Datasheet HTML 8Page - Asahi Kasei Microsystems AK5392 Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
ASAHI KASEI
[AK5392]
0188-E-01
1997/11
- 3 -
PIN/FUNCTION
No.
Pin Name
I/O
Function
1
VREFL
O
Lch Reference Voltage Pin, 3.75V
Normally connected to GNDL with a 10uF electrolytic capacitor and
a 0.1uF ceramic capacitor
2
GNDL
-
Lch Reference Ground Pin, 0V
3
VCOML
O
Lch Common Voltage Pin, 2.5V
4
AINL+
I
Lch Analog positive input Pin
5
AINL-
I
Lch Analog negative input Pin
6
ZCAL
I
Zero Calibration Control Pin
This pin controls the calibration reference signal.
"L":VCOML and VCOMR
"H":Analog Input Pins(AINL±,AINR±)
7
VD
-
Digital Power Supply Pin, 3.3V
8
DGND
-
Digital Ground Pin, 0V
9
CAL
O
Calibration Active Signal Pin
"H" means the offset calibration cycle is in progress. Offset calibration starts
when
RST goes "H". CAL goes "L" after 8704 LRCK cycles.
10
RST
I
Reset Pin
When "L", Digital section is powered-down. Upon returning "H", an
offset calibration cycle is started. An offset calibration cycle should always
be initiated after power-up.
11
12
SMODE2
SMODE1
I
I
Serial Interface Mode Select Pin
MSB first, 2's compliment.
SMODE2 SMODE1
MODE
LRCK
L
L
Slave mode : MSB justified
: H/L
L
H
Master mode : Similar to I2S
: H/L
H
L
Slave mode : I2S
: L/H
H
H
Master mode : I2S
: L/H
13
LRCK
I/O
Left/Right Channel Select Clock Pin
LRCK goes "H" at SMODE2="L" and "L" at SMODE2="H" during reset
when SMODE1 "H".


Similar Part No. - AK5392

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK5393 AKM-AK5393 Datasheet
112Kb / 18P
   Enhanced Dual bit 96 kHz 24-bit ADC
AK5393 AKM-AK5393 Datasheet
602Kb / 22P
   EVALUATION BOARD REV.A FOR AK5393
AK5393-VS AKM-AK5393-VS Datasheet
112Kb / 18P
   Enhanced Dual bit 96 kHz 24-bit ADC
AK5393VS AKM-AK5393VS Datasheet
132Kb / 18P
   Enhanced Dual Bit DS 96kHz 24-Bit ADC
AK5394A AKM-AK5394A Datasheet
174Kb / 24P
   Super High Performance 192kHz 24-Bit ADC
More results

Similar Description - AK5392

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK5351 AKM-AK5351 Datasheet
174Kb / 19P
   Enhanced Dual bit 20bit ADC
AK5383 AKM-AK5383 Datasheet
123Kb / 20P
   Enhanced Dual bit 96 kHz 24-bit ADC
AK5393 AKM-AK5393 Datasheet
112Kb / 18P
   Enhanced Dual bit 96 kHz 24-bit ADC
AK5393VS AKM-AK5393VS Datasheet
132Kb / 18P
   Enhanced Dual Bit DS 96kHz 24-Bit ADC
logo
PADAUK Technology.
PMC232 PADAUK-PMC232 Datasheet
1Mb / 94P
   12-bit ADC Enhanced
PMC234 PADAUK-PMC234 Datasheet
1Mb / 107P
   12-bit ADC Enhanced
logo
Asahi Kasei Microsystem...
AK5385A AKM-AK5385A Datasheet
175Kb / 24P
   24BIT 192KHZ ADC
AK7730A AKM-AK7730A Datasheet
418Kb / 62P
   24bit 2ch adc
AK4591 AKM-AK4591 Datasheet
257Kb / 40P
   24bit 4ch ADC 24bit 6ch DAC
AK5381 AKM-AK5381 Datasheet
138Kb / 20P
   24Bit 96kHz ?誇 ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com