Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA347UA/2K5 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # OPA347UA/2K5
Description  microPower, Rail-to-Rail Operational Amplifiers
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA347UA/2K5 Datasheet(HTML) 7 Page - Texas Instruments

Back Button OPA347UA/2K5 Datasheet HTML 3Page - Texas Instruments OPA347UA/2K5 Datasheet HTML 4Page - Texas Instruments OPA347UA/2K5 Datasheet HTML 5Page - Texas Instruments OPA347UA/2K5 Datasheet HTML 6Page - Texas Instruments OPA347UA/2K5 Datasheet HTML 7Page - Texas Instruments OPA347UA/2K5 Datasheet HTML 8Page - Texas Instruments OPA347UA/2K5 Datasheet HTML 9Page - Texas Instruments OPA347UA/2K5 Datasheet HTML 10Page - Texas Instruments OPA347UA/2K5 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
OPA347, 2347, 4347
7
SBOS167D
www.ti.com
APPLICATIONS INFORMATION
The OPA347 series op amps are unity-gain stable and can
operate on a single supply, making them highly versatile and
easy to use.
Rail-to-rail input and output swing significantly increases dy-
namic range, especially in low supply applications. Figure 1
shows the input and output waveforms for the OPA347 in
unity-gain configuration. Operation is from VS = +5V with a
100k
Ω load connected to V
S/2. The input is a 5VPP sinusoid.
Output voltage is approximately 4.995VPP.
Power-supply pins should be bypassed with 0.01
µF ceramic
capacitors.
OPERATING VOLTAGE
The OPA347 series op amps are fully specified and en-
sured from 2.5V to 5.5V. In addition, many specifications
apply from –55
°C to +125°C. Parameters that vary signifi-
cantly with operating voltages or temperature are shown in
the Typical Characteristics.
RAIL-TO-RAIL INPUT
The input common-mode voltage range of the OPA347
series extends 200mV beyond the supply rails. This is
achieved with a complementary input stage—an N-channel
input differential pair in parallel with a P-channel differential
pair, as shown in Figure 2. The N-channel pair is active for
input voltages close to the positive rail, typically (V+) – 1.3V
to 200mV above the positive supply, while the P-channel pair
is on for inputs from 200mV below the negative supply to
approximately (V+) – 1.3V. There is a small transition region,
typically (V+) – 1.5V to (V+) – 1.1V, in which both pairs are
on. This 400mV transition region can vary 300mV with
process variation. Thus, the transition region (both stages
on) can range from (V+) – 1.65V to (V+) – 1.25V on the low
end, up to (V+) – 1.35V to (V+) – 0.95V on the high end.
Within the 400mV transition region PSRR, CMRR, offset
voltage, and offset drift may be degraded compared to
operation outside this region. For more information on de-
signing with rail-to-rail input op amps, see Figure 3,
Design
Optimization with Rail-to-Rail Input Op Amps.
FIGURE 2. Simplified Schematic.
FIGURE 1. Rail-to-Rail Input and Output.
V
BIAS1
V
BIAS2
V
IN+
V
IN
Class AB
Control
Circuitry
V
O
V–
(Ground)
V+
Reference
Current
Input
Output (inverted on scope)
5V
1V/div
0V
G = +1, V
S = +5V
20
µs/div


Similar Part No. - OPA347UA/2K5

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA347UA/2K5 TI-OPA347UA/2K5 Datasheet
470Kb / 21P
[Old version datasheet]   microPower, Rail-to-Rail Operational Amplifiers
OPA347UA/2K5 TI-OPA347UA/2K5 Datasheet
958Kb / 25P
[Old version datasheet]   microPower, Rail-to-Rail Operational Amplifiers
OPA347UA/2K5G4 TI-OPA347UA/2K5G4 Datasheet
958Kb / 25P
[Old version datasheet]   microPower, Rail-to-Rail Operational Amplifiers
More results

Similar Description - OPA347UA/2K5

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA347 TI-OPA347 Datasheet
470Kb / 21P
[Old version datasheet]   microPower, Rail-to-Rail Operational Amplifiers
OPA347SA TI-OPA347SA Datasheet
1Mb / 33P
[Old version datasheet]   microPower, Rail-to-Rail Operational Amplifiers
OPA347NA TI-OPA347NA Datasheet
1Mb / 33P
[Old version datasheet]   microPower, Rail-to-Rail Operational Amplifiers
OPA347 TI-OPA347_07 Datasheet
958Kb / 25P
[Old version datasheet]   microPower, Rail-to-Rail Operational Amplifiers
OPA27CJ TI-OPA27CJ Datasheet
1Mb / 33P
[Old version datasheet]   microPower, Rail-to-Rail Operational Amplifiers
OPA37EZ TI-OPA37EZ Datasheet
1Mb / 33P
[Old version datasheet]   microPower, Rail-to-Rail Operational Amplifiers
logo
STMicroelectronics
TS931 STMICROELECTRONICS-TS931 Datasheet
129Kb / 14P
   OUTPUT RAIL TO RAIL MICROPOWER OPERATIONAL AMPLIFIERS
May 2000
TS941 STMICROELECTRONICS-TS941 Datasheet
124Kb / 14P
   OUTPUT RAIL TO RAIL MICROPOWER OPERATIONAL AMPLIFIERS
May 2000
TS941 STMICROELECTRONICS-TS941_08 Datasheet
266Kb / 19P
   Output rail-to-rail micropower operational amplifiers
TS941 STMICROELECTRONICS-TS941_04 Datasheet
223Kb / 18P
   OUTPUT RAIL TO RAIL MICROPOWER OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com