Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN75LBC175DG4 Datasheet(PDF) 5 Page - Texas Instruments

Part # SN75LBC175DG4
Description  QUADRUPLE LOW-POWER DIFFERENTIAL LINE RECEIVERS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN75LBC175DG4 Datasheet(HTML) 5 Page - Texas Instruments

  SN75LBC175DG4 Datasheet HTML 1Page - Texas Instruments SN75LBC175DG4 Datasheet HTML 2Page - Texas Instruments SN75LBC175DG4 Datasheet HTML 3Page - Texas Instruments SN75LBC175DG4 Datasheet HTML 4Page - Texas Instruments SN75LBC175DG4 Datasheet HTML 5Page - Texas Instruments SN75LBC175DG4 Datasheet HTML 6Page - Texas Instruments SN75LBC175DG4 Datasheet HTML 7Page - Texas Instruments SN75LBC175DG4 Datasheet HTML 8Page - Texas Instruments SN75LBC175DG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
SN65LBC175, SN75LBC175
QUADRUPLE LOW POWER DIFFERENTIAL LINE RECEIVERS
SLLS171G − OCTOBER 1993 − REVISED MARCH2009
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
VOL
VOH
−1.5 V
1.5 V
Output
Input
1.3 V
1.3 V
tPHL
tPLH
0 V
0 V
(see Note A)
Generator
Output
(see Note B)
CL = 15 pF
50
TEST CIRCUIT
VOLTAGE WAVEFORMS
tt
tt
90%
10%
2 V
Figure 1. tPLH and tPHL Test Circuit and Voltage Waveforms
0 V
S1 Open
S1 Closed
1.3 V
1.3 V
tPHZ
tPZH
0.5 V
See Note C
VCC
2 k
S1
5 k
1.5 V
CL = 15 pF
(see Note B)
Output
Generator
(see Note A)
1.3 V
Input
Output
3 V
0 V
VOH
1.4 V
50
TEST CIRCUIT
VOLTAGE WAVEFORMS
NOTES: A. The input pulse is supplied by a generator having the following characteristics: PRR = 1 MHz, duty cycle = 50%, tr ≤ 6 ns,
tf ≤ 6 ns, ZO = 50 Ω.
B. CL includes probe and jig capacitance.
C. All diodes are 1N916 or equivalent.
Figure 2. tPHZ and tPZH Test Circuit and Voltage Waveforms


Similar Part No. - SN75LBC175DG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LBC175D TI-SN75LBC175D Datasheet
157Kb / 10P
[Old version datasheet]   QUADRUPLE LOW-POWER DIFFERENTIAL LINE RECEIVERS
More results

Similar Description - SN75LBC175DG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LBC173 TI-SN65LBC173 Datasheet
156Kb / 10P
[Old version datasheet]   QUADRUPLE LOW-POWER DIFFERENTIAL LINE RECEIVERS
SN65LBC175 TI-SN65LBC175 Datasheet
157Kb / 10P
[Old version datasheet]   QUADRUPLE LOW-POWER DIFFERENTIAL LINE RECEIVERS
SN65LBC173 TI1-SN65LBC173_08 Datasheet
363Kb / 14P
[Old version datasheet]   QUADRUPLE LOW-POWER DIFFERENTIAL LINE RECEIVERS
AM26C32C TI-AM26C32C Datasheet
106Kb / 17P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
SN55ALS195 TI-SN55ALS195 Datasheet
164Kb / 12P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
AM26LS32AC TI-AM26LS32AC_10 Datasheet
1,008Kb / 24P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
AM26LS32AC TI-AM26LS32AC_07 Datasheet
903Kb / 23P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
AM26LS32AC TI-AM26LS32AC_06 Datasheet
541Kb / 18P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
SN55173 TI-SN55173 Datasheet
155Kb / 11P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
AM26LS32AC TI1-AM26LS32AC_16 Datasheet
1Mb / 27P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com