Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74ACT7882-15PN Datasheet(PDF) 11 Page - Texas Instruments

Part # SN74ACT7882-15PN
Description  CLOCKED FIRST-IN, FIRST-OUT MEMORY
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ACT7882-15PN Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN74ACT7882-15PN Datasheet HTML 7Page - Texas Instruments SN74ACT7882-15PN Datasheet HTML 8Page - Texas Instruments SN74ACT7882-15PN Datasheet HTML 9Page - Texas Instruments SN74ACT7882-15PN Datasheet HTML 10Page - Texas Instruments SN74ACT7882-15PN Datasheet HTML 11Page - Texas Instruments SN74ACT7882-15PN Datasheet HTML 12Page - Texas Instruments SN74ACT7882-15PN Datasheet HTML 13Page - Texas Instruments SN74ACT7882-15PN Datasheet HTML 14Page - Texas Instruments SN74ACT7882-15PN Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
SN74ACT7882
2048
× 18
CLOCKED FIRST-IN, FIRST-OUT MEMORY
SCAS445C – JUNE 1994 – REVISED APRIL 1998
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
timing requirements over recommended ranges of supply voltage and operating free-air
temperature (see Figures 1 through 5)
’ACT7882-15
’ACT7882-20
’ACT7882-30
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
fclock
Clock frequency
67
50
33.4
MHz
WRTCLK high
5
7
8.5
WRTCLK low
6
7
11
tw
Pulse duration
RDCLK high
5
7
8.5
ns
RDCLK low
6
7
11
DAF high (default AF/AE value)
7
8
10
Data in (D0–D17) before WRTCLK
5
5
5
WRTEN1, WRTEN2 high before WRTCLK
4
5
5
OE, RDEN1, RDEN2 high before RDCLK
4
5
5
tsu
Setup time
Reset: RESET low before first WRTCLK
and RDCLK
↑†
5
6
7
ns
Define AF/AE: D0–D9 before DAF
5
5
5
Define AF/AE: DAF
↓ before RESET↑
4
6
7
Define AF/AE (default): DAF high before RESET
4
5
5
Data in (D0–D17) after WRTCLK
0
0
0
WRTEN1, WRTEN2 high after WRTCLK
0
0
0
OE, RDEN1, RDEN2 high after RDCLK
0
0
1
th
Hold time
Reset: RESET low after fourth WRTCLK
and RDCLK
↑†
0
0
0
ns
Define AF/AE: D0–D9 after DAF
0
0
0
Define AF/AE: DAF low after RESET
0
0
0
Define AF/AE (default): DAF high after RESET
0
0
0
† To permit the clock pulse to be utilized for reset purposes
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature, CL = 50 pF (unless otherwise noted) (see Figure 5)
PARAMETER
FROM
TO
’ACT7882-15
’ACT7882-20
’ACT7882-30
UNIT
PARAMETER
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
fmax
WRTCLK or RDCLK
67
50
33.4
MHz
tpd
RDCLK
Any Q
3
12
3
13
3
18
ns
tpd‡
RDCLK
Any Q
WRTCLK
IR
2
8
2
9.5
2
12
t d
RDCLK
OR
2
8
2
9.5
2
12
ns
tpd
WRTCLK
AF/AE
6
17
6
19
6
22
RDCLK
AF/AE
6
17
6
19
6
22
tPLH
WRTCLK
HF
6
14
6
17
6
21
ns
tPHL
RDCLK
HF
6
14
6
17
6
21
ns
tPLH
RESET
AF/AE
3
12
3
17
3
21
ns
tPHL
RESET
HF
3
14
3
19
3
23
ns
ten
OE
Any Q
2
9
2
11
2
11
ns
tdis
OE
Any Q
2
10
2
14
2
14
ns
‡ This parameter is measured with CL = 30 pF (see Figure 6).


Similar Part No. - SN74ACT7882-15PN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ACT7882 TI-SN74ACT7882 Datasheet
196Kb / 15P
[Old version datasheet]   2048 횞 18 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ACT7882FN TI-SN74ACT7882FN Datasheet
196Kb / 15P
[Old version datasheet]   2048 횞 18 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ACT7882PN TI-SN74ACT7882PN Datasheet
196Kb / 15P
[Old version datasheet]   2048 횞 18 CLOCKED FIRST-IN, FIRST-OUT MEMORY
More results

Similar Description - SN74ACT7882-15PN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ABT3611 TI1-SN74ABT3611_05 Datasheet
459Kb / 29P
[Old version datasheet]   CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ABT3612 TI1-SN74ABT3612_15 Datasheet
521Kb / 34P
[Old version datasheet]   CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ACT7801 TI1-SN74ACT7801 Datasheet
279Kb / 19P
[Old version datasheet]   1024x18 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN54ABT7819 TI1-SN54ABT7819_13 Datasheet
315Kb / 22P
[Old version datasheet]   CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ACT7813-40DLR TI-SN74ACT7813-40DLR Datasheet
396Kb / 18P
[Old version datasheet]   64 x18 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ALVC7805 TI1-SN74ALVC7805_09 Datasheet
416Kb / 18P
[Old version datasheet]   LOW-POWER CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ACT7803 TI-SN74ACT7803 Datasheet
241Kb / 16P
[Old version datasheet]   512 짰18 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ACT3641 TI-SN74ACT3641 Datasheet
379Kb / 26P
[Old version datasheet]   1024 횞 36 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN54ACT3641 TI-SN54ACT3641 Datasheet
377Kb / 26P
[Old version datasheet]   1024 횞 36 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN54ACT7881 TI-SN54ACT7881 Datasheet
193Kb / 15P
[Old version datasheet]   1024 횞 18 CLOCKED FIRST-IN, FIRST-OUT MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com