Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA347NA/250G4 Datasheet(PDF) 5 Page - Texas Instruments

Part # OPA347NA/250G4
Description  microPower, Rail-to-Rail Operational Amplifiers
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA347NA/250G4 Datasheet(HTML) 5 Page - Texas Instruments

  OPA347NA/250G4 Datasheet HTML 1Page - Texas Instruments OPA347NA/250G4 Datasheet HTML 2Page - Texas Instruments OPA347NA/250G4 Datasheet HTML 3Page - Texas Instruments OPA347NA/250G4 Datasheet HTML 4Page - Texas Instruments OPA347NA/250G4 Datasheet HTML 5Page - Texas Instruments OPA347NA/250G4 Datasheet HTML 6Page - Texas Instruments OPA347NA/250G4 Datasheet HTML 7Page - Texas Instruments OPA347NA/250G4 Datasheet HTML 8Page - Texas Instruments OPA347NA/250G4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
OPA347, 2347, 4347
5
SBOS167D
www.ti.com
TYPICAL CHARACTERISTICS (Cont.)
At TA = +25°C, VS = +5V, and RL = 100kΩ connected to VS/2, unless otherwise noted.
OPEN-LOOP GAIN AND POWER-SUPPLY
REJECTION vs TEMPERATURE
–75
Temperature (
°C)
–50
–25
0
25
50
75
100
125
150
130
120
110
100
90
80
70
A
OL
PSRR
QUIESCENT AND SHORT-CIRCUIT CURRENT
vs TEMPERATURE
–75
25
20
15
10
5
Temperature (
°C)
–50
–25
0
25
50
75
100
125
150
30
25
20
15
10
I
SC
I
Q
INPUT BIAS CURRENT vs TEMPERATURE
–75
Temperature (
°C)
–50
–25
0
25
50
75
100
125
150
10k
1k
100
10
1
0.1
–6
–5
–4
–3
–2
–1
012
3
4
5
6
OFFSET VOLTAGE PRODUCTION DISTRIBUTION
Offset Voltage (mV)
18
16
14
12
10
8
6
4
2
0
Typical production
distribution of
packaged units.
COMMON-MODE REJECTION vs TEMPERATURE
–75
Temperature (
°C)
–50
–25
0
25
50
75
100
125
150
100
90
80
70
60
50
40
V– < V
CM < (V+) – 1.7V
V– < V
CM < V+
OFFSET VOLTAGE DRIFT MAGNITUDE
PRODUCTION DISTRIBUTION
Offset Voltage Drift (
µV/°C)
1
2
3
4
5
6
7
8
9
101112
25
20
15
10
5
0


Similar Part No. - OPA347NA/250G4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA347NA/250G4 TI-OPA347NA/250G4 Datasheet
958Kb / 25P
[Old version datasheet]   microPower, Rail-to-Rail Operational Amplifiers
More results

Similar Description - OPA347NA/250G4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA347 TI-OPA347 Datasheet
470Kb / 21P
[Old version datasheet]   microPower, Rail-to-Rail Operational Amplifiers
OPA347SA TI-OPA347SA Datasheet
1Mb / 33P
[Old version datasheet]   microPower, Rail-to-Rail Operational Amplifiers
OPA347NA TI-OPA347NA Datasheet
1Mb / 33P
[Old version datasheet]   microPower, Rail-to-Rail Operational Amplifiers
OPA347 TI-OPA347_07 Datasheet
958Kb / 25P
[Old version datasheet]   microPower, Rail-to-Rail Operational Amplifiers
OPA27CJ TI-OPA27CJ Datasheet
1Mb / 33P
[Old version datasheet]   microPower, Rail-to-Rail Operational Amplifiers
OPA37EZ TI-OPA37EZ Datasheet
1Mb / 33P
[Old version datasheet]   microPower, Rail-to-Rail Operational Amplifiers
logo
STMicroelectronics
TS931 STMICROELECTRONICS-TS931 Datasheet
129Kb / 14P
   OUTPUT RAIL TO RAIL MICROPOWER OPERATIONAL AMPLIFIERS
May 2000
TS941 STMICROELECTRONICS-TS941 Datasheet
124Kb / 14P
   OUTPUT RAIL TO RAIL MICROPOWER OPERATIONAL AMPLIFIERS
May 2000
TS941 STMICROELECTRONICS-TS941_08 Datasheet
266Kb / 19P
   Output rail-to-rail micropower operational amplifiers
TS941 STMICROELECTRONICS-TS941_04 Datasheet
223Kb / 18P
   OUTPUT RAIL TO RAIL MICROPOWER OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com