Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65LBC175N Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LBC175N
Description  QUADRUPLE LOW-POWER DIFFERENTIAL LINE RECEIVERS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65LBC175N Datasheet(HTML) 1 Page - Texas Instruments

  SN65LBC175N Datasheet HTML 1Page - Texas Instruments SN65LBC175N Datasheet HTML 2Page - Texas Instruments SN65LBC175N Datasheet HTML 3Page - Texas Instruments SN65LBC175N Datasheet HTML 4Page - Texas Instruments SN65LBC175N Datasheet HTML 5Page - Texas Instruments SN65LBC175N Datasheet HTML 6Page - Texas Instruments SN65LBC175N Datasheet HTML 7Page - Texas Instruments SN65LBC175N Datasheet HTML 8Page - Texas Instruments SN65LBC175N Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
SN65LBC175, SN75LBC175
QUADRUPLE LOW POWER DIFFERENTIAL LINE RECEIVERS
SLLS171G − OCTOBER 1993 − REVISED MARCH2009
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Meets or Exceeds the EIA Standards
RS-422-A, RS-423-A, RS-485, and CCITT
Recommendation V.11
D Designed to Operate With Pulse Durations
as Short as 20 ns
D Designed for Multipoint Transmission on
Long Bus Lines in Noisy Environments
D Input Sensitivity . . . ±200 mV
D Low-Power Consumption...20 mA Max
D Open-Circuit Fail-Safe Design
D Common-Mode Input Voltage Range of
−7 V to 12 V
D Pin Compatible With SN75175 and LTC489
description
The SN65LBC175 and SN75LBC175 are monolithic, quadruple, differential line receivers with 3-state outputs
designed to meet the requirements of the EIA standards RS-422-A, RS-423-A, RS-485, and CCITT
Recommendation V.11. The devices are optimized for balanced multipoint bus transmission at data rates up
to and exceeding 10 million bits per second. The receivers are enabled in pairs, with an active-high enable input.
Each differential receiver input features high impedance, hysteresis for increased noise immunity, and
sensitivity of
±200 mV over a common-mode input voltage range of 12 V to −7 V. The fail-safe design ensures
that when the inputs are open-circuited, the outputs are always high. Both devices are designed using the TI
proprietary LinBiCMOS
technology allowing low power consumption, high switching speeds, and robustness.
These devices offer optimum performance when used with the SN75LBC172 or SN75LBC174 quadruple line
drivers. The SN65LBC175 is available in the 16-pin DIP (N), small-outline package (D), and the wide
small-outline package (DW). The SN75LBC175 is available in the 16-pin DIP (N) and the small-outline package
(D).
The SN65LBC175 is characterized over the industrial temperature range of − 40
°C to 85°C. The SN75LBC175
is characterized for operation over the commercial temperature range of 0
°C to 70°C.
AVAILABLE OPTIONS
PACKAGE
TEMPERATURE RANGE
PACKAGE
0
°C to 70°C
−40
°C to 85°C
SOIC
SN75LBC175D
SN65LBC175D
Wide SOIC
SN65LBC175DW
PDIP
SN75LBC175N
SN65LBC175N
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Copyright
 2009 Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
1B
1A
1Y
1,2EN
2Y
2A
2B
GND
VCC
4B
4A
4Y
3,4EN
3Y
3A
3B
D, DW, OR N PACKAGE
(TOP VIEW)
LinBiCMOS is a trademark of Texas Instruments.


Similar Part No. - SN65LBC175N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LBC175N TI-SN65LBC175N Datasheet
157Kb / 10P
[Old version datasheet]   QUADRUPLE LOW-POWER DIFFERENTIAL LINE RECEIVERS
More results

Similar Description - SN65LBC175N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LBC173 TI-SN65LBC173 Datasheet
156Kb / 10P
[Old version datasheet]   QUADRUPLE LOW-POWER DIFFERENTIAL LINE RECEIVERS
SN65LBC175 TI-SN65LBC175 Datasheet
157Kb / 10P
[Old version datasheet]   QUADRUPLE LOW-POWER DIFFERENTIAL LINE RECEIVERS
SN65LBC173 TI1-SN65LBC173_08 Datasheet
363Kb / 14P
[Old version datasheet]   QUADRUPLE LOW-POWER DIFFERENTIAL LINE RECEIVERS
AM26C32C TI-AM26C32C Datasheet
106Kb / 17P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
SN55ALS195 TI-SN55ALS195 Datasheet
164Kb / 12P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
AM26LS32AC TI-AM26LS32AC_10 Datasheet
1,008Kb / 24P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
AM26LS32AC TI-AM26LS32AC_07 Datasheet
903Kb / 23P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
AM26LS32AC TI-AM26LS32AC_06 Datasheet
541Kb / 18P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
SN55173 TI-SN55173 Datasheet
155Kb / 11P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
AM26LS32AC TI1-AM26LS32AC_16 Datasheet
1Mb / 27P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com