Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65LBC175N Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LBC175N
Description  QUADRUPLE LOW-POWER DIFFERENTIAL LINE RECEIVERS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65LBC175N Datasheet(HTML) 2 Page - Texas Instruments

  SN65LBC175N Datasheet HTML 1Page - Texas Instruments SN65LBC175N Datasheet HTML 2Page - Texas Instruments SN65LBC175N Datasheet HTML 3Page - Texas Instruments SN65LBC175N Datasheet HTML 4Page - Texas Instruments SN65LBC175N Datasheet HTML 5Page - Texas Instruments SN65LBC175N Datasheet HTML 6Page - Texas Instruments SN65LBC175N Datasheet HTML 7Page - Texas Instruments SN65LBC175N Datasheet HTML 8Page - Texas Instruments SN65LBC175N Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
SN65LBC175, SN75LBC175
QUADRUPLE LOW POWER DIFFERENTIAL LINE RECEIVERS
SLLS171G − OCTOBER 1993 − REVISED MARCH2009
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
logic symbol
2B
2A
1B
1A
1,2EN
2Y
1Y
5
3
7
6
1
2
4
EN
† This symbol is in accordance with ANSI/IEEE Std 91-1984
and IEC Publication 617-12.
4B
4A
3B
3A
3,4EN
4Y
3Y
13
11
15
14
9
10
12
EN
logic diagram (positive logic)
2Y
1Y
5
3
7
6
1
2
4
2B
2A
1B
1A
1,2EN
4Y
3Y
13
11
15
14
9
10
12
4B
4A
3B
3A
3,4EN
FUNCTION TABLE
(each receiver)
DIFFERENTIAL INPUTS
A− B
ENABLE
OUTPUT
Y
VID ≥ 0.2 V
H
H
− 0.2 V < VID < 0.2 V
H
?
VID ≤ −0.2 V
H
L
X
L
Z
Open circuit
H
H
H = high level,
L = low level,
X = irrelevant,
Z = high impedance (off),
? = indeterminate
schematics of inputs and outputs
TYPICAL OF ALL OUTPUTS
VCC
Y Output
EQUIVALENT OF A AND B INPUTS
12 k
3 k
18 k
1 k
VCC
Input
100 k
(A Only)
100 k
(B Only)
Input
VCC
TYPICAL OF EN INPUT
Output
Receiver


Similar Part No. - SN65LBC175N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LBC175N TI-SN65LBC175N Datasheet
157Kb / 10P
[Old version datasheet]   QUADRUPLE LOW-POWER DIFFERENTIAL LINE RECEIVERS
More results

Similar Description - SN65LBC175N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LBC173 TI-SN65LBC173 Datasheet
156Kb / 10P
[Old version datasheet]   QUADRUPLE LOW-POWER DIFFERENTIAL LINE RECEIVERS
SN65LBC175 TI-SN65LBC175 Datasheet
157Kb / 10P
[Old version datasheet]   QUADRUPLE LOW-POWER DIFFERENTIAL LINE RECEIVERS
SN65LBC173 TI1-SN65LBC173_08 Datasheet
363Kb / 14P
[Old version datasheet]   QUADRUPLE LOW-POWER DIFFERENTIAL LINE RECEIVERS
AM26C32C TI-AM26C32C Datasheet
106Kb / 17P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
SN55ALS195 TI-SN55ALS195 Datasheet
164Kb / 12P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
AM26LS32AC TI-AM26LS32AC_10 Datasheet
1,008Kb / 24P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
AM26LS32AC TI-AM26LS32AC_07 Datasheet
903Kb / 23P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
AM26LS32AC TI-AM26LS32AC_06 Datasheet
541Kb / 18P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
SN55173 TI-SN55173 Datasheet
155Kb / 11P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
AM26LS32AC TI1-AM26LS32AC_16 Datasheet
1Mb / 27P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com