Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RCV420KPG4 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # RCV420KPG4
Description  Precision 4mA to 20mA CURRENT LOOP RECEIVER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

RCV420KPG4 Datasheet(HTML) 4 Page - Texas Instruments

  RCV420KPG4 Datasheet HTML 1Page - Texas Instruments RCV420KPG4 Datasheet HTML 2Page - Texas Instruments RCV420KPG4 Datasheet HTML 3Page - Texas Instruments RCV420KPG4 Datasheet HTML 4Page - Texas Instruments RCV420KPG4 Datasheet HTML 5Page - Texas Instruments RCV420KPG4 Datasheet HTML 6Page - Texas Instruments RCV420KPG4 Datasheet HTML 7Page - Texas Instruments RCV420KPG4 Datasheet HTML 8Page - Texas Instruments RCV420KPG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
®
RCV420
TYPICAL PERFORMANCE CURVES
At T
A = +25°C, VS = ±15V, unless otherwise noted.
STEP RESPONSE
NO LOAD
SMALL SIGNAL RESPONSE
R
L = ∞, CL = 1000pF
SMALL SIGNAL RESPONSE
NO LOAD
POSITIVE COMMON-MODE VOLTAGE RANGE
vs POSITIVE POWER SUPPLY VOLTAGE
Positive Power Supply Voltage (V)
80
70
60
50
40
30
11
12
13
14
15
16
17
18
19
20
Max Rating = 40V
–V
S = –5V to –20V
T
A = –55°C
T
A = +25°C
T
A = +125°C
11.4
NEGATIVE COMMON-MODE VOLTAGE RANGE
vs NEGATIVE POWER SUPPLY VOLTAGE
Negative Power Supply Voltage (V)
–80
–70
–60
–50
–40
–30
–20
–10
–5
–20
Max Rating = –40V
+V
S = +11.4V to +20V
T
A = +25°C
T
A = –55°C to +125°C
–10
–15
COMMON-MODE REJECTION
vs FREQUENCY
Frequency (Hz)
100
80
60
40
1
10
100
1k
10k
100k
POWER-SUPPLY REJECTION
vs FREQUENCY
Frequency (Hz)
100
80
60
40
1
10
100
1k
10k
100k
90
V+
V–


Similar Part No. - RCV420KPG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
RCV420KP BURR-BROWN-RCV420KP Datasheet
240Kb / 10P
   Precision 4mA to 20mA CURRENT LOOP RECEIVER
More results

Similar Description - RCV420KPG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
RCV420 BURR-BROWN-RCV420 Datasheet
240Kb / 10P
   Precision 4mA to 20mA CURRENT LOOP RECEIVER
logo
Analog Devices
AD5421 AD-AD5421 Datasheet
2Mb / 22P
   16-Bit, Serial Input, Loop-Powered, 4mA to 20mA DAC
Rev.PrN
logo
Maxim Integrated Produc...
MAX12900EVKIT MAXIM-MAX12900EVKIT Datasheet
2Mb / 21P
   Loop-powered 4mA–20mA Transmitter with PWM Inputs
Rev 1; 11/17
logo
List of Unclassifed Man...
ISO4-20MA ETC2-ISO4-20MA Datasheet
481Kb / 3P
   4-20mA Current Loop Isolator
logo
Burr-Brown (TI)
XTR115 BURR-BROWN-XTR115 Datasheet
81Kb / 7P
   4-20mA CURRENT LOOP TRANSMITTERS
logo
Texas Instruments
XTR115 TI1-XTR115 Datasheet
259Kb / 13P
[Old version datasheet]   4-20mA CURRENT LOOP TRANSMITTERS
XTR117 TI-XTR117 Datasheet
187Kb / 11P
[Old version datasheet]   4-20mA Current-Loop Transmitter
XTR117 TI1-XTR117_12 Datasheet
669Kb / 17P
[Old version datasheet]   4-20mA Current-Loop Transmitter
logo
Schneider Electric
LUFV2 SCHNEIDER-LUFV2 Datasheet
106Kb / 2P
   Function module, indication of motor load, TeSys Ultra, 4mA to 20mA
May 11, 2022
logo
Maxim Integrated Produc...
DS8500-KIT MAXIM-DS8500-KIT Datasheet
3Mb / 29P
   On-Board Isolated 4mA??0mA Communications Loop
Rev 1; 9/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com