Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTH12050LAZT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # PTH12050LAZT
Description  6-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PTH12050LAZT Datasheet(HTML) 3 Page - Texas Instruments

  PTH12050LAZT Datasheet HTML 1Page - Texas Instruments PTH12050LAZT Datasheet HTML 2Page - Texas Instruments PTH12050LAZT Datasheet HTML 3Page - Texas Instruments PTH12050LAZT Datasheet HTML 4Page - Texas Instruments PTH12050LAZT Datasheet HTML 5Page - Texas Instruments PTH12050LAZT Datasheet HTML 6Page - Texas Instruments PTH12050LAZT Datasheet HTML 7Page - Texas Instruments PTH12050LAZT Datasheet HTML 8Page - Texas Instruments PTH12050LAZT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
PTH12050W/L
SLTS214H – MAY 2003 – REVISED OCTOBER 2007
TA = 25°C; VI = 12 V; VO = 3.3 V; C1 = 100 µF, C2 = 10 µF, C3 = 0 µF, and IO = IO(max) (unless otherwise stated)
PARAMETER
TEST CONDITIONS
PTH12050W
UNIT
MIN
TYP
MAX
85
°C, 400 LFM airflow
0
6
(1)
A
IO
Output current
Over
ΔVadj range
60
°C, natural convection
6
(1)
A
VI
Input voltage range
Over IO range
10.8
13.2
V
Vo tol
Set-point voltage tolerance
±2
(2)
%Vo
ΔRegtemp
Temperature variation
–40
°C <T
A < 85°C
±0.5
%Vo
ΔRegline
Line regulation
Over VI range
±5
mV
ΔRegload
Load regulation
Over IO range
±5
mV
ΔRegtot
Total output variation
Includes set-point, line, load, –40
°C ≤ T
A ≤ 85°C
±3
(2)
%Vo
ΔVadj
Output voltage adjust range
Over VI range
1.2
5.5
(1)
V
RSET = 280 Ω, VO = 5 V
(1)
93%
RSET = 2 kΩ, VO = 3.3 V
(1)
91%
RSET = 4.32 kΩ, VO = 2.5 V
89%
η
Efficiency
IO = 5 A
RSET = 8.06 kΩ, VO = 2 V
88%
RSET = 11.5 kΩ, VO = 1.8 V
87%
RSET = 24.3 kΩ, VO = 1.5 V
86%
RSET = open circuit, VO = 1.2 V
84%
VO ≤ 2.5 V
25
mVpp
Vr
VO ripple (peak-to-peak)
20-MHz bandwidth
VO > 2.5 V
1
%Vo
Iotrip
Overcurrent threshold
Reset, followed by auto-recovery
14
A
ttr
1 A/µs load step,
Recovery time
70
µs
Transient response
50 to 100% IOmax,
ΔVtr
VO over/undershoot
100
mV
C3 = 100 µF
IIL track
Track input current (pin 2)
Pin to GND
–0.13
(3)
mA
dVtrack/dt
Track slew rate capability
CO ≤ CO(max)
1
V/ms
VI increasing
9.5
10.4
UVLO
Under-voltage lockout
V
VI decreasing
8.8
9
VIH
Input high voltage, Referenced to GND
Open
(3)
V
VIL
Inhibit Control (pin 4)
Input low voltage, Referenced to GND
–0.2
0.5
IIL
Input low current, Pin 4 to GND
0.24
mA
II
Input standby current
Inhibit (pin 4) to GND, Track (pin 2) open
10
mA
f s
Switching frequency
Over VI and IO ranges
260
320
380
kHz
External input capacitance, C1
100
(4)
µF
Nonceramic
0
100
(5)
3300
(6)
Capacitance value
µF
External output capacitance, C3
Ceramic
0
300
Equivalent series resistance (nonceramic)
4
(7)
5.9
MTBF
Reliability
Per Bellcore TR-332 50% stress, TA = 40°C, ground benign
10
6 Hr
(1)
See the Temperature Derating (SOA) curves in the Typical Characteristics section for appropriate derating.
(2)
The set-point voltage tolerance is affected by the tolerance and stability of RSET. The stated limit is unconditionally met if RSET has a
tolerance of 1% with 100 ppm/
°C or better temperature stability.
(3)
This control pin has an internal pull-up to the input voltage VI (7.5 V for pin 2). If it is left open-circuit, the module operates when input
power is applied. A small, low-leakage (<100 nA) MOSFET or open-drain/collector voltage supervisor IC is recommended for control. Do
not place an external pull-up on this pin. For further information, see the related application note.
(4)
A 100 µF electrolytic input capacitor is required for proper operation. The electrolytic capacitor must be rated for a minimum of 750 mA
rms of ripple current. An additional 10 µF ceramic capacitor is required for output voltages 3.3 V and higher. For further information, see
the related application information on capacitor selection.
(5)
An external output capacitor is not required for basic operation. Adding 100 µF of distributed capacitance at the load improves the
transient response.
(6)
This is the calculated maximum. The minimum ESR limitation oftens result in a lower value. When controlling the Track pin using a
voltage supervisor, CO(max) is reduced to 2200 μF. See the application notes for further guidance.
(7)
This is the typical ESR for all the electrolytic (nonceramic) output capacitance. Use 7 m
Ω as the minimum when using max-ESR values
to calculate.
Copyright © 2003–2007, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): PTH12050W/L


Similar Part No. - PTH12050LAZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTH12050L TI-PTH12050L Datasheet
350Kb / 18P
[Old version datasheet]   6-A, 12-V Input Non-Isolated Wide-Output Adjust Power Module
logo
Emerson Network Power
PTH12050L EMERSON-NETWORKPOWER-PTH12050L Datasheet
855Kb / 5P
   12 Vin
More results

Similar Description - PTH12050LAZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTH12000W TI-PTH12000W Datasheet
575Kb / 19P
[Old version datasheet]   6-A, 12-V Input Non-Isolated Wide-Output Adjust Power Module
PTH12050W TI-PTH12050W Datasheet
350Kb / 18P
[Old version datasheet]   6-A, 12-V Input Non-Isolated Wide-Output Adjust Power Module
PTH12000L TI1-PTH12000L Datasheet
572Kb / 19P
[Old version datasheet]   6-A, 12-V Input Non-Isolated Wide-Output Adjust Power Module
PTH12010W TI-PTH12010W Datasheet
997Kb / 27P
[Old version datasheet]   12-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
logo
Astec America, Inc
ATH10K12 ASTEC-ATH10K12 Datasheet
416Kb / 13P
   10-A, 12-V Input Non-Isolated Wide-Output Adjust Power Module
logo
Texas Instruments
PTH12060W TI-PTH12060W Datasheet
1Mb / 29P
[Old version datasheet]   10-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
logo
Astec America, Inc
ATH18K12 ASTEC-ATH18K12 Datasheet
1Mb / 13P
   18-A, 12-V Input Non-Isolated Wide-Output Adjust Power Module
logo
Texas Instruments
PTH12020W TI-PTH12020W Datasheet
917Kb / 27P
[Old version datasheet]   18-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
logo
Astec America, Inc
ATH26K12 ASTEC-ATH26K12 Datasheet
1Mb / 16P
   26-A, 12-V Input Non-Isolated Wide-Output Adjust Power Module
logo
Texas Instruments
PTH12020L TI1-PTH12020L Datasheet
936Kb / 27P
[Old version datasheet]   18-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com