Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA373AIDR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # OPA373AIDR
Description  6.5MHz, 585muA, Rail-to-Rail I/O CMOS Operational Amplifier
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA373AIDR Datasheet(HTML) 10 Page - Texas Instruments

Back Button OPA373AIDR Datasheet HTML 6Page - Texas Instruments OPA373AIDR Datasheet HTML 7Page - Texas Instruments OPA373AIDR Datasheet HTML 8Page - Texas Instruments OPA373AIDR Datasheet HTML 9Page - Texas Instruments OPA373AIDR Datasheet HTML 10Page - Texas Instruments OPA373AIDR Datasheet HTML 11Page - Texas Instruments OPA373AIDR Datasheet HTML 12Page - Texas Instruments OPA373AIDR Datasheet HTML 13Page - Texas Instruments OPA373AIDR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
OPA373, OPA2373
OPA374
OPA2374, OPA4374
SBOS279E − SEPTEMBER 2003 − REVISED MAY 2008
www.ti.com
10
R
OPA373
V+
V
IN
V
OUT
10mA max
I
OVERLOAD
Figure 3. Input Current Protection for Voltages
Exceeding the Supply Voltage
RAIL-TO-RAIL OUTPUT
A class AB output stage with common-source transistors
is used to achieve rail-to-rail output. For light resistive
loads ( > 100k
Ω), the output voltage can typically swing to
within 18mV from the supply rails. With moderate resistive
loads (5k
Ω to 50kΩ), the output can typically swing to
within 100mV from the supply rails and maintain high
open-loop gain. See the Typical Characteristic curve,
Output Voltage Swing vs Output Current, for more
information.
CAPACITIVE LOAD AND STABILITY
OPA373 series op amps can drive a wide range of
capacitive loads. However, under certain conditions, all op
amps may become unstable. Op amp configuration, gain,
and load value are just a few of the factors to consider
when determining stability. An op amp in unity-gain
configuration is the most susceptible to the effects of
capacitive load. The capacitive load reacts with the op amp
output resistance, along with any additional load
resistance, to create a pole in the small-signal response
that degrades the phase margin. The OPA373 series op
amps perform well in unity-gain configuration, with a pure
capacitive load up to approximately 250pF. Increased
gains allow the amplifier to drive more capacitance. See
the Typical Characteristics curve, Small-Signal Overshoot
vs Capacitive Load, for further details.
One method of improving capacitive load drive in the
unity-gain configuration is to insert a small (10
Ω to 20Ω)
resistor, RS, in series with the output, as shown in Figure 4.
This significantly reduces ringing while maintaining dc
performance for purely capacitive loads. When there is a
resistive load in parallel with the capacitive load, RS must
be placed within the feedback loop as shown to allow the
feedback loop to compensate for the voltage divider
created by RS and RL.
In unity-gain inverter configuration, phase margin can be
reduced by the reaction between the capacitance at the op
amp input and the gain setting resistors, thus degrading
capacitive load drive. Best performance is achieved by
using small valued resistors. However, when large valued
resistors cannot be avoided, a small (4pF to 6pF)
capacitor, CFB, can be inserted in the feedback, as shown
in Figure 5. This significantly reduces overshoot by
compensating the effect of capacitance, CIN, which
includes the amplifier input capacitance and printed circuit
board (PCP) parasitic capacitance.
R
S
10
Ωto 20Ω
OPA373
C
L
R
L
V
IN
V
OUT
V+
Figure 4. Series Resistor in Unity-Gain
Configuration Improves Capacitive Load Drive
R
I
OPA373
V
IN
V
OUT
R
F
C
FB
C
IN
C
L
V+
Figure 5. Improving Capacitive Load Drive
For example, when driving a 100pF load in unity-gain
inverter configuration, adding a 6pF capacitor in parallel
with the 10k
Ω feedback resistor decreases overshoot from
57% to 12%, as shown in Figure 6.
Load Capacitance (pF)
10
100
1k
10k
60
50
40
30
20
10
0
G=
−1V/V
R
FB =10kΩ
C
FB =6pF
Figure 6. Improving Capacitive Load Drive


Similar Part No. - OPA373AIDR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA373AIDR BURR-BROWN-OPA373AIDR Datasheet
549Kb / 21P
   6.5MHz, 585UA, Rail-to-Rail I/O CMOS Operational Amplifier
logo
Texas Instruments
OPA373AIDR TI1-OPA373AIDR Datasheet
1Mb / 37P
[Old version datasheet]   CMOS Operational Amplifier
OPA373AIDRG4 TI1-OPA373AIDRG4 Datasheet
1Mb / 37P
[Old version datasheet]   CMOS Operational Amplifier
More results

Similar Description - OPA373AIDR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA4374 BURR-BROWN-OPA4374 Datasheet
549Kb / 21P
   6.5MHz, 585UA, Rail-to-Rail I/O CMOS Operational Amplifier
logo
SG Micro Corp
SGM8545 SGMICRO-SGM8545 Datasheet
381Kb / 11P
   Rail-to-Rail I/O CMOS Operational Amplifier
SD06 SGMICRO-SD06 Datasheet
710Kb / 12P
   960μA, 6MHz, Rail-to-Rail I/O CMOS Operational Amplifier
August 31, 2015
logo
Burr-Brown (TI)
OPA703 BURR-BROWN-OPA703_08 Datasheet
509Kb / 18P
   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA2703EA-2K5G4 TI-OPA2703EA-2K5G4 Datasheet
894Kb / 19P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
SG Micro Corp
SGM8634 SGMICRO-SGM8634_15 Datasheet
537Kb / 20P
   Rail-to-Rail I/O CMOS Operational Amplifiers
SGM8621 SGMICRO-SGM8621_16 Datasheet
1Mb / 20P
   Rail-to-Rail I/O CMOS Operational Amplifiers
logo
Texas Instruments
OPA703 TI-OPA703 Datasheet
322Kb / 12P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
OPA349 TI1-OPA349_17 Datasheet
1Mb / 24P
[Old version datasheet]   Rail-to-Rail I/O CMOS OPERATIONAL AMPLIFIERS
OPA703 TI1-OPA703_16 Datasheet
1Mb / 30P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com