Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK5354 Datasheet(PDF) 2 Page - Asahi Kasei Microsystems

Part # AK5354
Description  LOW POWER 20 BIT ADC WITH PGA
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK5354 Datasheet(HTML) 2 Page - Asahi Kasei Microsystems

  AK5354 Datasheet HTML 1Page - Asahi Kasei Microsystems AK5354 Datasheet HTML 2Page - Asahi Kasei Microsystems AK5354 Datasheet HTML 3Page - Asahi Kasei Microsystems AK5354 Datasheet HTML 4Page - Asahi Kasei Microsystems AK5354 Datasheet HTML 5Page - Asahi Kasei Microsystems AK5354 Datasheet HTML 6Page - Asahi Kasei Microsystems AK5354 Datasheet HTML 7Page - Asahi Kasei Microsystems AK5354 Datasheet HTML 8Page - Asahi Kasei Microsystems AK5354 Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
ASAHI KASEI
[AK5354]
MS0054-E-01
2001/01
- 2 -
n Ordering Guide
AK5354VT
-40
∼ +85°C
16pin TSSOP (0.65mm pitch)
AKD5354
Evaluation Board for AK5354
n Pin Layout
Top View
8
7
6
5
4
3
2
1
9
10
11
12
13
14
15
16
LIN2
RIN2
VA
VD
CCLK
CDTI
SDTO
BCLK
MCLK
LIN1
RIN1
VCOM
VSS
LRCK
CSN
PDN
PIN/FUNCTION
No.
Pin Name
I/O
Function
1
LIN1
I
Lch #1 Input Pin
2
RIN1
I
Rch #1 Input Pin
3
LIN2
I
Lch #2 Input Pin
4
RIN2
I
Rch #2 Input Pin
5
VCOM
O
ADC Common Voltage Output Pin
6
VSS
-
Ground Pin
7
VA
-
Analog Power Supply Pin, +2.5V
8
VD
-
Digital Power Supply Pin, +2.5V
9
SDTO
O
Audio Serial Data Output Pin
10
BCLK
I
Audio Serial Data Clock Pin
11
MCLK
I
Master Clock Input Pin
12
LRCK
I
Input/Output Channel Clock Pin
13
CDTI
I
Control Data Input Pin
14
CCLK
I
Control Clock Input Pin
15
CSN
I
Chip Select Pin
16
PDN
I
Reset & Power Down Pin
“L” : Reset & Power down
“H” : Normal operation
Note: All digital input pins should not be left floating.


Similar Part No. - AK5354

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK5354 AKM-AK5354 Datasheet
126Kb / 18P
   EVALUATION BOARD REV.A FOR AK5354
AK5354VT AKM-AK5354VT Datasheet
155Kb / 19P
   Low Power 20bit ?誇 ADC with PGA
AK5354 AKM-AK5354_04 Datasheet
155Kb / 19P
   Low Power 20bit ?誇 ADC with PGA
More results

Similar Description - AK5354

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AD5354 AKM-AD5354 Datasheet
156Kb / 19P
   Low Power 20bit ADC with PGA
logo
Analog Devices
AD1556 AD-AD1556_15 Datasheet
435Kb / 24P
   24-Bit ADC with Low Noise PGA
REV. B
AD1555 AD-AD1555 Datasheet
429Kb / 24P
   24-Bit ADC WITH LOW NOISE PGA
REV. B
AD1555APZRL AD-AD1555APZRL Datasheet
435Kb / 24P
   24-Bit - ADC with Low Noise PGA
REV. B
AD1555 AD-AD1555_15 Datasheet
435Kb / 24P
   24-Bit ADC with Low Noise PGA
REV. B
logo
Asahi Kasei Microsystem...
AK5354 AKM-AK5354_04 Datasheet
155Kb / 19P
   Low Power 20bit ?誇 ADC with PGA
AK5356 AKM-AK5356 Datasheet
156Kb / 22P
   LOW POWER 20BIT ADC WITH MIC AMP & PGA
logo
Maxim Integrated Produc...
MAX11410A MAXIM-MAX11410A Datasheet
1Mb / 95P
   24-Bit, Multichannel, Low-Power 1.9ksps Delta-Sigma ADC with PGA
Rev 0; 10/20
logo
Analog Devices
AD7193 AD-AD7193_17 Datasheet
1Mb / 57P
   24-Bit Sigma-Delta ADC with PGA
AD7194 AD-AD7194_17 Datasheet
1Mb / 55P
   24-Bit Sigma-Delta ADC with PGA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com