Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM3010DBRG4 Datasheet(PDF) 12 Page - Texas Instruments

Part # PCM3010DBRG4
Description  24-BIT STEREO AUDIO CODEC WITH 96-kHz ADC, 192-kHz DAC
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM3010DBRG4 Datasheet(HTML) 12 Page - Texas Instruments

Back Button PCM3010DBRG4 Datasheet HTML 8Page - Texas Instruments PCM3010DBRG4 Datasheet HTML 9Page - Texas Instruments PCM3010DBRG4 Datasheet HTML 10Page - Texas Instruments PCM3010DBRG4 Datasheet HTML 11Page - Texas Instruments PCM3010DBRG4 Datasheet HTML 12Page - Texas Instruments PCM3010DBRG4 Datasheet HTML 13Page - Texas Instruments PCM3010DBRG4 Datasheet HTML 14Page - Texas Instruments PCM3010DBRG4 Datasheet HTML 15Page - Texas Instruments PCM3010DBRG4 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 35 page
background image
PCM3010
SLES055 – NOVEMBER 2002
12
www.ti.com
digital filter (continued)
Figure 14. De-Emphasis (fS = 44.1 kHz)
f – Frequency – kHz
–10
–9
–8
–7
–6
–5
–4
–3
–2
–1
0
0
2468
10
12
14
16
18
20
LEVEL
vs
FREQUENCY
Figure 15. De-Emphasis Error (fS = 44.1 kHz)
f – Frequency – kHz
–0.5
–0.4
–0.3
–0.2
–0.1
–0.0
0.1
0.2
0.3
0.4
0.5
0
2468
10
12
14
16
18
20
ERROR
vs
FREQUENCY
0.0
Figure 16. De-Emphasis (fS = 48 kHz)
f – Frequency – kHz
–10
–9
–8
–7
–6
–5
–4
–3
–2
–1
0
0
2
4
6
8
1012
1416
1820
22
LEVEL
vs
FREQUENCY
Figure 17. De-Emphasis Error (fS = 48 kHz)
f – Frequency – kHz
–0.5
–0.4
–0.3
–0.2
–0.1
–0.0
0.1
0.2
0.3
0.4
0.5
0
2
4
6
8
1012
1416
1820
22
ERROR
vs
FREQUENCY
0.0
All specifications at TA = 25°C, VCC1 = VCC2 = 5 V, VDD = 3.3 V, fS = 44.1 kHz, SCKI = 384 fS, 24-bit data, unless otherwise noted.


Similar Part No. - PCM3010DBRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM3010DBR TI-PCM3010DBR Datasheet
434Kb / 31P
[Old version datasheet]   24-BIT STEREO AUDIO CODEC WITH 96-kHz ADC, 192-kHz DAC, AND SINGLE-ENDED ANALOG INPUT/OUTPUT
More results

Similar Description - PCM3010DBRG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM3060 BURR-BROWN-PCM3060 Datasheet
505Kb / 45P
   24-BIT, 96/192-kHz ASYNCHRONOUS STEREO AUDIO CODEC
logo
Texas Instruments
PCM3010 TI-PCM3010 Datasheet
434Kb / 31P
[Old version datasheet]   24-BIT STEREO AUDIO CODEC WITH 96-kHz ADC, 192-kHz DAC, AND SINGLE-ENDED ANALOG INPUT/OUTPUT
logo
Cirrus Logic
CS4270 CIRRUS-CS4270 Datasheet
730Kb / 48P
   24-Bit, 192 kHz Stereo Audio CODEC
CS4272-DZZ CIRRUS-CS4272-DZZ Datasheet
1Mb / 53P
   24-Bit, 192 kHz Stereo Audio CODEC
CS4272 CIRRUS-CS4272 Datasheet
1Mb / 53P
   24-Bit, 192 kHz Stereo Audio CODEC
CS4271 CIRRUS-CS4271 Datasheet
1Mb / 53P
   24-Bit, 192 kHz Stereo Audio CODEC
CS4270 CIRRUS-CS4270_06 Datasheet
980Kb / 49P
   24-Bit, 192 kHz Stereo Audio CODEC
logo
Texas Instruments
TLC320AD77 TI1-TLC320AD77 Datasheet
397Kb / 33P
[Old version datasheet]   24-Bit 96 kHz Stereo Audio Codec
TLC320AD77C TI-TLC320AD77C Datasheet
215Kb / 31P
[Old version datasheet]   24-BIT 96 kHz STEREO AUDIO CODEC
PCM3060 TI1-PCM3060_15 Datasheet
1Mb / 49P
[Old version datasheet]   96/192-kHz ASYNCHRONOUS STEREO AUDIO CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com