Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP3983ITL Datasheet(PDF) 10 Page - Texas Instruments

Part # LP3983ITL
Description  LP3983 Micropower, Low Quiescent Current, CMOS Voltage Regulator in DSBGA Package
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3983ITL Datasheet(HTML) 10 Page - Texas Instruments

Back Button LP3983ITL Datasheet HTML 6Page - Texas Instruments LP3983ITL Datasheet HTML 7Page - Texas Instruments LP3983ITL Datasheet HTML 8Page - Texas Instruments LP3983ITL Datasheet HTML 9Page - Texas Instruments LP3983ITL Datasheet HTML 10Page - Texas Instruments LP3983ITL Datasheet HTML 11Page - Texas Instruments LP3983ITL Datasheet HTML 12Page - Texas Instruments LP3983ITL Datasheet HTML 13Page - Texas Instruments LP3983ITL Datasheet HTML 14Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
11-Apr-2013
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
Op Temp (°C)
Top-Side Markings
(4)
Samples
LP3983ITL-2.5/NOPB
ACTIVE
DSBGA
YZR
5
250
Green (RoHS
& no Sb/Br)
SNAGCU
Level-1-260C-UNLIM
-40 to 125
3
LP3983ITLX-1.6/NOPB
ACTIVE
DSBGA
YZR
5
3000
Green (RoHS
& no Sb/Br)
SNAGCU
Level-1-260C-UNLIM
-40 to 125
3
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.
(4) Multiple Top-Side Markings will be inside parentheses. Only one Top-Side Marking contained in parentheses and separated by a "~" will appear on a device. If a line is indented then it is a
continuation of the previous line and the two combined represent the entire Top-Side Marking for that device.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is provided. TI bases its knowledge and belief on information
provided by third parties, and makes no representation or warranty as to the accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and
continues to take reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on incoming materials and chemicals.
TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI to Customer on an annual basis.


Similar Part No. - LP3983ITL

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3983ITL-1.6 NSC-LP3983ITL-1.6 Datasheet
166Kb / 10P
   Micropower, Low Quiescent Current, CMOS Voltage Regulator in micro SMD Package
LP3983ITL-1.8 NSC-LP3983ITL-1.8 Datasheet
166Kb / 10P
   Micropower, Low Quiescent Current, CMOS Voltage Regulator in micro SMD Package
LP3983ITL-2.5 NSC-LP3983ITL-2.5 Datasheet
166Kb / 10P
   Micropower, Low Quiescent Current, CMOS Voltage Regulator in micro SMD Package
LP3983ITLX-1.6 NSC-LP3983ITLX-1.6 Datasheet
166Kb / 10P
   Micropower, Low Quiescent Current, CMOS Voltage Regulator in micro SMD Package
LP3983ITLX-1.8 NSC-LP3983ITLX-1.8 Datasheet
166Kb / 10P
   Micropower, Low Quiescent Current, CMOS Voltage Regulator in micro SMD Package
More results

Similar Description - LP3983ITL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP3983 TI-LP3983_15 Datasheet
820Kb / 15P
[Old version datasheet]   LP3983 Micropower, Low Quiescent Current, CMOS Voltage Regulator in DSBGA Package
logo
National Semiconductor ...
LP3983 NSC-LP3983 Datasheet
166Kb / 10P
   Micropower, Low Quiescent Current, CMOS Voltage Regulator in micro SMD Package
logo
Texas Instruments
LP3987 TI1-LP3987 Datasheet
1Mb / 21P
[Old version datasheet]   Micropower DSBGA 150-mA Ultra Low-Dropout CMOS Voltage Regulator
LP3984 TI-LP3984_15 Datasheet
1Mb / 19P
[Old version datasheet]   LP3984 Micropower 150 mA Ultra Low-Dropout CMOS Voltage Regulator in Subminiature 4-I/O DSBGA Package
LP3986 TI-LP3986_15 Datasheet
996Kb / 18P
[Old version datasheet]   LP3986 Dual Micropower 150 mA Ultra Low-Dropout CMOS Voltage Regulators in DSBGA Package
LP3987 TI-LP3987_15 Datasheet
1Mb / 21P
[Old version datasheet]   Micropower DSBGA 150-mA Ultra Low-Dropout CMOS Voltage Regulator With Sleep MODE
LP3987ITL-2.6 TI-LP3987ITL-2.6 Datasheet
1Mb / 21P
[Old version datasheet]   Micropower DSBGA 150-mA Ultra Low Dropout CMOS Voltage Regulator With Sleep MODE
logo
STMicroelectronics
ST1L04 STMICROELECTRONICS-ST1L04 Datasheet
558Kb / 11P
   LOW QUIESCENT CURRENT VOLTAGE REGULATOR
logo
Global Mixed-mode Techn...
G920 GMT-G920 Datasheet
65Kb / 1P
   Low Quiescent Current Voltage Regulator
G921 GMT-G921 Datasheet
62Kb / 1P
   Low Quiescent Current Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com