Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2677SX-5.0 Datasheet(PDF) 22 Page - Texas Instruments

Part # LM2677SX-5.0
Description  LM2677 SIMPLE SWITCHER짰 High Efficiency 5A Step-Down Voltage Regulator
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2677SX-5.0 Datasheet(HTML) 22 Page - Texas Instruments

Back Button LM2677SX-5.0 Datasheet HTML 18Page - Texas Instruments LM2677SX-5.0 Datasheet HTML 19Page - Texas Instruments LM2677SX-5.0 Datasheet HTML 20Page - Texas Instruments LM2677SX-5.0 Datasheet HTML 21Page - Texas Instruments LM2677SX-5.0 Datasheet HTML 22Page - Texas Instruments LM2677SX-5.0 Datasheet HTML 23Page - Texas Instruments LM2677SX-5.0 Datasheet HTML 24Page - Texas Instruments LM2677SX-5.0 Datasheet HTML 25Page - Texas Instruments LM2677SX-5.0 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 34 page
background image
LM2677
SNVS077I – MAY 2004 – REVISED JUNE 2012
www.ti.com
Table 7. Input Capacitors for Fixed Output Voltage Application(1)
Surface Mount
Output Voltage
Inductance (µH)
AVX TPS Series(2)
Sprague 594D Series
Kemet T495 Series
(V)
No.(3)
C Code(4)
No.(3)
C Code(4)
No.(3)
C Code(4)
10
3
C7
2
C10
3
C9
15
*
*
3
C13
4
C12
3.3
22
*
*
2
C13
3
C12
33
*
*
2
C13
3
C12
10
3
C4
2
C6
3
C9
15
4
C9
3
C12
4
C10
5
22
*
*
3
C13
4
C12
33
*
*
2
C13
3
C12
47
*
*
1
C13
2
C12
10
4
C9
2
C10
4
C10
15
4
C8
2
C10
4
C10
22
4
C9
3
C12
4
C10
12
33
*
*
3
C13
4
C12
47
*
*
2
C13
3
C12
68
*
*
2
C13
2
C12
100
*
*
1
C13
2
C12
(1)
Assumes worst case maximum input voltage and load current for a given inductance value.
(2)
* Check voltage rating of capacitors to be greater than application input voltage.
(3)
No. represents the number of identical capacitor types to be connected in parallel
(4)
C Code indicates the Capacitor Reference number in Table 3 for identifying the specific component from the manufacturer.
Through Hole
Output
Inductance
Sanyo OS-CON SA
Sanyo MV-GX Series
Nichicon PL Series
Panasonic HFQ Series
Voltage (V)
(µH)
Series (1)
No.(2)
C Code(3)
No.(2)
C Code(3)
No.(2)
C Code(3)
No.(2)
C Code(3)
10
2
C9
2
C8
1
C18
1
C8
15
*
*
2
C13
1
C25
1
C16
3.3
22
*
*
1
C14
1
C24
1
C16
33
*
*
1
C14
1
C24
1
C16
10
2
C7
2
C8
1
C25
1
C8
15
*
*
2
C8
1
C25
1
C8
5
22
*
*
2
C13
1
C25
1
C16
33
*
*
1
C14
1
C23
1
C13
47
*
*
1
C12
1
C19
1
C11
10
2
C10
2
C8
1
C18
1
C8
15
2
C10
2
C8
1
C18
1
C8
22
*
*
2
C8
1
C18
1
C8
12
33
*
*
2
C12
1
C24
1
C14
47
*
*
1
C14
1
C23
1
C13
68
*
*
1
C13
1
C21
1
C15
100
*
*
1
C11
1
C22
1
C11
(1)
* Check voltage rating of capacitors to be greater than application input voltage.
(2)
No. represents the number of identical capacitor types to be connected in parallel
(3)
C Code indicates the Capacitor Reference number in Table 3 for identifying the specific component from the manufacturer.
22
Submit Documentation Feedback
Copyright © 2004–2012, Texas Instruments Incorporated
Product Folder Links: LM2677


Similar Part No. - LM2677SX-5.0

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2677S-12 NSC-LM2677S-12 Datasheet
847Kb / 26P
   SIMPLE SWITCHER High Efficiency 5A Step-Down Voltage Regulator with Sync
LM2677S-3.3 NSC-LM2677S-3.3 Datasheet
847Kb / 26P
   SIMPLE SWITCHER High Efficiency 5A Step-Down Voltage Regulator with Sync
LM2677S-5.0 NSC-LM2677S-5.0 Datasheet
847Kb / 26P
   SIMPLE SWITCHER High Efficiency 5A Step-Down Voltage Regulator with Sync
LM2677S-ADJ NSC-LM2677S-ADJ Datasheet
847Kb / 26P
   SIMPLE SWITCHER High Efficiency 5A Step-Down Voltage Regulator with Sync
More results

Similar Description - LM2677SX-5.0

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2678 NSC-LM2678_05 Datasheet
836Kb / 27P
   SIMPLE SWITCHER짰 High Efficiency 5A Step-Down Voltage Regulator
logo
Texas Instruments
LM2678 TI-LM2678_15 Datasheet
1Mb / 34P
[Old version datasheet]   LM2678 SIMPLE SWITCHER짰 High Efficiency 5A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM2678 NSC-LM2678 Datasheet
459Kb / 27P
   SIMPLE SWITCHER High Efficiency 5A Step-Down Voltage Regulator
LM2678S-12 NSC-LM2678S-12 Datasheet
356Kb / 23P
   SIMPLE SWITCHER High Efficiency 5A Step-Down Voltage Regulator
logo
Texas Instruments
LM2676SX-ADJ TI-LM2676SX-ADJ Datasheet
1Mb / 35P
[Old version datasheet]   LM2676 SIMPLE SWITCHER짰 High Efficiency 3A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM22678 NSC-LM22678 Datasheet
540Kb / 16P
   5A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Precision Enable
logo
Texas Instruments
LM2678S-ADJ TI-LM2678S-ADJ Datasheet
1Mb / 35P
[Old version datasheet]   LM2678 SIMPLE SWITCHER High Efficiency 5A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM2675_0506 NSC-LM2675_0506 Datasheet
913Kb / 26P
   SIMPLE SWITCHER짰 Power Converter High Efficiency 1A Step-Down Voltage Regulator
logo
Texas Instruments
LM2675 TI1-LM2675_14 Datasheet
1Mb / 30P
[Old version datasheet]   SIMPLE SWITCHER짰 Power Converter High Efficiency 1A Step-Down Voltage Regulator
LM2678SX-3.3 TI-LM2678SX-3.3 Datasheet
1Mb / 35P
[Old version datasheet]   LM2678 SIMPLE SWITCHER High Efficiency 5A Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com