Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2599T-5.0 Datasheet(PDF) 5 Page - Texas Instruments

Part # LM2599T-5.0
Description  LM2599 SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2599T-5.0 Datasheet(HTML) 5 Page - Texas Instruments

  LM2599T-5.0 Datasheet HTML 1Page - Texas Instruments LM2599T-5.0 Datasheet HTML 2Page - Texas Instruments LM2599T-5.0 Datasheet HTML 3Page - Texas Instruments LM2599T-5.0 Datasheet HTML 4Page - Texas Instruments LM2599T-5.0 Datasheet HTML 5Page - Texas Instruments LM2599T-5.0 Datasheet HTML 6Page - Texas Instruments LM2599T-5.0 Datasheet HTML 7Page - Texas Instruments LM2599T-5.0 Datasheet HTML 8Page - Texas Instruments LM2599T-5.0 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
LM2599
www.ti.com
SNVS123C – APRIL 1998 – REVISED APRIL 2013
LM2599-ADJ Electrical Characteristics
Specifications with standard type face are for TJ = 25°C, and those with boldface type apply over full Operating
Temperature Range.
Symbol
Parameter
Conditions
LM2599-ADJ
Units
(Limits)
Typ
Limit
(1)
(2)
SYSTEM PARAMETERS (3) Test Circuit Figure 24
VFB
Feedback Voltage
4.5V
≤ VIN ≤ 40V, 0.2A ≤ ILOAD ≤ 3A
1.230
V
VOUT programmed for 3V. Circuit of Figure 24.
1.193/1.180
V(min)
1.267/1.280
V(max)
η
Efficiency
VIN = 12V, VOUT = 3V, ILOAD = 3A
73
%
(1)
Typical numbers are at 25°C and represent the most likely norm.
(2)
All limits ensured at room temperature (standard type face) and at temperature extremes (bold type face). All room temperature limits
are 100% production tested. All limits at temperature extremes are specified via correlation using standard Statistical Quality Control
(SQC) methods. All limits are used to calculate Average Outgoing Quality Level (AOQL).
(3)
External components such as the catch diode, inductor, input and output capacitors can affect switching regulator system performance.
When the LM2599 is used as shown in the Figure 24 test circuit, system performance will be as shown in system parameters of
Electrical Characteristics section.
All Output Voltage Versions Electrical Characteristics
Specifications with standard type face are for TJ = 25°C, and those with boldface type apply over full Operating
Temperature Range. Unless otherwise specified, VIN = 12V for the 3.3V, 5V, and Adjustable version and VIN = 24V for the
12V version. ILOAD = 500 mA
Symbol
Parameter
Conditions
LM2599-XX
Units
(Limits)
Typ
Limit
(1)
(2)
DEVICE PARAMETERS
Ib
Feedback Bias Current
Adjustable Version Only, VFB = 1.3V
10
nA
50/100
nA (max)
fO
Oscillator Frequency
See (3)
150
kHz
127/110
kHz(min)
173/173
kHz(max)
VSAT
Saturation Voltage
IOUT = 3A
(4) (5)
1.16
V
1.4/1.5
V(max)
DC
Max Duty Cycle (ON)
See (5)
100
%
Min Duty Cycle (OFF)
See (6)
0
ICL
Current Limit
Peak Current, (4) (5)
4.5
A
3.6/3.4
A(min)
6.9/7.5
A(max)
IL
Output Leakage Current
See (4) (6) (7)
Output = 0V
50
μA(max)
Output =
−1V
2
mA
30
mA(max)
IQ
Operating Quiescent
SD /SS Pin Open (6)
5
mA
Current
10
mA(max)
(1)
Typical numbers are at 25°C and represent the most likely norm.
(2)
All limits ensured at room temperature (standard type face) and at temperature extremes (bold type face). All room temperature limits
are 100% production tested. All limits at temperature extremes are specified via correlation using standard Statistical Quality Control
(SQC) methods. All limits are used to calculate Average Outgoing Quality Level (AOQL).
(3)
The switching frequency is reduced when the second stage current limit is activated. The amount of reduction is determined by the
severity of current overload.
(4)
No diode, inductor or capacitor connected to output pin.
(5)
Feedback pin removed from output and connected to 0V to force the output transistor switch ON.
(6)
Feedback pin removed from output and connected to 12V for the 3.3V, 5V, and the ADJ. version, and 15V for the 12V version, to force
the output transistor switch OFF.
(7)
VIN = 40V.
Copyright © 1998–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM2599


Similar Part No. - LM2599T-5.0

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2599T-5.0 NSC-LM2599T-5.0 Datasheet
812Kb / 31P
   SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator, with Features
More results

Similar Description - LM2599T-5.0

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2596 NSC-LM2596 Datasheet
736Kb / 31P
   SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator
logo
Texas Instruments
LM2596SX-5.0 TI1-LM2596SX-5.0 Datasheet
4Mb / 42P
[Old version datasheet]   LM2596 SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM2599 NSC-LM2599 Datasheet
812Kb / 31P
   SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator, with Features
LM2592HV NSC-LM2592HV Datasheet
655Kb / 20P
   SIMPLE SWITCHER Power Converter 150 kHz 2A Step-Down Voltage Regulator
LM2591HV NSC-LM2591HV Datasheet
730Kb / 20P
   SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator
LM2595 NSC-LM2595 Datasheet
935Kb / 29P
   SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator
LM2594 NSC-LM2594 Datasheet
740Kb / 28P
   SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator
LM2596SX-ADJ NSC-LM2596SX-ADJ Datasheet
736Kb / 31P
   SIMPLE SWITCHER짰 Power Converter 150 kHz 3A Step-Down Voltage Regulator
logo
Texas Instruments
LM2593HV TI1-LM2593HV Datasheet
1Mb / 31P
[Old version datasheet]   SIMPLE SWITCHER Power Converter 150-kHz, 2-A Step-Down Voltage Regulator
LM2595 TI1-LM2595_17 Datasheet
4Mb / 43P
[Old version datasheet]   SIMPLE SWITCHER Power Converter 150-kHz 1-A Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com