Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AKD4562 Datasheet(PDF) 8 Page - Asahi Kasei Microsystems

Part # AKD4562
Description  LOW POWER 20BIT CODEC WITH PGA
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AKD4562 Datasheet(HTML) 8 Page - Asahi Kasei Microsystems

Back Button AKD4562 Datasheet HTML 4Page - Asahi Kasei Microsystems AKD4562 Datasheet HTML 5Page - Asahi Kasei Microsystems AKD4562 Datasheet HTML 6Page - Asahi Kasei Microsystems AKD4562 Datasheet HTML 7Page - Asahi Kasei Microsystems AKD4562 Datasheet HTML 8Page - Asahi Kasei Microsystems AKD4562 Datasheet HTML 9Page - Asahi Kasei Microsystems AKD4562 Datasheet HTML 10Page - Asahi Kasei Microsystems AKD4562 Datasheet HTML 11Page - Asahi Kasei Microsystems AKD4562 Datasheet HTML 12Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
ASAHI KASEI
[AK4562]
MS0031-E-00
2000/05
- 8 -
FILTER CHARACTERISTICS
(Ta=-20
∼ 70°C; VA, VD=2.2 ∼ 3.0V, VT=1.8 ∼ 3.0; fs=44.1kHz; De-emphasis = OFF)
Parameter
Symbol
min
typ
max
Units
ADC Digital Filter (Decimation LPF):
Passband
(Note 12)
±0.1dB
-1.0dB
-3.0dB
PB
0
20.0
21.1
17.4
kHz
kHz
kHz
Stopband
(Note 12)
SB
27.0
kHz
Passband Ripple
PR
±0.1
dB
Stopband Attenuation
SA
65
dB
Group Delay
(Note 13)
GD
17.0
1/fs
Group Delay Distortion
∆GD
0us
ADC Digital Filter (HPF):
Frequency Response (Note 12)
-3dB
-0.5dB
-0.1dB
FR
3.4
10
22
Hz
Hz
Hz
DAC Digital Filter:
Passband
(Note 12)
±0.1dB
-6.0dB
PB
0
22.05
20.0
kHz
kHz
Stopband
(Note 12)
SB
24.1
kHz
Passband Ripple
PR
±0.06
dB
Stopband Attenuation
SA
43
dB
Group Delay
(Note 13)
GD
14.7
1/fs
Group Delay Distortion
∆GD
0us
DAC Digital Filter + Analog Filter
Frequency Response
0
∼ 20.0kHz
FR
±0.5
dB
Note : 12. The passband and stopband frequencies scale with fs (sampling frequency).
For examples, PB=0.454 x fs(@ADC: -1.0dB), PB=0.454 x fs(@DAC: -0.1dB).
Note : 13. The calculating delay time which occurred by digital filtering. This time is from the input of analog signal to
setting the 20bit data of both channels to the output register for ADC and include group delay of HPF. For
DAC, this time is from setting the data of both channels on input register to the output of analog signal.
DC CHARACTERISTICS
(Ta=-20
∼ 70°C; VA, VD=2.2 ∼ 3.0V, VT=1.8 ∼ 3.0V)
Parameter
Symbol
min
Typ
max
Units
High-Level Input Voltage
Low-Level Input Voltage
VIH
VIL
75
%VT
-
-
-
-
25
%VT
V
V
High-Level Output Voltage
(Iout=-400uA)
Low-Level Output Voltage
(Iout=400uA)
VOH
VOL
VT-0.4
-
--
0.4
V
V
Input Leakage Current
Iin
-
-
± 10
uA


Similar Part No. - AKD4562

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4562 AKM-AKD4562 Datasheet
396Kb / 30P
   EVALUATION BOARD REV.A FOR AK4562
More results

Similar Description - AKD4562

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AD5354 AKM-AD5354 Datasheet
156Kb / 19P
   Low Power 20bit ADC with PGA
AK5354 AKM-AK5354_04 Datasheet
155Kb / 19P
   Low Power 20bit ?誇 ADC with PGA
AK5356 AKM-AK5356 Datasheet
156Kb / 22P
   LOW POWER 20BIT ADC WITH MIC AMP & PGA
AKD4665A-A AKM-AKD4665A-A Datasheet
880Kb / 39P
   20bit CODEC with built-in Input PGA and Headphone Amplifier
AK4551 AKM-AK4551 Datasheet
109Kb / 15P
   LOW POWER & SMALL PACKAGE 20BIT CODEC
AK4565 AKM-AK4565 Datasheet
249Kb / 33P
   LOW POWER 20BIT CODEC WITH BUILT IN ALC
AK4555 AKM-AK4555 Datasheet
192Kb / 17P
   Low Power & Small Package 20bit ?誇 CODEC
AK4566 AKM-AK4566 Datasheet
437Kb / 45P
   20bit Stereo CODEC with built-in IPGA & HP-AMP
AK5354 AKM-AK5354 Datasheet
109Kb / 19P
   LOW POWER 20 BIT ADC WITH PGA
logo
Wolfson Microelectronic...
WM8976 WOLFSON-WM8976 Datasheet
1Mb / 83P
   Low Power CODEC With Speaker Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com