Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE4308 Datasheet(PDF) 10 Page - Peregrine Semiconductor

Part # PE4308
Description  RF Digital Attenuator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

PE4308 Datasheet(HTML) 10 Page - Peregrine Semiconductor

Back Button PE4308 Datasheet HTML 3Page - Peregrine Semiconductor PE4308 Datasheet HTML 4Page - Peregrine Semiconductor PE4308 Datasheet HTML 5Page - Peregrine Semiconductor PE4308 Datasheet HTML 6Page - Peregrine Semiconductor PE4308 Datasheet HTML 7Page - Peregrine Semiconductor PE4308 Datasheet HTML 8Page - Peregrine Semiconductor PE4308 Datasheet HTML 9Page - Peregrine Semiconductor PE4308 Datasheet HTML 10Page - Peregrine Semiconductor PE4308 Datasheet HTML 11Page - Peregrine Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Product Specification
PE4308
Page 10 of 11
©2003-2006 Peregrine Semiconductor Corp. All rights reserved.
Document No. 70-0162-04
│ UltraCMOS™ RFIC Solutions
Figure 20. Marking Specifications
Figure 21. Tape and Reel Drawing
4308
YYWW
ZZZZZ
YYWW = Date Code
ZZZZZ = Last five digits of PSC Lot Number
Table 10. Ordering Information
Order Code
Part Marking
Description
Package
Shipping Method
4308-01
4308
PE4308-20MLP 4x4mm-75A
20-lead 4x4 mm QFN
75 units / Tube
4308-02
4308
PE4308-20MLP 4x4mm-3000C
20-lead 4x4 mm QFN
3000 units / T&R
4308-00
PE4308-EK
PE4308-20MLP 4x4mm-EK
Evaluation Kit
1 / Box
4308-51
4308
PE4308G-20MLP 4x4mm-75A
Green 20-lead 4x4 mm QFN
75 units / Tube
4308-52
4308
PE4308G-20MLP 4x4mm-3000C
Green 20-lead 4x4 mm QFN
3000 units / T&R


Similar Part No. - PE4308

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE4308 PEREGRINE-PE4308 Datasheet
519Kb / 11P
   75 Ohm RF Digital Attenuator 5-bit, 31 dB, DC - 4.0 GHz
logo
Pasternack Enterprises,...
PE4308 PASTERNACK-PE4308 Datasheet
246Kb / 2P
   BNC Female Connector Crimp/Solder Attachment For RG59, RG62
logo
Peregrine Semiconductor...
PE4308 PEREGRINE-PE4308 Datasheet
504Kb / 11P
   75 廓 RF Digital Attenuator
logo
Pasternack Enterprises,...
PE4308 PASTERNACK-PE4308 Datasheet
357Kb / 3P
   BNC Female Connector Crimp/Solder Attachment
logo
Peregrine Semiconductor...
PE4308-EK PEREGRINE-PE4308-EK Datasheet
519Kb / 11P
   75 Ohm RF Digital Attenuator 5-bit, 31 dB, DC - 4.0 GHz
More results

Similar Description - PE4308

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE4306 PEREGRINE-PE4306_15 Datasheet
457Kb / 10P
   RF Digital Attenuator
PE4307 PEREGRINE-PE4307_15 Datasheet
441Kb / 11P
   RF Digital Attenuator
PE4302 PEREGRINE-PE4302_15 Datasheet
472Kb / 10P
   RF Digital Attenuator
PE4308 PEREGRINE-PE4308_15 Datasheet
504Kb / 10P
   RF Digital Attenuator
logo
Peregrine Semiconductor
PE43502 PSEMI-PE43502 Datasheet
443Kb / 11P
   RF Digital Attenuator
PE43702 PSEMI-PE43702 Datasheet
471Kb / 11P
   RF Digital Attenuator
PE43703 PSEMI-PE43703 Datasheet
446Kb / 15P
   RF Digital Attenuator
PE4302 PSEMI-PE4302 Datasheet
472Kb / 11P
   RF Digital Attenuator
PE4304 PSEMI-PE4304 Datasheet
535Kb / 11P
   RF Digital Attenuator
logo
Peregrine Semiconductor...
PE43404 PEREGRINE-PE43404_15 Datasheet
529Kb / 10P
   RF Digital Attenuator
logo
Peregrine Semiconductor
PE43404 PSEMI-PE43404 Datasheet
529Kb / 11P
   RF Digital Attenuator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com