Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE4150 Datasheet(PDF) 6 Page - Peregrine Semiconductor

Part # PE4150
Description  UltraCMOS Low Frequency Passive Mixer with Integrated LO Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

PE4150 Datasheet(HTML) 6 Page - Peregrine Semiconductor

Back Button PE4150 Datasheet HTML 2Page - Peregrine Semiconductor PE4150 Datasheet HTML 3Page - Peregrine Semiconductor PE4150 Datasheet HTML 4Page - Peregrine Semiconductor PE4150 Datasheet HTML 5Page - Peregrine Semiconductor PE4150 Datasheet HTML 6Page - Peregrine Semiconductor PE4150 Datasheet HTML 7Page - Peregrine Semiconductor PE4150 Datasheet HTML 8Page - Peregrine Semiconductor PE4150 Datasheet HTML 9Page - Peregrine Semiconductor PE4150 Datasheet HTML 10Page - Peregrine Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Product Specification
PE4150
Page 6 of 10
©2010 Peregrine Semiconductor Corp. All rights reserved.
Document No. 70-0242-06
│ UltraCMOS™ RFIC Solutions
0
10
20
30
40
50
60
70
80
0
200
400
600
800
1000
Frequency [MHz]
IIP2 w / LO_Pw r = -11dBm
IIP2 w / LO_Pw r = -10dBm
IIP2 w / LO_Pw r = -6dBm
IIP2 w / LO_Pw r = -5dBm
IIP3 w / LO_Pw r = -11dBm
IIP3 w / LO_Pw r = -10dBm
IIP3 w / LO_Pw r = -6dBm
IIP3 w / LO_Pw r = -5dBm
RF
0
1
2
3
4
5
6
7
8
9
0
200
400
600
800
1000
Frequency [MHz]
-40 deg C
+25 deg C
+85 deg C
RF
0
1
2
3
4
5
6
7
8
9
0
200
400
600
800
1000
Frequency [MHz]
LO_Pw r = -11dBm; VDD=3V
LO_Pw r = -10dBm; VDD=3V
LO_Pw r = -6dBm;VDD=3V
LO_Pw r = -5dBm; VDD=3V
LO_Pw r = -10dBm; VDD = 2.91V
LO_Pw r = -10dBm; VDD = 3.09
RF
Typical Performance Plots
Figure 7. Conversion Loss vs LO Power & VDD
Figure 6. Conversion Loss vs Temperature
Figure 8. Linearity vs Temperature
Figure 9. Linearity vs LO Power
(VDD = 3V; LO Pwr = -10 dBm)
(Temp = 25°C)
(VDD = 3V; LO Pwr = -10 dBm)
(VDD = 3V; Temp = +25°C)
0
10
20
30
40
50
60
70
80
0
200
400
600
800
1000
Frequency [M Hz]
IIP2 @ -40 deg C
IIP2 @ +25 deg C
IIP2 @ +85 deg C
IIP3 @ -40 deg C
IIP3 @ +25 deg C
IIP3 @ +85 deg C
RF


Similar Part No. - PE4150

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE4150 PEREGRINE-PE4150 Datasheet
310Kb / 10P
   UltraCMOS Low Frequency Passive Mixer with Integrated LO Amplifier
logo
Pasternack Enterprises,...
PE4150 PASTERNACK-PE4150 Datasheet
96Kb / 1P
   TNC FEMALE BULKHEAD SOLDER/CLAMP ATTACHMENT FOR RG402 PE-SR402AL & PE-SR402FL
logo
Peregrine Semiconductor...
PE4150 PEREGRINE-PE4150 Datasheet
579Kb / 10P
   UltraCMOS
logo
Lucky Light Electronic
PE4150 LUCKY-LIGHT-PE4150_15 Datasheet
579Kb / 10P
   Low Frequency Passive Mixer with Integrated LO Amplifier
logo
Peregrine Semiconductor...
PE4150 PEREGRINE-PE4150_15 Datasheet
579Kb / 10P
   Low Frequency Passive Mixer with Integrated LO Amplifier
More results

Similar Description - PE4150

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE4150 PEREGRINE-PE4150 Datasheet
310Kb / 10P
   UltraCMOS Low Frequency Passive Mixer with Integrated LO Amplifier
logo
Lucky Light Electronic
PE4150 LUCKY-LIGHT-PE4150_15 Datasheet
579Kb / 10P
   Low Frequency Passive Mixer with Integrated LO Amplifier
logo
Peregrine Semiconductor...
PE4150 PEREGRINE-PE4150_15 Datasheet
579Kb / 10P
   Low Frequency Passive Mixer with Integrated LO Amplifier
logo
Peregrine Semiconductor
PE4151 PSEMI-PE4151 Datasheet
815Kb / 15P
   Low Frequency Passive Mixer with Integrated LO Amplifier
logo
M/A-COM Technology Solu...
XR1011-QH MA-COM-XR1011-QH_16 Datasheet
871Kb / 8P
   Integrated LNA, Mixer and LO Buffer Amplifier
XR1020-QH MA-COM-XR1020-QH Datasheet
795Kb / 7P
   Integrated LNA, Mixer and LO Buffer Amplifier
logo
Marki Microwave
MMIQ-0218L MARKIMICROWAVE-MMIQ-0218L Datasheet
1Mb / 25P
   Low LO Drive Passive GaAs MMIC IQ Mixer
MMIQ-1040L MARKIMICROWAVE-MMIQ-1040L Datasheet
1Mb / 26P
   Low LO Drive Passive GaAs MMIC IQ Mixer
logo
M/A-COM Technology Solu...
XR1015-QH MA-COM-XR1015-QH_16 Datasheet
1Mb / 10P
   Integrated LNA, Mixer and LO Buffer Amplifier
logo
Marki Microwave
MMIQ-1040LSM MARKIMICROWAVE-MMIQ-1040LSM Datasheet
1Mb / 19P
   Low LO Drive Passive GaAs MMIC IQ Mixer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com