Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DE2B3KY102KA2A Datasheet(PDF) 5 Page - Murata Manufacturing Co., Ltd.

Part # DE2B3KY102KA2A
Description  Safety Standard Certified Ceramic Capacitors
Download  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

DE2B3KY102KA2A Datasheet(HTML) 5 Page - Murata Manufacturing Co., Ltd.

  DE2B3KY102KA2A Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. DE2B3KY102KA2A Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. DE2B3KY102KA2A Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. DE2B3KY102KA2A Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. DE2B3KY102KA2A Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. DE2B3KY102KA2A Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. DE2B3KY102KA2A Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. DE2B3KY102KA2A Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. DE2B3KY102KA2A Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 83 page
background image
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
C85E.pdf
Jul.13,2011
3
(Part Number)
High Voltage Ceramic Capacitors (500V-6.3kV)
tCapacitance
Expressed by three figures. The unit is pico-farad (pF). The first
and second figures are significant digits, and the third figure
expresses the number of zeros that follow the two numbers.
oIndividual Specification Code
For part number that cannot be identified without "Individual
Specification," it is added at the end of part number, expressed
by three-digit alphanumerics.
The first three digits (
qProduct ID and wSeries Category) express
"Series Name."
Vertical
Crimp
Long
Vertical
Crimp
Short
Straight
Long
Straight
Short
Vertical
Crimp
Taping
Straight
Taping
t
102
y
K
q
DE
u
N2
r
3A
e
B3
w
B
i
A
o
qProduct ID
wSeries Category
eTemperature Characteristics
rRated Voltage
Code
2H
3A
3D
3F
3J
LH
yCapacitance Tolerance
Capacitance Tolerance
Code
C
D
J
K
Z
T0.25pF
T0.5pF
T5%
T10%
W80%, Y20%
Contents
Outline
Code
A
B
C
H
S
F
Cap. Change
or Temp. Coeff.
Temperature
Range
Temperature
Characteristics
Rated Voltage
Code
B3
E3
F3
C3
R3
D3
1X
2C
T10%
W20%,Y55%
W30%,Y80%
T20%
W15%,Y30%
T15%
W15%,Y30%
W20%,Y30%
W350 to Y1000ppm/D
0
T60ppm/D
Y25 to W85D
Y25 to W85D
W85 to W125D
Y25 to W85D
W85 to W125D
Y25 to W125D
W20 to W85D
W20 to W85D
B
E
F
C
R
D
SL
CH
High Voltage
Class 1 (Char. SL) DC1-3.15kV Rated
Class 2 DC1-3.15kV Rated
Class 1, 2 DC6.3kV Rated
High Temperature Guaranteed,
Low-dissipation Factor (Char. R, C)
High Temperature Guaranteed,
Low-dissipation Factor (Char. D)
LCD Backlight Inverter Circuit
DC500V
DC1kV
DC2kV
DC3.15kV
DC6.3kV
6.3kVp-p
Product ID
DE
High Voltage Ceramic Capacitors (500V-6.3kV) /
Safety Standard Certified Ceramic Capacitors
uLead Style
Lead
Style
Code
A2
A3
A4
B2/J2
B3/J3
B4
C1
C3
C4
CD
D1
D3
DD
N2
N3
N7
P2
P3
Lead
Spacing
Pitch of
Components
Lead Diameter
Dimensions (mm)
5
7.5
10
5
7.5
10
5
7.5
10
7.5
5
7.5
7.5
5
7.5
7.5
5
7.5
ø0.6
T0.05
ø0.6
T0.05
ø0.5
T0.05
ø0.6
T0.05
ø0.5
T0.05
ø0.5
T0.05
ø0.6
T0.05
ø0.5
T0.05
ø0.6
T0.05
ø0.6
T0.05
Y
Y
Y
Y
12.7
15
30
12.7
15
iPackaging
Packaging
Code
A
B
Ammo Pack Taping
Bulk


Similar Part No. - DE2B3KY102KA2A

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DE2B3KY102KA2A MURATA-DE2B3KY102KA2A Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
More results

Similar Description - DE2B3KY102KA2A

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DE1E3KX222MN5AA01 MURATA-DE1E3KX222MN5AA01 Datasheet
35Kb / 1P
   Safety Standard Certified Ceramic Capacitors
DE1E3KX332MA4BL01 MURATA-DE1E3KX332MA4BL01 Datasheet
35Kb / 1P
   Safety Standard Certified Ceramic Capacitors
DE1E3KX102MA4BL01 MURATA-DE1E3KX102MA4BL01 Datasheet
35Kb / 1P
   Safety Standard Certified Ceramic Capacitors
DE2B3KH101KA3B MURATA-DE2B3KH101KA3B Datasheet
35Kb / 1P
   Safety Standard Certified Ceramic Capacitors
DE2F3KH103MA3B MURATA-DE2F3KH103MA3B Datasheet
35Kb / 1P
   Safety Standard Certified Ceramic Capacitors
DE1E3KX102MA5BA01 MURATA-DE1E3KX102MA5BA01 Datasheet
35Kb / 1P
   Safety Standard Certified Ceramic Capacitors
DE2E3KH152MA3B MURATA-DE2E3KH152MA3B Datasheet
35Kb / 1P
   Safety Standard Certified Ceramic Capacitors
DE2B3KY471KA2BM01 MURATA-DE2B3KY471KA2BM01 Datasheet
35Kb / 1P
   Safety Standard Certified Ceramic Capacitors
DE1B3KX151KB5B MURATA-DE1B3KX151KB5B Datasheet
35Kb / 1P
   Safety Standard Certified Ceramic Capacitors
DE1B3KX681KA5B MURATA-DE1B3KX681KA5B Datasheet
35Kb / 1P
   Safety Standard Certified Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com