Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA103KPG4 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # INA103KPG4
Description  Low Noise, Low Distortion INSTRUMENTATION AMPLIFIER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA103KPG4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button INA103KPG4 Datasheet HTML 6Page - Texas Instruments INA103KPG4 Datasheet HTML 7Page - Texas Instruments INA103KPG4 Datasheet HTML 8Page - Texas Instruments INA103KPG4 Datasheet HTML 9Page - Texas Instruments INA103KPG4 Datasheet HTML 10Page - Texas Instruments INA103KPG4 Datasheet HTML 11Page - Texas Instruments INA103KPG4 Datasheet HTML 12Page - Texas Instruments INA103KPG4 Datasheet HTML 13Page - Texas Instruments INA103KPG4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
®
INA103
10
Figure 6 shows an active control loop that adjusts the output
offset voltage to zero. A
2, R, and C form an integrator that
produces an offsetting voltage applied to one input of the
INA103. This produces a –6dB/octave low frequency roll-
off like the capacitor input coupling in Figure 5.
COMMON-MODE INPUT RANGE
For proper operation, the combined differential input signal
and common-mode input voltage must not cause the input
amplifiers to exceed their output swing limits. The linear
input range is shown in the typical performance curve
“Maximum Common-Mode Voltage vs Output Voltage.”
For a given total gain, the input common-mode range can be
increased by reducing the input stage gain and increasing the
output stage gain with the circuit shown in Figure 7.
OUTPUT SENSE
An output sense terminal allows greater gain accuracy in
driving the load. By connecting the sense connection at the
load, I•R voltage loss to the load is included inside the
feedback loop. Current drive can be increased by connect-
ing a current booster inside the feedback loop as shown in
Figure 11.
FIGURE 6. Automatic DC Restoration.
FIGURE 4. Output Offsetting.
FIGURE 5. Input Offset Adjustment for AC-Coupled Inputs.
11
10
7
16
15
13
14
6
2
1
INA103
–In
+In
50k
(1)
50k
(1)
100k
(1)
V
OUT
Gain = 100V/V
(40dB)
NOTE: (1) 50k
R, 100k
pot is
max recommended value. Use
smaller values in this ratio if possible.
ΩΩ
I
B
I
B
+
I
B
≈ I
B
+
≈ 2.5µA
11
10
7
16
15
13
14
6
2
1
INA103
–In
+In
100k
(1)
V
OUT
+
100k
(1)
10k
2k
100k
R
C
1µF
Gain = 100V/V
(40dB)
NOTE: (1) 100k
is max recommended
value. Use smaller value if possible.
1/2 OPA1013
A
2
f–3dB =
Gain
12
π RC
11
10
7
16
15
13
14
6
2
1
INA103
150
+
150
10k
OPA27
100µA(1)
Offset Adjustment
Range = ±15mV
V–
VOUT
V+
NOTE: (1) 1/2 REF200
100µA(1)
∆VIN
Gain = 1V/V
(0dB)


Similar Part No. - INA103KPG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA103KPG4 BURR-BROWN-INA103KPG4 Datasheet
282Kb / 14P
   Low Noise, Low Distortion INSTRUMENTATION AMPLIFIER
More results

Similar Description - INA103KPG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA103 BURR-BROWN-INA103_07 Datasheet
282Kb / 14P
   Low Noise, Low Distortion INSTRUMENTATION AMPLIFIER
INA103 BURR-BROWN-INA103 Datasheet
297Kb / 12P
   Low Noise, Low Distortion INSTRUMENTATION AMPLIFIER
INA163 BURR-BROWN-INA163 Datasheet
250Kb / 11P
   Low-Noise, Low-Distortion INSTRUMENTATION AMPLIFIER
INA163 BURR-BROWN-INA163_06 Datasheet
249Kb / 11P
   Low-Noise, Low-Distortion INSTRUMENTATION AMPLIFIER
logo
Texas Instruments
INA217 TI1-INA217 Datasheet
966Kb / 25P
[Old version datasheet]   Low-Noise, Low-Distortion Instrumentation Amplifier Replacement
INA166 TI1-INA166_08 Datasheet
333Kb / 11P
[Old version datasheet]   Low-Noise, Low-Distortion, G = 2000 INSTRUMENTATION AMPLIFIER
INA166 TI-INA166 Datasheet
148Kb / 9P
[Old version datasheet]   Low-Noise, Low-Distortion, G = 2000 INSTRUMENTATION AMPLIFIER
INA166 TI-INA166_06 Datasheet
147Kb / 9P
[Old version datasheet]   Low-Noise, Low-Distortion, G = 2000 INSTRUMENTATION AMPLIFIER
INA217 TI-INA217_07 Datasheet
342Kb / 11P
[Old version datasheet]   Low-Noise, Low-Distortion INSTRUMENTATION AMPLIFIER Replacement for SSM2017
INA217 TI-INA217 Datasheet
219Kb / 11P
[Old version datasheet]   Low-Noise, Low-Distortion INSTRUMENTATION AMPLIFIER Replacement for SSM2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com