Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AKD4528 Datasheet(PDF) 8 Page - Asahi Kasei Microsystems

Part # AKD4528
Description  HIGH PERFORMANCE 24BIT 96KHZ AUDIO CODEC
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AKD4528 Datasheet(HTML) 8 Page - Asahi Kasei Microsystems

Back Button AKD4528 Datasheet HTML 4Page - Asahi Kasei Microsystems AKD4528 Datasheet HTML 5Page - Asahi Kasei Microsystems AKD4528 Datasheet HTML 6Page - Asahi Kasei Microsystems AKD4528 Datasheet HTML 7Page - Asahi Kasei Microsystems AKD4528 Datasheet HTML 8Page - Asahi Kasei Microsystems AKD4528 Datasheet HTML 9Page - Asahi Kasei Microsystems AKD4528 Datasheet HTML 10Page - Asahi Kasei Microsystems AKD4528 Datasheet HTML 11Page - Asahi Kasei Microsystems AKD4528 Datasheet HTML 12Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
ASAHI KASEI
[AK4528]
MS0011-E-00
2000/1
- 8 -
DC CHARACTERISTICS
(Ta=25
°C; VA,VD=4.75 ~ 5.25V; VT=2.7 ~ 5.25V)
Parameter
Symbol
min
typ
max
Units
High-Level Input Voltage
Low-Level Input Voltage
VIH
VIL
2.2
-
-
-
-
0.8
V
V
High-Level Output Voltage (Iout=-100
mA) (Note 11)
Low-Level Output Voltage (Iout=100
mA)
VOH
VOL
2.7 / VT-0.5
-
-
-
-
0.5
V
V
Input Leakage Current
Iin
-
-
±10
µA
Note: 11. The min value is lower voltage of 2.7V or VT-0.5V.
SWITCHING CHARACTERISTICS
(Ta=25
°C; VA,VD=4.75 ~ 5.25V, VT=2.7 ~ 5.25V; C
L=20pF)
Parameter
Symbol
min
typ
max
Units
Master Clock Timing
Frequency
Pulse Width Low
Pulse Width High
fCLK
tCLKL
tCLKH
7.68
0.4/fCLK
0.4/fCLK
55.296
MHz
ns
ns
LRCK Frequency
Normal Speed Mode (DFS = ”0”)
Double Speed Mode (DFS = ”1”)
Duty Cycle
fsn
fsd
Duty
30
60
45
44.1
88.2
54
108
55
kHz
kHz
%
Audio Interface Timing
BICK Period
BICK Pulse Width Low
Pulse Width High
LRCK Edge to BICK “
­”
(Note 12)
BICK “
­” to LRCK Edge
(Note 12)
LRCK to SDTO (MSB) (Except I
2S mode)
BICK “
¯” to SDTO
SDTI Hold Time
SDTI Setup Time
tBCK
tBCKL
tBCKH
tLRB
tBLR
tLRS
tBSD
tSDH
tSDS
81
33
33
20
20
20
20
40
40
ns
ns
ns
ns
ns
ns
ns
ns
ns
Note 12. BICK rising edge must not occur at the same time as LRCK edge.


Similar Part No. - AKD4528

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4528 AKM-AKD4528 Datasheet
302Kb / 38P
   EVALUATION BOARD FOR AK4528 REV.C
AKD4528 AKM-AKD4528 Datasheet
304Kb / 29P
   High Performance 24Bit 96kHz Audio CODEC
AKD4528 AKM-AKD4528_05 Datasheet
373Kb / 45P
   24Bit A/D & D/A converter
More results

Similar Description - AKD4528

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4528 AKM-AK4528_12 Datasheet
281Kb / 30P
   High Performance 24Bit 96kHz Audio CODEC
AK4528 AKM-AK4528_04 Datasheet
304Kb / 29P
   High Performance 24Bit 96kHz Audio CODEC
AK4524 AKM-AK4524 Datasheet
320Kb / 31P
   24BIT 96KHZ AUDIO CODEC
AK4524 AKM-AK4524_12 Datasheet
367Kb / 32P
   24Bit 96kHz Audio CODEC
AK4524 AKM-AK4524_04 Datasheet
327Kb / 31P
   24Bit 96kHz Audio CODEC
AK4584 AKM-AK4584_01 Datasheet
328Kb / 53P
   24Bit 96kHz Audio CODEC with DIT/DIR
AK4584 AKM-AK4584 Datasheet
316Kb / 53P
   24BIT 96KHZ AUDIO CODEC WITH DIT/DIR
AK4552 AKM-AK4552 Datasheet
112Kb / 15P
   3V 96KHZ 24BIT CODEC
AKD4584 AKM-AKD4584_06 Datasheet
409Kb / 46P
   the 24bit 96kHz CODEC
AKD5357-B AKM-AKD5357-B Datasheet
168Kb / 20P
   digital audio 24bit 96kHz A/D converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com