Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK4541 Datasheet(PDF) 4 Page - Asahi Kasei Microsystems

Part # AK4541
Description  AC??7 Rev 2.1 Multimedia Audio CODEC
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4541 Datasheet(HTML) 4 Page - Asahi Kasei Microsystems

  AK4541 Datasheet HTML 1Page - Asahi Kasei Microsystems AK4541 Datasheet HTML 2Page - Asahi Kasei Microsystems AK4541 Datasheet HTML 3Page - Asahi Kasei Microsystems AK4541 Datasheet HTML 4Page - Asahi Kasei Microsystems AK4541 Datasheet HTML 5Page - Asahi Kasei Microsystems AK4541 Datasheet HTML 6Page - Asahi Kasei Microsystems AK4541 Datasheet HTML 7Page - Asahi Kasei Microsystems AK4541 Datasheet HTML 8Page - Asahi Kasei Microsystems AK4541 Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
[ASAHI KASEI]
[AK4541]
<M0047-E-01>
1999/01
- 4 -
48
TEST1
I
Test pin (This pin should be open for normal operation)
Absolute Maximum Rating
AVss1, AVss2, DVss1, DVss2 =0V (Note 1)
Parameter
Symbol
min
max
Units
Power Supplies
Analog(AVdd1 & AVdd2)
Digital(DVdd1 & DVdd2)
VA
VD
-0.3
-0.3
6.0
6.0
V
V
Input Current (any pins except for supplies)
IIN
-
±10
mA
Analog Input Voltage
VINA
-0.3
VA+0.3
V
Digital Input Voltage
VIND
-0.3
VD+0.3
V
Ambient Temperature
Ta
-10
70
°C
Storage Temperature
Ta
-65
150
°C
Note 1: All voltages with respect to ground .
AGND(AVss1, AVss2) and DGND(DVss1, DVss2) must be the same voltage.
Warning: Operation at or beyond these limits may results in permanent damage to the device.
Normal operation is not guaranteed at these extremes.
Recommended Operating Condition
AGND, DGND=0V (Note 1)
Parameter
Symbol
min
typ
max
Units
Power Supplies
AK4541
Analog
Digital
VA
VD
3.135
3.135
3.3
3.3
3.465
3.465
V
V
Note 1 : All voltages with respect to ground.


Similar Part No. - AK4541

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4543 AKM-AK4543 Datasheet
385Kb / 31P
   AC??7 Rev 2.1 Multimedia Audio CODEC
AK4543VQ AKM-AK4543VQ Datasheet
385Kb / 31P
   AC??7 Rev 2.1 Multimedia Audio CODEC
AK4544 AKM-AK4544 Datasheet
381Kb / 35P
   AC97 MULTIMEDIA AUDIO CODEC WITH SRC
AK4544A AKM-AK4544A Datasheet
381Kb / 35P
   AC97 MULTIMEDIA AUDIO CODEC WITH SRC
AK4544AVQ AKM-AK4544AVQ Datasheet
381Kb / 35P
   AC97 MULTIMEDIA AUDIO CODEC WITH SRC
More results

Similar Description - AK4541

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4543 AKM-AK4543 Datasheet
385Kb / 31P
   AC??7 Rev 2.1 Multimedia Audio CODEC
logo
List of Unclassifed Man...
ES1921 ETC-ES1921 Datasheet
125Kb / 4P
   AC 97 Rev 2.1 Audio CODEC
logo
Texas Instruments
LM4549A TI1-LM4549A Datasheet
434Kb / 35P
[Old version datasheet]   AC 97 Rev 2.1 Multi-Channel Audio Codec
LM4550BVHX TI1-LM4550BVHX Datasheet
1Mb / 43P
[Old version datasheet]   LM4550B AC 97 Rev 2.1 Multi-Channel Audio Codec
logo
National Semiconductor ...
LM4549B NSC-LM4549B Datasheet
933Kb / 28P
   AC ??7 Rev 2.1 Multi-Channel Audio Codec with Sample Rate Conversion and National 3D Sound
logo
Intersil Corporation
HMP9701A INTERSIL-HMP9701A Datasheet
172Kb / 20P
   AC??7 Audio Codec
logo
List of Unclassifed Man...
ALC202 ETC-ALC202 Datasheet
598Kb / 29P
   AC??7 Audio CODEC
logo
Cirrus Logic
WM9714L CIRRUS-WM9714L Datasheet
2Mb / 120P
   AC??7 Audio Codec
Rev 4.0 DEC 2016
logo
Intersil Corporation
HMP9701 INTERSIL-HMP9701 Datasheet
174Kb / 20P
   AC??7 Audio Codec
logo
National Semiconductor ...
LM4549A NSC-LM4549A Datasheet
528Kb / 28P
   AC ??7 Rev 2.1 Codec with Sample Rate Conversion and National 3D Sound
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com