Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RC0402FR-7D620RL Datasheet(PDF) 7 Page - YAGEO Corporation

Part # RC0402FR-7D620RL
Description  GENERAL PURPOSE CHIP RESISTORS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

RC0402FR-7D620RL Datasheet(HTML) 7 Page - YAGEO Corporation

  RC0402FR-7D620RL Datasheet HTML 1Page - YAGEO Corporation RC0402FR-7D620RL Datasheet HTML 2Page - YAGEO Corporation RC0402FR-7D620RL Datasheet HTML 3Page - YAGEO Corporation RC0402FR-7D620RL Datasheet HTML 4Page - YAGEO Corporation RC0402FR-7D620RL Datasheet HTML 5Page - YAGEO Corporation RC0402FR-7D620RL Datasheet HTML 6Page - YAGEO Corporation RC0402FR-7D620RL Datasheet HTML 7Page - YAGEO Corporation RC0402FR-7D620RL Datasheet HTML 8Page - YAGEO Corporation RC0402FR-7D620RL Datasheet HTML 9Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Chip Resistor Surface Mount
www.yageo.com
Jan 05, 2011 V.6
Product specification
7
9
SERIES
RC
0402
TEST
TEST METHOD
PROCEDURE
REQUIREMENTS
Board Flex/
Bending
IEC 60068-2-21
Chips mounted on a 90mm glass epoxy resin
PCB (FR4)
5 mm bending
Bending time: 60±5 seconds
±(1.0%+0.05 Ω) for 1%, 5% tol.
<50 mΩ for Jumper
No visible damage
Low
Temperature
Operation
IEC 60068-2-1
The resistor shall be subjected to a DC rated
voltage for 1.5 h-on, 0.5 h-off, at -55±3 °C
This constitutes shall be repeated for 96 hours
However the applied voltage shall not exceed
the maximum operating voltage
±(0.5%+0.05 Ω) for 1% tol.
±(1.0%+0.05 Ω) for 5% tol.
No visible damage
Insulation
Resistance
IEC 60115-1 4.6
Rated continuous overload voltage (RCOV)
for 1 minute
Type
RC0402
Voltage (DC)
100 V
≥10 GΩ
Dielectric
Withstand
Voltage
IEC 60115-1 4.7
Maximum voltage (Vrms) applied for 1 minute
Type
RC0402
Voltage (AC)
100 Vrms
No breakdown or flashover
Resistance to
Solvent
IPC/JEDEC J-STD-020D
lsopropylalcohol (C3H7OH) followed by
brushing
No smeared
Noise
IEC 60115-1 4.12
Maximum voltage (Vrms) applied
Resistors range
Value
R < 100 Ω
10 dB
100 Ω ≤ R < 1 KΩ
20 dB
1 KΩ ≤ R < 10 KΩ
30 dB
10 KΩ ≤ R < 100 KΩ
40 dB
100 KΩ ≤ R < 1 MΩ
46 dB
1 MΩ ≤ R ≤ 22 MΩ
48 dB
Humidity
IEC 60115-1 4.21
Steady state for 1000 hours at 40 °C / 95% R.H.
RCWV applied for 1.5 hours on and
0.5 hour off
±(1.0%+0.05 Ω) for 1% tol.
±(2.0%+0.05 Ω) for 5% tol.
<100 mΩ for Jumper


Similar Part No. - RC0402FR-7D620RL

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
RC0402FR-7D680KL YAGEO-RC0402FR-7D680KL Datasheet
309Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC0402FR-7D680RL YAGEO-RC0402FR-7D680RL Datasheet
309Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
More results

Similar Description - RC0402FR-7D620RL

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
RC0075BR-0797R6L YAGEO-RC0075BR-0797R6L Datasheet
1,007Kb / 10P
   GENERAL PURPOSE CHIP RESISTORS
logo
List of Unclassifed Man...
RC01 ETC1-RC01 Datasheet
629Kb / 15P
   General purpose chip resistors
logo
YAGEO Corporation
RC0805FR-078K2L YAGEO-RC0805FR-078K2L Datasheet
315Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC0603FR-076K8L YAGEO-RC0603FR-076K8L Datasheet
402Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC2512JK-0747KL YAGEO-RC2512JK-0747KL Datasheet
432Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC0603FR-0718RL YAGEO-RC0603FR-0718RL Datasheet
402Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC2512JK-0710RL YAGEO-RC2512JK-0710RL Datasheet
299Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC0402JR-0727KL YAGEO-RC0402JR-0727KL Datasheet
309Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC0201FR-0722KL YAGEO-RC0201FR-0722KL Datasheet
314Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
1018594 YAGEO-1018594 Datasheet
309Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com