Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZX55C51 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # BZX55C51
Description  Small Signal Zener Diodes
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BZX55C51 Datasheet(HTML) 2 Page - Vishay Siliconix

  BZX55C51 Datasheet HTML 1Page - Vishay Siliconix BZX55C51 Datasheet HTML 2Page - Vishay Siliconix BZX55C51 Datasheet HTML 3Page - Vishay Siliconix BZX55C51 Datasheet HTML 4Page - Vishay Siliconix BZX55C51 Datasheet HTML 5Page - Vishay Siliconix BZX55C51 Datasheet HTML 6Page - Vishay Siliconix BZX55C51 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
BZX55-Series
www.vishay.com
Vishay Semiconductors
Rev. 1.7, 25-Nov-11
2
Document Number: 85604
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PART NUMBER
ZENER VOLTAGE
RANGE
TEST
CURRENT
REVERSE LEAKAGE
CURRENT
DYNAMIC
RESISTANCE
TEMPERATURE
COEFFICIENT
VZ at IZT1
IZT1
IZT2
IR at VR
ZZ at IZT1
ZZK at IZT2
TKVZ
Tamb=
25 °C
Tamb =
150 °C
f = 1 kHz
V
mA
μA
V
%/K
MIN.
NOM.
MAX.
MAX.
MAX.
MIN.
MAX.
BZX55C2V4
2.28
2.4
2.56
5
1
< 50
< 100
1
< 85
< 600
- 0.09
- 0.06
BZX55C2V7
2.5
2.7
2.9
5
1
< 10
< 50
1
< 85
< 600
- 0.09
- 0.06
BZX55C3V0
2.8
3.0
3.2
5
1
< 4
< 40
1
< 85
< 600
- 0.08
- 0.05
BZX55C3V3
3.1
3.3
3.5
5
1
< 2
< 40
1
< 85
< 600
- 0.08
- 0.05
BZX55C3V6
3.4
3.6
3.8
5
1
< 2
< 40
1
< 85
< 600
- 0.08
- 0.05
BZX55C3V9
3.7
3.9
4.1
5
1
< 2
< 40
1
< 85
< 600
- 0.08
- 0.05
BZX55C4V3
4
4.3
4.6
5
1
< 1
< 20
1
< 75
< 600
- 0.06
- 0.03
BZX55C4V7
4.4
4.7
5
5
1
< 0.5
< 10
1
< 60
< 600
- 0.05
0.02
BZX55C5V1
4.8
5.1
5.4
5
1
< 0.1
< 2
1
< 35
< 550
- 0.02
0.02
BZX55C5V6
5.2
5.6
6
5
1
< 0.1
< 2
1
< 25
< 450
- 0.05
0.05
BZX55C6V2
5.8
6.2
6.6
5
1
< 0.1
< 2
2
< 10
< 200
0.03
0.06
BZX55C6V8
6.4
6.8
7.2
5
1
< 0.1
< 2
3
< 8
< 150
0.03
0.07
BZX55C7V5
7
7.5
7.9
5
1
< 0.1
< 2
5
< 7
< 50
0.03
0.07
BZX55C8V2
7.7
8.2
8.7
5
1
< 0.1
< 2
6.2
< 7
< 50
0.03
0.08
BZX55C9V1
8.5
9.1
9.6
5
1
< 0.1
< 2
6.8
< 10
< 50
0.03
0.09
BZX55C10
9.4
10
10.6
5
1
< 0.1
< 2
7.5
< 15
< 70
0.03
0.1
BZX55C11
10.4
11
11.6
5
1
< 0.1
< 2
8.2
< 20
< 70
0.03
0.11
BZX55C12
11.4
12
12.7
5
1
< 0.1
< 2
9.1
< 20
< 90
0.03
0.11
BZX55C13
12.4
13
14.1
5
1
< 0.1
< 2
10
< 26
< 110
0.03
0.11
BZX55C15
13.8
15
15.6
5
1
< 0.1
< 2
11
< 30
< 110
0.03
0.11
BZX55C16
15.3
16
17.1
5
1
< 0.1
< 2
12
< 40
< 170
0.03
0.11
BZX55C18
16.8
18
19.1
5
1
< 0.1
< 2
13
< 50
< 170
0.03
0.11
BZX55C20
18.8
20
21.2
5
1
< 0.1
< 2
15
< 55
< 220
0.03
0.11
BZX55C22
20.8
22
23.3
5
1
< 0.1
< 2
16
< 55
< 220
0.04
0.12
BZX55C24
22.8
24
25.6
5
1
< 0.1
< 2
18
< 80
< 220
0.04
0.12
BZX55C27
25.1
27
28.9
5
1
< 0.1
< 2
20
< 80
< 220
0.04
0.12
BZX55C30
28
30
32
5
1
< 0.1
< 2
22
< 80
< 220
0.04
0.12
BZX55C33
31
33
35
5
1
< 0.1
< 2
24
< 80
< 220
0.04
0.12
BZX55C36
34
36
38
5
1
< 0.1
< 2
27
< 80
< 220
0.04
0.12
BZX55C39
37
39
41
2.5
0.5
< 0.1
< 5
30
< 90
< 500
0.04
0.12
BZX55C43
40
43
46
2.5
0.5
< 0.1
< 5
33
< 90
< 600
0.04
0.12
BZX55C47
44
47
50
2.5
0.5
< 0.1
< 5
36
< 110
< 700
0.04
0.12
BZX55C51
48
51
54
2.5
0.5
< 0.1
< 10
39
< 125
< 700
0.04
0.12
BZX55C56
52
56
60
2.5
0.5
< 0.1
< 10
43
< 135
< 1000
0.04
0.12
BZX55C62
58
62
66
2.5
0.5
< 0.1
< 10
47
< 150
< 1000
0.04
0.12
BZX55C68
64
68
72
2.5
0.5
< 0.1
< 10
51
< 200
< 1000
0.04
0.12
BZX55C75
70
75
79
2.5
0.5
< 0.1
< 10
56
< 250
< 1500
0.04
0.12


Similar Part No. - BZX55C51

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BZX55C51 VISHAY-BZX55C51 Datasheet
70Kb / 6P
   Silicon Epitaxial Planar Z-Diodes
Rev. 4, 01-Apr-99
logo
Microdiode Electronics ...
BZX55C51 CHENDA-BZX55C51 Datasheet
695Kb / 3P
   Low zener impedance
logo
Rectron Semiconductor
BZX55C51 RECTRON-BZX55C51 Datasheet
196Kb / 5P
   SILICON PLANAR ZENER DIODE
logo
RFE international
BZX55C51 RFE-BZX55C51 Datasheet
1Mb / 2P
   Zener Diodes BZX Series
06-06-2022
logo
Gaomi Xinghe Electronic...
BZX55C51 GXELECTRONICS-BZX55C51 Datasheet
102Kb / 3P
   Silicon Planar Zener Diodes
More results

Similar Description - BZX55C51

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
TZS4678 EIC-TZS4678 Datasheet
213Kb / 2P
   SMALL SIGNAL ZENER DIODES
logo
Vishay Siliconix
TZM VISHAY-TZM Datasheet
104Kb / 8P
   Small Signal Zener Diodes
Rev. 1.4, 28-Feb-06
TZQ5221B VISHAY-TZQ5221B_06 Datasheet
190Kb / 7P
   Small Signal Zener Diodes
Rev. 1.7, 23-Mar-06
TZS4678 VISHAY-TZS4678_06 Datasheet
190Kb / 7P
   Small Signal Zener Diodes
Rev. 1.5, 15-Mar-06
TZS4678 VISHAY-TZS4678_12 Datasheet
109Kb / 6P
   Small Signal Zener Diodes
Rev. 1.7, 22-Nov-11
MMSZ5237B-V-GS08 VISHAY-MMSZ5237B-V-GS08 Datasheet
80Kb / 4P
   Small Signal Zener Diodes
Rev. 1.9, 27-Feb-13
TZM5244B-GS08 VISHAY-TZM5244B-GS08 Datasheet
76Kb / 4P
   Small Signal Zener Diodes
Rev. 1.7, 22-Nov-12
MMBZ4617-V VISHAY-MMBZ4617-V_12 Datasheet
77Kb / 3P
   Small Signal Zener Diodes
Rev. 1.5, 05-Oct-11
BZX84C12-V-GS08 VISHAY-BZX84C12-V-GS08 Datasheet
144Kb / 8P
   Small Signal Zener Diodes
Rev. 1.9, 08-Dec-11
TZMC15-GS08 VISHAY-TZMC15-GS08 Datasheet
102Kb / 7P
   Small Signal Zener Diodes
Rev. 1.6, 22-Nov12
MMSZ5252B-V-GS08 VISHAY-MMSZ5252B-V-GS08 Datasheet
80Kb / 4P
   Small Signal Zener Diodes
Rev. 1.9, 27-Feb-13
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com