Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DE11XKH102JA2A Datasheet(PDF) 27 Page - Murata Manufacturing Co., Ltd.

Part # DE11XKH102JA2A
Description  Safety Standard Certified Ceramic Capacitors
Download  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

DE11XKH102JA2A Datasheet(HTML) 27 Page - Murata Manufacturing Co., Ltd.

Back Button DE11XKH102JA2A Datasheet HTML 23Page - Murata Manufacturing Co., Ltd. DE11XKH102JA2A Datasheet HTML 24Page - Murata Manufacturing Co., Ltd. DE11XKH102JA2A Datasheet HTML 25Page - Murata Manufacturing Co., Ltd. DE11XKH102JA2A Datasheet HTML 26Page - Murata Manufacturing Co., Ltd. DE11XKH102JA2A Datasheet HTML 27Page - Murata Manufacturing Co., Ltd. DE11XKH102JA2A Datasheet HTML 28Page - Murata Manufacturing Co., Ltd. DE11XKH102JA2A Datasheet HTML 29Page - Murata Manufacturing Co., Ltd. DE11XKH102JA2A Datasheet HTML 30Page - Murata Manufacturing Co., Ltd. DE11XKH102JA2A Datasheet HTML 31Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 83 page
background image
C85E.pdf
Jul.13,2011
Taping
Bulk
Polyethylene Bag
Ammo Pack
Continued from the preceding page.
Packaging Styles
s Minimum Quantity (Order in Sets Only)
* Lead Spacing F=5.0mm (Code: A2): 500pcs.
Type KY
Type KH
Type KX (Small Size)
DEJ Series
Type KX
7
8 to 11
12 to 14
15, 16
8, 9
10
12 to 15
Body Dia. D
(mm)
250 *
250
200
100
250
100
100
Lead Code
Ap, Cp
500
500
250
200
500
250
200
Lead Code
Bp, Dp
Long
Short
[Bulk]
(pcs./Bag)
Type KY
Type KH
Type KX (Small Size)
Type KX
DEJ Series
1,000
1,500
900
900
1,000
Lead Code
N2
N3, P3
N4, N5, N7
400
500
500
[Taping]
(pcs./Ammo Pack)
Safety Certified Ceramic Capacitors Packaging
25
5
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.


Similar Part No. - DE11XKH102JA2A

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DE11XKH102JA2A MURATA-DE11XKH102JA2A Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
More results

Similar Description - DE11XKH102JA2A

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DE1E3KX222MN5AA01 MURATA-DE1E3KX222MN5AA01 Datasheet
35Kb / 1P
   Safety Standard Certified Ceramic Capacitors
DE1E3KX332MA4BL01 MURATA-DE1E3KX332MA4BL01 Datasheet
35Kb / 1P
   Safety Standard Certified Ceramic Capacitors
DE1E3KX102MA4BL01 MURATA-DE1E3KX102MA4BL01 Datasheet
35Kb / 1P
   Safety Standard Certified Ceramic Capacitors
DE2B3KH101KA3B MURATA-DE2B3KH101KA3B Datasheet
35Kb / 1P
   Safety Standard Certified Ceramic Capacitors
DE2F3KH103MA3B MURATA-DE2F3KH103MA3B Datasheet
35Kb / 1P
   Safety Standard Certified Ceramic Capacitors
DE1E3KX102MA5BA01 MURATA-DE1E3KX102MA5BA01 Datasheet
35Kb / 1P
   Safety Standard Certified Ceramic Capacitors
DE2E3KH152MA3B MURATA-DE2E3KH152MA3B Datasheet
35Kb / 1P
   Safety Standard Certified Ceramic Capacitors
DE2B3KY471KA2BM01 MURATA-DE2B3KY471KA2BM01 Datasheet
35Kb / 1P
   Safety Standard Certified Ceramic Capacitors
DE1B3KX151KB5B MURATA-DE1B3KX151KB5B Datasheet
35Kb / 1P
   Safety Standard Certified Ceramic Capacitors
DE1B3KX681KA5B MURATA-DE1B3KX681KA5B Datasheet
35Kb / 1P
   Safety Standard Certified Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com