Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DEJB3KH102JA2A Datasheet(PDF) 11 Page - Murata Manufacturing Co., Ltd.

Part # DEJB3KH102JA2A
Description  Safety Standard Certified Ceramic Capacitors
Download  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

DEJB3KH102JA2A Datasheet(HTML) 11 Page - Murata Manufacturing Co., Ltd.

Back Button DEJB3KH102JA2A Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. DEJB3KH102JA2A Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. DEJB3KH102JA2A Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. DEJB3KH102JA2A Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. DEJB3KH102JA2A Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. DEJB3KH102JA2A Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. DEJB3KH102JA2A Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. DEJB3KH102JA2A Datasheet HTML 14Page - Murata Manufacturing Co., Ltd. DEJB3KH102JA2A Datasheet HTML 15Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 83 page
background image
C85E.pdf
Jul.13,2011
9
3
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
Safety Standard Certified Ceramic Capacitors
Type KX Small Size (Reinforced Insulation) -IEC60384-14 Class X1, Y1-
s Features
1. We design capacitors much more compact in size than
current Type KX, having reduced the diameter
by 20% max.
2. Operating temperature range guaranteed up to 125
degrees (UL: 85 deg.).
3. Dielectric strength: AC4000V
4. Class X1/Y1 capacitors certified by
UL/CSA/VDE/BSI/SEMKO/DEMKO/FIMKO/NEMKO/ESTI/
IMQ.
5. Can be use with a component in appliances
requiring reinforced insulation and double
insulation based on UL1492, IEC60065 and IEC60950.
6. Coated with flame-retardant epoxy resin (conforming
to UL94V-0 standard).
Please contact us when a halogen-free product*
is necessary.
* Cl=900ppm max., Br=900ppm max. and
Cl+Br=1500ppm max.
7. Taping available for automatic insertion.
s Applications
1. Ideal for use as X/Y capacitors for AC line filters
and primary-secondary coupling on switching power
supplies and AC adapters.
2. Ideal for use on D-A isolation and noise absorption
for DAA modems without transformers.
Do not use these products in any automotive
power train or safety equipment including battery
chargers for electric vehicles and plug-in hybrids.
Only Murata products clearly stipulated as
"for Automotive use" on its catalog can be used
for automobile applications such as power train and
safety equipment.
*: Small sized Type KX differs from current Type KX
in electrical characteristics, such as the voltage
dependency, capacitance temperature dependency,
and Dielectric strength.
Therefore, before replacing current Type KX,
please make a performance check by equipment.
Please also refer to Notice (Rating) item 2,
"Performance Check by Equipment," below.
ød
F
±1.0
(in mm)
D max.
e
T max.
Lead Code
Coating Extension e
A4
Up to the end of crimp
ød
0.6
±0.05
[Bulk]
Vertical Crimp Long (A4)
ød
F
±0.8
D max.
e
T max.
(in mm)
Lead Code
Coating Extension e
B4
Up to the end of crimp
ød
0.6
±0.05
[Bulk]
Vertical Crimp Short (B4)


Similar Part No. - DEJB3KH102JA2A

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DEJB3KH102JA2A MURATA-DEJB3KH102JA2A Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DEJB3KH102JA2A MURATA-DEJB3KH102JA2A Datasheet
1Mb / 66P
   High Voltage Ceramic Capacitors
DEJB3KH102JA2A MURATA-DEJB3KH102JA2A Datasheet
1Mb / 72P
   High Voltage Ceramic Capacitors
DEJB3KH102JA2A MURATA-DEJB3KH102JA2A Datasheet
35Kb / 1P
   Safety Standard Certified Ceramic Capacitors
DEJB3KH102JA2A MURATA-DEJB3KH102JA2A Datasheet
1Mb / 83P
   High Voltage Ceramic Capacitors
More results

Similar Description - DEJB3KH102JA2A

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DE1E3KX222MN5AA01 MURATA-DE1E3KX222MN5AA01 Datasheet
35Kb / 1P
   Safety Standard Certified Ceramic Capacitors
DE1E3KX332MA4BL01 MURATA-DE1E3KX332MA4BL01 Datasheet
35Kb / 1P
   Safety Standard Certified Ceramic Capacitors
DE1E3KX102MA4BL01 MURATA-DE1E3KX102MA4BL01 Datasheet
35Kb / 1P
   Safety Standard Certified Ceramic Capacitors
DE2B3KH101KA3B MURATA-DE2B3KH101KA3B Datasheet
35Kb / 1P
   Safety Standard Certified Ceramic Capacitors
DE2F3KH103MA3B MURATA-DE2F3KH103MA3B Datasheet
35Kb / 1P
   Safety Standard Certified Ceramic Capacitors
DE1E3KX102MA5BA01 MURATA-DE1E3KX102MA5BA01 Datasheet
35Kb / 1P
   Safety Standard Certified Ceramic Capacitors
DE2E3KH152MA3B MURATA-DE2E3KH152MA3B Datasheet
35Kb / 1P
   Safety Standard Certified Ceramic Capacitors
DE2B3KY471KA2BM01 MURATA-DE2B3KY471KA2BM01 Datasheet
35Kb / 1P
   Safety Standard Certified Ceramic Capacitors
DE1B3KX151KB5B MURATA-DE1B3KX151KB5B Datasheet
35Kb / 1P
   Safety Standard Certified Ceramic Capacitors
DE1B3KX681KA5B MURATA-DE1B3KX681KA5B Datasheet
35Kb / 1P
   Safety Standard Certified Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com