Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AK4524VF Datasheet(PDF) 1 Page - Asahi Kasei Microsystems

Part No. AK4524VF
Description  24BIT 96KHZ AUDIO CODEC
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4524VF Datasheet(HTML) 1 Page - Asahi Kasei Microsystems

  AK4524VF Datasheet HTML 1Page - Asahi Kasei Microsystems AK4524VF Datasheet HTML 2Page - Asahi Kasei Microsystems AK4524VF Datasheet HTML 3Page - Asahi Kasei Microsystems AK4524VF Datasheet HTML 4Page - Asahi Kasei Microsystems AK4524VF Datasheet HTML 5Page - Asahi Kasei Microsystems AK4524VF Datasheet HTML 6Page - Asahi Kasei Microsystems AK4524VF Datasheet HTML 7Page - Asahi Kasei Microsystems AK4524VF Datasheet HTML 8Page - Asahi Kasei Microsystems AK4524VF Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
ASAHI KASEI
[AK4524]
M0050-E-01
1999/5
- 1 -
GENERAL DESCRIPTION
The AK4524 is a high performance 24bit CODEC for the 96kHz recording system. The ADC has an
Enhanced Dual Bit architecture with wide dynamic range. The DAC uses the new developed Advanced
Multi Bit architecture and achieves low outband noise and high jitter tolerance by use of SCF (switched
capacitor filter) techniques. The AK4524 has an input PGA and is well suited MD, DVTR system and
musical instruments.
FEATURES
· 24bit 2ch ADC
- 64x Oversampling
- Single-End Inputs
- S/(N+D): 90dB
- Dynamic Range, S/N: 100dB
- Digital HPF for offset cancellation
- Input PGA with +18dB gain & 0.5dB step
- Input DATT with -72dB att
- I/F format: MSB justified or I
2S
· 24bit 2ch DAC
- 128x Oversampling
- 24bit 8 times Digital Filter
Ripple: ±0.005dB, Attenuation: 75dB
- SCF
- Differential Outputs
- S/(N+D): 94dB
- Dynamic Range, S/N: 110dB
- De-emphasis for 32kHz, 44.1kHz, 48kHz sampling
- Output DATT with -72dB att
- Soft Mute
- I/F format: MSB justified, LSB justified or I
2S
· High Jitter Tolerance
· 3-wire Serial Interface for Volume Control
· Master Clock
- X’tal Oscillating Circuit
- 256fs/384fs/512fs/768fs/1024fs
· Master Mode/Slave Mode
· 5V operation
· 3V Power Supply Pin for 3V I/F
· Small 28pin VSOP package
24Bit 96kHz Audio CODEC
AK4524


Similar Part No. - AK4524VF

ManufacturerPart No.DatasheetDescription
Asahi Kasei Microsystems
Asahi Kasei Microsystem...
AK4524VF AKM-AK4524VF Datasheet
327Kb / 31P
   24Bit 96kHz Audio CODEC
More results

Similar Description - AK4524VF

ManufacturerPart No.DatasheetDescription
Asahi Kasei Microsystems
Asahi Kasei Microsystem...
AK4524 AKM-AK4524_12 Datasheet
367Kb / 32P
   24Bit 96kHz Audio CODEC
AK4524 AKM-AK4524_04 Datasheet
327Kb / 31P
   24Bit 96kHz Audio CODEC
AK4528 AKM-AK4528_04 Datasheet
304Kb / 29P
   High Performance 24Bit 96kHz Audio CODEC
AK4528 AKM-AK4528_12 Datasheet
281Kb / 30P
   High Performance 24Bit 96kHz Audio CODEC
AK4528 AKM-AK4528 Datasheet
284Kb / 29P
   HIGH PERFORMANCE 24BIT 96KHZ AUDIO CODEC
AK4584 AKM-AK4584_01 Datasheet
328Kb / 53P
   24Bit 96kHz Audio CODEC with DIT/DIR
AK4552 AKM-AK4552 Datasheet
112Kb / 15P
   3V 96KHZ 24BIT CODEC
AKD4584 AKM-AKD4584_06 Datasheet
409Kb / 46P
   the 24bit 96kHz CODEC
AK4584 AKM-AK4584 Datasheet
316Kb / 53P
   24BIT 96KHZ AUDIO CODEC WITH DIT/DIR
AK4324VF AKM-AK4324VF Datasheet
166Kb / 18P
   96kHz Sampling 24Bit
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com