Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK4524VF Datasheet(PDF) 30 Page - Asahi Kasei Microsystems

Part # AK4524VF
Description  24BIT 96KHZ AUDIO CODEC
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4524VF Datasheet(HTML) 30 Page - Asahi Kasei Microsystems

Back Button AK4524VF Datasheet HTML 23Page - Asahi Kasei Microsystems AK4524VF Datasheet HTML 24Page - Asahi Kasei Microsystems AK4524VF Datasheet HTML 25Page - Asahi Kasei Microsystems AK4524VF Datasheet HTML 26Page - Asahi Kasei Microsystems AK4524VF Datasheet HTML 27Page - Asahi Kasei Microsystems AK4524VF Datasheet HTML 28Page - Asahi Kasei Microsystems AK4524VF Datasheet HTML 29Page - Asahi Kasei Microsystems AK4524VF Datasheet HTML 30Page - Asahi Kasei Microsystems AK4524VF Datasheet HTML 31Page - Asahi Kasei Microsystems  
Zoom Inzoom in Zoom Outzoom out
 30 / 31 page
background image
ASAHI KASEI
[AK4524]
M0050-E-01
1999/5
- 30 -
PACKAGE
0.1
±0.1
0-10
°
Detail A
Seating Plane
NOTE: Dimension "*" does not include mold flash.
| 0.10
0.15-0.05
0.22
±0.1
0.65
*9.8
±0.2
1.25
±0.2
A
1
14
15
28
28pin VSOP (Unit: mm )
+0.1
0.675
n
n
n
n Package & Lead frame material
Package molding compound:
Epoxy
Lead frame material:
Cu
Lead frame surface treatment:
Solder plate


Similar Part No. - AK4524VF

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4524VF AKM-AK4524VF Datasheet
327Kb / 31P
   24Bit 96kHz Audio CODEC
More results

Similar Description - AK4524VF

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4524 AKM-AK4524_12 Datasheet
367Kb / 32P
   24Bit 96kHz Audio CODEC
AK4524 AKM-AK4524_04 Datasheet
327Kb / 31P
   24Bit 96kHz Audio CODEC
AK4528 AKM-AK4528_12 Datasheet
281Kb / 30P
   High Performance 24Bit 96kHz Audio CODEC
AK4528 AKM-AK4528_04 Datasheet
304Kb / 29P
   High Performance 24Bit 96kHz Audio CODEC
AK4528 AKM-AK4528 Datasheet
284Kb / 29P
   HIGH PERFORMANCE 24BIT 96KHZ AUDIO CODEC
AK4584 AKM-AK4584_01 Datasheet
328Kb / 53P
   24Bit 96kHz Audio CODEC with DIT/DIR
AK4584 AKM-AK4584 Datasheet
316Kb / 53P
   24BIT 96KHZ AUDIO CODEC WITH DIT/DIR
AK4552 AKM-AK4552 Datasheet
112Kb / 15P
   3V 96KHZ 24BIT CODEC
AKD4584 AKM-AKD4584_06 Datasheet
409Kb / 46P
   the 24bit 96kHz CODEC
AKD5357-B AKM-AKD5357-B Datasheet
168Kb / 20P
   digital audio 24bit 96kHz A/D converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com