Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN75ALS174ADW Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN75ALS174ADW
Description  QUADRUPLE DIFFERENTIAL LINE DRIVER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN75ALS174ADW Datasheet(HTML) 1 Page - Texas Instruments

  SN75ALS174ADW Datasheet HTML 1Page - Texas Instruments SN75ALS174ADW Datasheet HTML 2Page - Texas Instruments SN75ALS174ADW Datasheet HTML 3Page - Texas Instruments SN75ALS174ADW Datasheet HTML 4Page - Texas Instruments SN75ALS174ADW Datasheet HTML 5Page - Texas Instruments SN75ALS174ADW Datasheet HTML 6Page - Texas Instruments SN75ALS174ADW Datasheet HTML 7Page - Texas Instruments SN75ALS174ADW Datasheet HTML 8Page - Texas Instruments SN75ALS174ADW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
SN75ALS174A
QUADRUPLE DIFFERENTIAL LINE DRIVER
SLLS122E – JULY 1991 – REVISED APRIL 1998
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Meets or Exceeds the Requirements of
ANSI EIA/TIA-422-B and RS-485
D High-Speed Advanced Low-Power Schottky
Circuitry
D Designed for up to 20-Mbit/s Operation in
Both Serial and Parallel Applications
D Designed for Multipoint Transmission on
Long Bus Lines in Noisy Environments
D Low Supply Current Requirements
55 mA Max
D Wide Positive and Negative Input/Output
Bus Voltage Ranges
D Driver Output Capacity... ±60 mA
D Thermal-Shutdown Protection
D Driver Positive- and Negative-Current
Limiting
D Functionally Interchangeable With SN75174
description
The SN75ALS174A is a quadruple line driver with
3-state differential outputs. It is designed to meet
the
requirements
of
ANSI
Standards
EIA/TIA-422-B and RS-485. This device is
optimized
for
balanced
multipoint
bus
transmission at rates of up to 20 Mbit/s. Each
driver features wide positive and negative
common-mode output voltage ranges that make
them suitable for party-line applications in noisy
environments.
The SN75ALS174A provides positive- and negative-current limiting and thermal shutdown for protection from
line fault conditions on the transmission bus line. Shutdown occurs at a junction temperature of
approximately 150
°C.
The SN75ALS174A is characterized for operation from 0
°C to 70°C.
FUNCTION TABLE
(each driver)
INPUT
ENABLES
OUTPUTS
A
ENABLES
Y
Z
H
H
H
L
L
H
L
H
X
L
Z
Z
H = high level, L = low level, X = irrelevant,
Z = high impedance (off)
Copyright
© 1998, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
DW PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
1A
1Y
NC
1Z
1,2EN
2Z
NC
2Y
2A
GND
VCC
4A
4Y
NC
4Z
3,4EN
3Z
NC
3Y
3A
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
1A
1Y
1Z
1,2EN
2Z
2Y
2A
GND
VCC
4A
4Y
4Z
3,4EN
3Z
3Y
3A
N PACKAGE
(TOP VIEW)
NC – No internal connection


Similar Part No. - SN75ALS174ADW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75ALS174ADW TI-SN75ALS174ADW Datasheet
107Kb / 7P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
SN75ALS174ADW TI-SN75ALS174ADW Datasheet
827Kb / 14P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
SN75ALS174ADW TI1-SN75ALS174ADW Datasheet
1Mb / 19P
[Old version datasheet]   Quadruple Differential Line Driver
SN75ALS174ADWE4 TI-SN75ALS174ADWE4 Datasheet
827Kb / 14P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
SN75ALS174ADWE4 TI1-SN75ALS174ADWE4 Datasheet
1Mb / 19P
[Old version datasheet]   Quadruple Differential Line Driver
More results

Similar Description - SN75ALS174ADW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75174 TI-SN75174 Datasheet
139Kb / 9P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
AM26C31 TI-AM26C31_10 Datasheet
620Kb / 21P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
AM26C31-EP TI1-AM26C31-EP Datasheet
178Kb / 11P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
MC3487 TI-MC3487_06 Datasheet
392Kb / 12P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
SN75ALS172A TI-SN75ALS172A Datasheet
109Kb / 7P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
SN75ALS192 TI-SN75ALS192 Datasheet
156Kb / 11P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
AM26LS31 TI1-AM26LS31_16 Datasheet
1Mb / 28P
[Old version datasheet]   Quadruple Differential Line Driver
AM26C31 TI-AM26C31_08 Datasheet
633Kb / 20P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
SN75ALS174A TI1-SN75ALS174A_18 Datasheet
1Mb / 19P
[Old version datasheet]   Quadruple Differential Line Driver
5962-7802301Q2A TI-5962-7802301Q2A Datasheet
1Mb / 22P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com