Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN75LBC179ADRG4 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN75LBC179ADRG4
Description  LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN75LBC179ADRG4 Datasheet(HTML) 3 Page - Texas Instruments

  SN75LBC179ADRG4 Datasheet HTML 1Page - Texas Instruments SN75LBC179ADRG4 Datasheet HTML 2Page - Texas Instruments SN75LBC179ADRG4 Datasheet HTML 3Page - Texas Instruments SN75LBC179ADRG4 Datasheet HTML 4Page - Texas Instruments SN75LBC179ADRG4 Datasheet HTML 5Page - Texas Instruments SN75LBC179ADRG4 Datasheet HTML 6Page - Texas Instruments SN75LBC179ADRG4 Datasheet HTML 7Page - Texas Instruments SN75LBC179ADRG4 Datasheet HTML 8Page - Texas Instruments SN75LBC179ADRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
SN65LBC179A
SN75LBC179A
www.ti.com
SLLS377D
– MAY 2000 – REVISED SEPTEMBER 2011
ABSOLUTE MAXIMUM RATINGS
(1)
over operating free-air temperature range (unless otherwise noted)
UNIT
VCC
Supply voltage range(2)
–0.3 V to 6 V
A, B, Y, or Z(2)
–10 V to 15 V
Voltage range
D or R(2)
–0.3 V to VCC + 0.5 V
IO
Receiver output current
±20 mA
Bus terminals and GND, Class 3, A(3)
12 kV
Bus terminals and GND, Class 3, B(3)
400 V
Electrostatic discharge
All terminals, Class 3, A
3 kV
All terminals, Class 3, B
400 V
Continuous total power dissipation(4)
Internally limited
Total power dissipation
See Dissipation Rating Table
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values, except differential I/O bus voltages, are with respect to GND.
(3)
Tested in accordance with MIL-STD-883C, Method 3015.7
(4)
The maximum operating junction temperature is internally limited. Uses the dissipation rating table to operate below this temperature.
DISSIPATION RATINGS
PACKAGE
TA ≤ 25°C
DERATING FACTOR(1)
TA = 70°C
TA = 85°C
POWER RATING
ABOVE TA = 25°C
POWER RATING
POWER RATING
D
725 mW
5.8 mW/
°C
464 mW
377 mW
P
1100 mW
8.08 mW/
°C
640 mW
520 mW
(1)
This is the inverse of the junction-to-ambient thermal resistance when board-mounted and with no air flow.
RECOMMENDED OPERATING CONDITIONS
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.75
5
5.25
V
VIH
High-level input voltage
D
2
VCC
V
VIL
Low-level input voltage
D
0
0.8
V
VID
Differential input voltage(1)
–12(2)
12
V
VO
VI
Voltage at any bus terminal (separately or common-mode)
A, B, Y, or Z
–7
12
V
VIC
Y or Z
–60
IOH
High-level output current
mA
R
–8
Y or Z
60
IOL
Low-level output current
mA
R
8
SN65LBC179A
–40
85
TA
Operating free-air temperature
°C
SN75LBC179A
0
70
(1)
Differential input/output bus voltage is measured at the noninverting terminal with respect to the inverting terminal.
(2)
The algebraic convention, in which the least positive (most negative) limit is designated as minimum, is used in this data sheet.
Copyright
© 2000–2011, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): SN65LBC179A SN75LBC179A


Similar Part No. - SN75LBC179ADRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LBC179ADRG4 TI-SN75LBC179ADRG4 Datasheet
421Kb / 18P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
More results

Similar Description - SN75LBC179ADRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LBC179A TI-SN65LBC179A Datasheet
195Kb / 13P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN65LBC179ADG4 TI-SN65LBC179ADG4 Datasheet
421Kb / 18P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN65LBC180A TI1-SN65LBC180A_15 Datasheet
537Kb / 21P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN65LBC180 TI-SN65LBC180 Datasheet
217Kb / 15P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN75LBC179 TI-SN75LBC179 Datasheet
168Kb / 12P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN75LBC180A TI-SN75LBC180A Datasheet
415Kb / 19P
[Old version datasheet]   LOW POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN65LBC179DR TI-SN65LBC179DR Datasheet
488Kb / 19P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN65ALS180 TI-SN65ALS180 Datasheet
362Kb / 17P
[Old version datasheet]   DIFFERENTIAL DRIVER AND RECEIVER PAIRS
SN75ALS180 TI-SN75ALS180_07 Datasheet
436Kb / 21P
[Old version datasheet]   DIFFERENTIAL DRIVER AND RECEIVER PAIRS
logo
National Semiconductor ...
DS8922 NSC-DS8922_04 Datasheet
542Kb / 14P
   RS-422 Dual Differential Line Driver and Receiver Pairs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com