Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LVC1G3157DCKR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC1G3157DCKR
Description  SINGLE-POLE DOUBLE-THROW ANALOG SWITCH
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC1G3157DCKR Datasheet(HTML) 1 Page - Texas Instruments

  SN74LVC1G3157DCKR Datasheet HTML 1Page - Texas Instruments SN74LVC1G3157DCKR Datasheet HTML 2Page - Texas Instruments SN74LVC1G3157DCKR Datasheet HTML 3Page - Texas Instruments SN74LVC1G3157DCKR Datasheet HTML 4Page - Texas Instruments SN74LVC1G3157DCKR Datasheet HTML 5Page - Texas Instruments SN74LVC1G3157DCKR Datasheet HTML 6Page - Texas Instruments SN74LVC1G3157DCKR Datasheet HTML 7Page - Texas Instruments SN74LVC1G3157DCKR Datasheet HTML 8Page - Texas Instruments SN74LVC1G3157DCKR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
See mechanical drawings for dimensions.
DBV PACKAGE
(TOP VIEW)
2
GND
V
CC
5
3
4
B1
A
6
1
B2
S
DCK PACKAGE
(TOP VIEW)
3
4
B1
2
GND
A
5
1
B2
V
CC
6
S
DRL PACKAGE
(TOP VIEW)
2
GND
V
CC
5
1
B2
3
4
B1
A
6
S
YZP PACKAGE
(BOTTOM VIEW)
V
CC
GND
B2
B1
2
1
3
A
5
4
6
S
DRY PACKAGE
(TOP VIEW)
GND
V
CC
B2
6
5
4
2
3
B1
A
S
1
C1
B1
A1
C2
B2
A2
B2
B1
DSF PACKAGE
(TOP VIEW)
GND
S
A
V
CC
6
5
4
2
3
1
SN74LVC1G3157
www.ti.com
SCES424H – JANUARY 2003 – REVISED MAY 2012
SINGLE-POLE DOUBLE-THROW ANALOG SWITCH
Check for Samples: SN74LVC1G3157
1
FEATURES
Low On-State Resistance, Typically
≉6 Ω
(VCC = 4.5 V)
2
1.65-V to 5.5-V VCC Operation
Latch-Up Performance Exceeds 100 mA Per
Useful for Both Analog and Digital
JESD 78, Class II
Applications
ESD Protection Exceeds JESD 22
Specified Break-Before-Make Switching
2000-V Human-Body Model (A114-A)
Rail-to-Rail Signal Handling
200-V Machine Model (A115-A)
High Degree of Linearity
1000-V Charged-Device Model (C101)
High Speed, Typically 0.5 ns
(VCC = 3 V, CL = 50 pF)
DESCRIPTION/ORDERING INFORMATION
This single-pole double-throw (SPDT) analog switch is designed for 1.65-V to 5.5-V VCC operation.
The SN74LVC1G3157 can handle both analog and digital signals. The device permits signals with amplitudes of
up to VCC (peak) to be transmitted in either direction.
Applications include signal gating, chopping, modulation or demodulation (modem), and signal multiplexing for
analog-to-digital and digital-to-analog conversion systems.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
NanoFree is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2003–2012, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SN74LVC1G3157DCKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G3157DCKR TI-SN74LVC1G3157DCKR Datasheet
313Kb / 16P
[Old version datasheet]   SINGLE-POLE, DOUBLE-THROW ANALOG SWITCH
SN74LVC1G3157DCKR TI-SN74LVC1G3157DCKR Datasheet
932Kb / 23P
[Old version datasheet]   SINGLE-POLE,DOUBLE-THROW ANALOG SWITCH
SN74LVC1G3157DCKR TI-SN74LVC1G3157DCKR Datasheet
932Kb / 23P
[Old version datasheet]   SINGLE-POLE,DOUBLE-THROW ANALOG SWITCH
SN74LVC1G3157DCKR TI1-SN74LVC1G3157DCKR Datasheet
1Mb / 30P
[Old version datasheet]   SINGLE-POLE DOUBLE-THROW ANALOG SWITCH
SN74LVC1G3157DCKR TI1-SN74LVC1G3157DCKR Datasheet
1Mb / 35P
[Old version datasheet]   SN74LVC1G3157 Single-Pole Double-Throw Analog Switch
More results

Similar Description - SN74LVC1G3157DCKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G3157-Q1 TI1-SN74LVC1G3157-Q1_14 Datasheet
902Kb / 21P
[Old version datasheet]   SINGLE-POLE DOUBLE-THROW ANALOG SWITCH
SN74LVC1G3157 TI1-SN74LVC1G3157_18 Datasheet
2Mb / 42P
[Old version datasheet]   Single-Pole Double-Throw Analog Switch
logo
Unisonic Technologies
U74LVC3157 UTC-U74LVC3157_15 Datasheet
203Kb / 5P
   SINGLE-POLE,DOUBLE-THROW ANALOG SWITCH
logo
Texas Instruments
SN74LVC1G3157 TI-SN74LVC1G3157_07 Datasheet
932Kb / 23P
[Old version datasheet]   SINGLE-POLE,DOUBLE-THROW ANALOG SWITCH
SN74LVC1G3157-Q1 TI1-SN74LVC1G3157-Q1 Datasheet
404Kb / 16P
[Old version datasheet]   SINGLE-POLE DOUBLE-THROW ANALOG SWITCH
APRIL2008
SN74LVC1G3157 TI1-SN74LVC1G3157_17 Datasheet
1Mb / 40P
[Old version datasheet]   Single-Pole Double-Throw Analog Switch
logo
Diodes Incorporated
74LVC1G3157 DIODES-74LVC1G3157 Datasheet
1Mb / 18P
   SINGLE-POLE DOUBLE-THROW ANALOG SWITCH
logo
Unisonic Technologies
U74LVC1G3157 UTC-U74LVC1G3157_15 Datasheet
208Kb / 5P
   SINGLE-POLE,DOUBLE-THROW ANALOG SWITCH
U74LVC1G3157 UTC-U74LVC1G3157_17 Datasheet
153Kb / 5P
   SINGLE-POLE,DOUBLE-THROW ANALOG SWITCH
logo
Texas Instruments
SN74LVC1G3157 TI1-SN74LVC1G3157_14 Datasheet
1Mb / 30P
[Old version datasheet]   SINGLE-POLE DOUBLE-THROW ANALOG SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com