Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMJ320C25FJM Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SMJ320C25FJM
Description  DIGITAL SIGNAL PROCESSOR
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SMJ320C25FJM Datasheet(HTML) 2 Page - Texas Instruments

  SMJ320C25FJM Datasheet HTML 1Page - Texas Instruments SMJ320C25FJM Datasheet HTML 2Page - Texas Instruments SMJ320C25FJM Datasheet HTML 3Page - Texas Instruments SMJ320C25FJM Datasheet HTML 4Page - Texas Instruments SMJ320C25FJM Datasheet HTML 5Page - Texas Instruments SMJ320C25FJM Datasheet HTML 6Page - Texas Instruments SMJ320C25FJM Datasheet HTML 7Page - Texas Instruments SMJ320C25FJM Datasheet HTML 8Page - Texas Instruments SMJ320C25FJM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 38 page
background image
SMJ320C25, SMJ320C2550
DIGITAL SIGNAL PROCESSOR
SGUS007D – AUGUST 1988 – REVISED OCTOBER 2001
2
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
description
This data sheet provides design documentation for the SMJ320C25 and the SMJ320C25-50 digital signal
processor (DSP) devices in the SMJ320
 family of VLSI digital signal processors and peripherals. The SMJ320
family supports a wide range of digital signal processing applications such as tactical communications,
guidance, military modems, speech processing, spectrum analysis, audio processing, digital filtering,
high-speed control, graphics, and other computation-intensive applications.
Differences between the SMJ320C25 and the SMJ320C25-50 are specifically identified, as in the following
paragraph and in the parameter tables on pages 18 through 24 of this data sheet. When not specifically
differentiated, the term SMJ320C25 is used to describe both devices.
The SMJ320C25 has a 100-ns instruction cycle time. The SMJ320C25-50 has an 80-ns instruction cycle time.
With these fast instruction cycle times and their innovative memory configurations, these devices perform
operations necessary for many real-time digital signal processing algorithms. Since most instructions require
only one cycle, the SMJ320C25 is capable of executing 12.5 million instructions per second. On-chip data RAM
of 544 16-bit words, on-chip program ROM of 4K words, direct addressing of up to 64K words of external data
memory space and 64K words of external program memory space, and multiprocessor interface features for
sharing global memory minimize unnecessary data transfers to take full advantage of the capabilities of the
instruction set.
Table 1. PGA/CLCC/LCCC Pin Assignments
FUNCTION
PIN
FUNCTION
PIN
FUNCTION
PIN
FUNCTION
PIN
FUNCTION
PIN
FUNCTION
PIN
A0
K1/26
A12
K8/40
D2
E1/16
D14
A5/3
INT2
H1/22
VCC
H2/23
A1
K2/28
A13
L9/41
D3
D2/15
D15
B6/2
IS
J11/46
VCC
L6/35
A2
L3/29
A14
K9/42
D4
D1/14
DR
J1/24
MP/MC
A6/1
VSS
B1/10
A3
K3/30
A15
L10/43
D5
C2/13
DS
K10/45
MSC
C10/59
VSS
K11/44
A4
L4/31
BI0
B7/68
D6
C1/12
DX
E11/54
PS
J10/47
VSS
L2/27
A5
K4/32
BR
G11/50
D7
B2/11
FSR
J2/25
READY
B8/66
XF
D11/56
A6
L5/33
CLKOUT1
C11/58
D8
A2/9
FSX
F10/53
RS
A8/65
X1
G10/51
A7
K5/34
CLKOUT2
D10/57
D9
B3/8
HOLD
A7/67
R/W
H11/48
X2/CLKIN
F11/52
A8
K6/36
CLKR
B9/64
D10
A3/7
HOLDA
E10/55
STRB
H10/49
A9
L7/37
CLKX
A9/63
D11
B4/6
IACK
B11/60
SYNC
F2/19
A10
K7/38
D0
F1/18
D12
A4/5
INT0
G1/20
VCC
A10/61
A11
L8/39
D1
E2/17
D13
85/4
INT1
G2/21
VCC
B10/62
SMJ320 is a trademark of Texas Instruments Incorporated.


Similar Part No. - SMJ320C25FJM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SMJ320C25FJ TI-SMJ320C25FJ Datasheet
582Kb / 36P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
More results

Similar Description - SMJ320C25FJM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SMJ320C30 TI-SMJ320C30 Datasheet
726Kb / 47P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320C32 TI-TMS320C32 Datasheet
645Kb / 44P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320VC33 TI-TMS320VC33 Datasheet
654Kb / 57P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320C30 TI1-TMS320C30_16 Datasheet
753Kb / 53P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SM320C26B TI1-SM320C26B Datasheet
448Kb / 42P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
logo
Samsung semiconductor
S5L9286F02 SAMSUNG-S5L9286F02 Datasheet
598Kb / 35P
   DIGITAL SIGNAL PROCESSOR
logo
Texas Instruments
TMS320P25 TI-TMS320P25 Datasheet
763Kb / 48P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320F206 TI-TMS320F206_06 Datasheet
832Kb / 58P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320F206 TI-TMS320F206_07 Datasheet
826Kb / 58P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SM320F2812-HT TI-SM320F2812-HT Datasheet
1Mb / 155P
[Old version datasheet]   Digital Signal Processor
SM320C32-EP TI1-SM320C32-EP Datasheet
621Kb / 44P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com