Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65LBC179ADRG4 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LBC179ADRG4
Description  LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65LBC179ADRG4 Datasheet(HTML) 5 Page - Texas Instruments

  SN65LBC179ADRG4 Datasheet HTML 1Page - Texas Instruments SN65LBC179ADRG4 Datasheet HTML 2Page - Texas Instruments SN65LBC179ADRG4 Datasheet HTML 3Page - Texas Instruments SN65LBC179ADRG4 Datasheet HTML 4Page - Texas Instruments SN65LBC179ADRG4 Datasheet HTML 5Page - Texas Instruments SN65LBC179ADRG4 Datasheet HTML 6Page - Texas Instruments SN65LBC179ADRG4 Datasheet HTML 7Page - Texas Instruments SN65LBC179ADRG4 Datasheet HTML 8Page - Texas Instruments SN65LBC179ADRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
VOD
0 V or 3 V
Z
D
Y
VOC
27
27
VOD
V(test )
R1
375
0 V or 3 V
Z
D
R2
375
V(test )
Y
RL = 60 Ω
−7 V < V(test) < 12 V
SN65LBC179A
SN75LBC179A
www.ti.com
SLLS377D
– MAY 2000 – REVISED SEPTEMBER 2011
RECEIVER SECTION
RECEIVER ELECTRICAL CHARACTERISTICS
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIT+
Positive-going input threshold voltage
IO = –8 mA
0.2
V
VIT–
Negative-going input threshold voltage
–0.2
IO = 8 mA
Vhys
Hysteresis voltage ( VIT+ – VIT–)
50
mV
VOH
High-level output voltage
VID = 200 mV, IOH = –8 mA, See Figure 1
4
4.9
V
VOL
Low-level output voltage
VID = –200 mV, IOL = 8 mA, See Figure 1
0.1
0.8
V
VIH = 12 V, VCC = 5 V
0.4
1
VIH = 12 V, VCC = 0
0.5
1
II
Bus input current
Other input at 0 V
mA
VIH = –7 V, VCC = 5 V
–0.8
–0.4
VIH = –7 V, VCC = 0
–0.8
–0.3
RECEIVER SWITCHING CHARACTERISTICS
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH
Propagation delay time, low-to-high-level output
7
13
20
ns
tPHL
Propagation delay time, high-to-low-level output
7
13
20
ns
VID = –1.5 V to 1.5 V, See Figure 4
tsk(p)
Pulse skew ( | tPLH – tPHL | )
0.5
1.5
ns
tr
Rise time, output
2.1
3.3
ns
tf
Fall time, output
See Figure 4
2.1
3.3
ns
PARAMETER MEASURMENT INFORMATION
Figure 1. Driver VOD and VOC
Figure 2. Driver VOD With Common-Mode Loading
Copyright
© 2000–2011, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): SN65LBC179A SN75LBC179A


Similar Part No. - SN65LBC179ADRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LBC179ADRG4 TI-SN65LBC179ADRG4 Datasheet
421Kb / 18P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
More results

Similar Description - SN65LBC179ADRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LBC179A TI-SN65LBC179A Datasheet
195Kb / 13P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN65LBC179ADG4 TI-SN65LBC179ADG4 Datasheet
421Kb / 18P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN65LBC180A TI1-SN65LBC180A_15 Datasheet
537Kb / 21P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN65LBC180 TI-SN65LBC180 Datasheet
217Kb / 15P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN75LBC179 TI-SN75LBC179 Datasheet
168Kb / 12P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN75LBC180A TI-SN75LBC180A Datasheet
415Kb / 19P
[Old version datasheet]   LOW POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN65LBC179DR TI-SN65LBC179DR Datasheet
488Kb / 19P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN65ALS180 TI-SN65ALS180 Datasheet
362Kb / 17P
[Old version datasheet]   DIFFERENTIAL DRIVER AND RECEIVER PAIRS
SN75ALS180 TI-SN75ALS180_07 Datasheet
436Kb / 21P
[Old version datasheet]   DIFFERENTIAL DRIVER AND RECEIVER PAIRS
logo
National Semiconductor ...
DS8922 NSC-DS8922_04 Datasheet
542Kb / 14P
   RS-422 Dual Differential Line Driver and Receiver Pairs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com