Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT6101H Datasheet(PDF) 1 Page - Texas Instruments

Part # PT6101H
Description  1 Amp Adjustable Positive Step-down Integrated Switching Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PT6101H Datasheet(HTML) 1 Page - Texas Instruments

  PT6101H Datasheet HTML 1Page - Texas Instruments PT6101H Datasheet HTML 2Page - Texas Instruments PT6101H Datasheet HTML 3Page - Texas Instruments PT6101H Datasheet HTML 4Page - Texas Instruments PT6101H Datasheet HTML 5Page - Texas Instruments PT6101H Datasheet HTML 6Page - Texas Instruments PT6101H Datasheet HTML 7Page - Texas Instruments PT6101H Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
For technical support and more information, see inside back cover or visit www.ti.com/powertrends
Standard Application
Ordering Information
PT6101
= +5 Volts
PT6102
= +3.3 Volts
PT6103
= +12 Volts
PT Series Suffix (PT1234X)
Case/Pin
Configuration
Vertical Through-Hole
N
Horizontal Through-Hole
A
Horizontal Surface Mount
C
Pin-Out Information
PT6100 Series
90% Efficiency
Adjustable Output Voltage
Internal Short Circuit Protection
Over-Temperature Protection
On/Off Control (Ground Off)
Small SIP Footprint
Meets Requirements for FCC
Part 15; Class B limits for
Radiated Emissions
Wide Input Range
The PT6100 Series is a line of High-Perfor-
mance 1 Amp, 12-Pin SIP (Single In-line
Package) Integrated Switching Regulators
(ISRs) designed to meet the on-board power
conversion needs of battery powered or other
equipment requiring high efficiency and small
size. This high performance ISR family offers
a unique combination of features combining
90% typical efficiency with open-collector
on/off control and adjustable output voltage.
Quiescent current in the shutdown mode is
less than 100µA.
1 Amp Adjustable Positive Step-down
Integrated Switching Regulator
C1 = Optional 1µF ceramic
Q1 = NFET
C2 = Required 100µF electrolytic
Pin
Function
1
Inhibit
(30V max)
2Vin
3Vin
4Vin
5
GND
6
GND
7
GND
8
GND
9Vout
10
Vout
11
Vout
12
Vout Adj
PT6100
2,3,4
5,6,7,8
9,10,11
12
V
IN
COM
COM
V
OUT
C2
+
1
V
OADJ
INH
Q1
C1
Specifications
Characteristics
PT6100 SERIES
(T
a =25
°C unless noted)
Symbols
Conditions
Min
Typ
Max
Units
Output Current
Io
Over Vin range
0.1*
1.0
A
Short Circuit Current
Isc
Vin = Vin min
3.5
Apk
Input Voltage Range
Vin
0.1
≤ Io ≤ 1.0 A
Vo = 3.3V
9
26
V
(Note: inhibit function cannot
Vo = 5V
9
30/38**
V
be used with Vin above 30V.)
Vo = 12V
16
30/38**
V
Output Voltage Tolerance
∆Vo
Over Vin Range, Io = 1.0 A
±1.0
±2.0
%Vo
Ta = 0°C to +60°C
Line Regulation
Regline
Over Vin range
±0.25
±0.5
%Vo
Load Regulation
Regload
0.1
≤ Io ≤ 1.0 A
±0.25
±0.5
%Vo
Vo Ripple/Noise
Vn
Vin=Vin min, Io=1.0 A
±2
%Vo
Transient Response
ttr
50% load change
100
200
µSec
with Co = 100µF
Vos
Vo over/undershoot
5.0
%Vo
Efficiency
η
Vin=9V, Io=0.5A, Vo=3.3V
84
%
Vin=9V, Io=0.5A, Vo=5V
89
%
Vin=16V, Io=0.5A, Vo=12V
91
%
Switching Frequency
ƒo
Over Vin and Io ranges
400
500
600
kHz
Shutdown Current
Isc
Vin = 15V
100
µA
Quiescent Current
Inl
Io = 0A, Vin =10V
10
mA
Output Voltage
Vo
Below Vo
See Application Notes.
Adjustment Range
Above Vo
Absolute Maximum
Ta
-40
+85
°C
Operating Temperature Range
Recommended Operating
Ta
Free Air Convection, Vo= 3.3V
-40
+85***
Temperature Range
(40-60LFM)
Vo= 5V
-40
+85***
°C
Vin=24V, Io=0.75A
Vo= 12V
-40
+80***
Thermal Resistance
θja
Free Air Convection
Vo = 3.3V
50
(40-60LFM)
Vo = 5V
40
°C/W
Vo = 12V
40
Storage Temperature
Ts
-40
+125
°C
Mechanical Shock
Per Mil-STD-883D, Method 2002.3
500
G’s
1 msec, Half Sine, mounted to a fixture
Mechanical Vibration
Per Mil-STD-883D, Method 2007.2
—10
G’s
20-2000 Hz, Soldered in a PC board
Weight
5.0
grams
* ISR will operate down to no load with reduced specifications.
** Input voltage cannot exceed 30V when the inhibit function is used.
***See Thermal Derating chart.
Note: The PT6100 Series requires a 100µF electrolytic or tantalum output capacitor for proper operation in all applications.
Pkg Style 200
SLTS029A
(Revised 6/30/2000)


Similar Part No. - PT6101H

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6101 TI-PT6101 Datasheet
275Kb / 5P
[Old version datasheet]   1 AMP ADJUSTABLE POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
logo
Bourns Electronic Solut...
PT61011 BOURNS-PT61011 Datasheet
222Kb / 1P
   LAN 10/100 Base-Tx
PT61017EL BOURNS-PT61017EL Datasheet
269Kb / 1P
   LAN 10/100 Base-Tx
PT61017PEL BOURNS-PT61017PEL Datasheet
244Kb / 1P
   LAN 10/100 Base-Tx
PT61018 BOURNS-PT61018 Datasheet
225Kb / 1P
   LAN 10/100 Base-Tx
More results

Similar Description - PT6101H

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6100 TI-PT6100 Datasheet
275Kb / 5P
[Old version datasheet]   1 AMP ADJUSTABLE POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
PT6312B TI1-PT6312B Datasheet
386Kb / 3P
[Old version datasheet]   2 AMP ADJUSTABLE POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
PT6210 TI-PT6210 Datasheet
178Kb / 5P
[Old version datasheet]   2 Amp Adjustable Positive Step-down Integrated Switching Regulator
PT6313 TI-PT6313 Datasheet
373Kb / 2P
[Old version datasheet]   2 AMP ADJUSTABLE POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
PT5100 TI-PT5100 Datasheet
170Kb / 7P
[Old version datasheet]   1 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
78SR100 TI1-78SR100_14 Datasheet
232Kb / 5P
[Old version datasheet]   1.5 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
78ST300 TI-78ST300_07 Datasheet
210Kb / 4P
[Old version datasheet]   3 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
78ST205 TI1-78ST205 Datasheet
222Kb / 4P
[Old version datasheet]   2 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
PT78HT208S TI1-PT78HT208S Datasheet
469Kb / 3P
[Old version datasheet]   2 Amp Positive Step-Down Integrated Switching Regulator
78ST300 TI-78ST300 Datasheet
190Kb / 3P
[Old version datasheet]   3 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
Revised 6/30/98
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com