Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA314 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # OPA314
Description  3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA314 Datasheet(HTML) 8 Page - Texas Instruments

Back Button OPA314 Datasheet HTML 4Page - Texas Instruments OPA314 Datasheet HTML 5Page - Texas Instruments OPA314 Datasheet HTML 6Page - Texas Instruments OPA314 Datasheet HTML 7Page - Texas Instruments OPA314 Datasheet HTML 8Page - Texas Instruments OPA314 Datasheet HTML 9Page - Texas Instruments OPA314 Datasheet HTML 10Page - Texas Instruments OPA314 Datasheet HTML 11Page - Texas Instruments OPA314 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
12
10
8
6
4
2
0
Offset Voltage (mV)
30
25
20
15
10
5
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
Offset Voltage Drift ( V/ C)
m
°
160
155
150
145
140
135
130
125
120
-50
-25
0
25
50
75
100
125
Temperature (°C)
V = 1.8 V
S
V = 5.5 V
S
180
170
160
150
140
130
120
110
100
90
80
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
Supply Voltage (V)
140
130
120
110
100
-50
-25
0
25
50
75
100
125
Temperature (°C)
2 k , 5.5 V
W
10 k , 1.8 V
W
10 k , 5.5 V
W
140
120
100
80
60
40
20
0
20
-
0
20
-
-
-
-
-
-
-
-
40
60
80
100
120
140
160
10
1
100
1k
10k
100k
1M
10M
Frequency (Hz)
R = 10 k /10 pF
V = 2.5 V
W
L
S
±
OPA314
OPA2314
OPA4314
SBOS563F – MAY 2011 – REVISED AUGUST 2013
www.ti.com
TYPICAL CHARACTERISTICS
At TA = +25°C, RL = 10 kΩ connected to VS/2, VCM = VS/2, and VOUT = VS/2, unless otherwise noted.
OPEN-LOOP GAIN AND PHASE
OPEN-LOOP GAIN
vs FREQUENCY
vs TEMPERATURE
Figure 1.
Figure 2.
QUIESCENT CURRENT
QUIESCENT CURRENT
vs SUPPLY
vs TEMPERATURE
Figure 3.
Figure 4.
OFFSET VOLTAGE PRODUCTION DISTRIBUTION
OFFSET VOLTAGE DRIFT DISTRIBUTION
Figure 5.
Figure 6.
8
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: OPA314 OPA2314 OPA4314


Similar Part No. - OPA314

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA314 TI1-OPA314 Datasheet
1Mb / 31P
[Old version datasheet]   3-MHz, Low-Power, Low-Noise, RRI/O, 1.8-V CMOS OPERATIONAL AMPLIFIER
MARCH2012
OPA314 TI-OPA314 Datasheet
1Mb / 36P
[Old version datasheet]   3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA314 TI1-OPA314 Datasheet
1Mb / 38P
[Old version datasheet]   3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA314-Q1 TI1-OPA314-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA314AIDBVR TI1-OPA314AIDBVR Datasheet
1Mb / 31P
[Old version datasheet]   3-MHz, Low-Power, Low-Noise, RRI/O, 1.8-V CMOS OPERATIONAL AMPLIFIER
MARCH2012
More results

Similar Description - OPA314

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2314-Q1 TI1-OPA2314-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA314-Q1 TI1-OPA314-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA4314AIPWR TI-OPA4314AIPWR Datasheet
1Mb / 36P
[Old version datasheet]   3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA314 TI-OPA314_15 Datasheet
1Mb / 45P
[Old version datasheet]   OPAx314 3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA316 TI1-OPA316_16 Datasheet
2Mb / 48P
[Old version datasheet]   10-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA2314-Q1 TI-OPA2314-Q1_15 Datasheet
1Mb / 28P
[Old version datasheet]   OPA2314-Q1 3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA316 TI-OPA316 Datasheet
2Mb / 46P
[Old version datasheet]   OPAx316 10-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA2316 TI-OPA2316 Datasheet
2Mb / 46P
[Old version datasheet]   OPAx316 10-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA4316 TI-OPA4316 Datasheet
2Mb / 46P
[Old version datasheet]   OPAx316 10-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA313 TI-OPA313 Datasheet
2Mb / 36P
[Old version datasheet]   1-MHz, Micro-Power, Low-Noise, RRIO,1.8-V CMOS OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com