Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK4523 Datasheet(PDF) 1 Page - Asahi Kasei Microsystems

Part # AK4523
Description  20BIT STEREO ADC & DAC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4523 Datasheet(HTML) 1 Page - Asahi Kasei Microsystems

  AK4523 Datasheet HTML 1Page - Asahi Kasei Microsystems AK4523 Datasheet HTML 2Page - Asahi Kasei Microsystems AK4523 Datasheet HTML 3Page - Asahi Kasei Microsystems AK4523 Datasheet HTML 4Page - Asahi Kasei Microsystems AK4523 Datasheet HTML 5Page - Asahi Kasei Microsystems AK4523 Datasheet HTML 6Page - Asahi Kasei Microsystems AK4523 Datasheet HTML 7Page - Asahi Kasei Microsystems AK4523 Datasheet HTML 8Page - Asahi Kasei Microsystems AK4523 Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
ASAHI KASEI
[AK4523]
M0021-E-03
1999/12
- 1 -
GENERAL DESCRIPTION
The AK4523 has a dynamic range of 100dB and is well-suited middle-range MD, surround system,
musical instruments and car audio. Signal inputs and outputs are single-ended. The DAC outputs are
analog filtered to remove out of band noise. External components are minimized.
FEATURES
o DS Stereo ADC
- 64x Oversampling
- Sample Rate Ranging from 16kHz to 48kHz
- S/(N+D): 92dB
- Dynamic range, S/N: 100dB
- Digital HPF for offset cancellation
o DS Stereo DAC
- 128x Oversampling
- Sampling Rate Ranging from 16kHz to 48kHz
- 2nd order SCF + 2nd order CTF
- Digital de-emphasis for 32kHz, 44.1kHz, 48kHz sampling
- S/(N+D): 90dB
- Dynamic Range, S/N: 100dB
- Soft Mute
o High Jitter Tolerance
o Master Clock: 256fs, 384fs, 512fs
o Analog Power Supply: 4.5 to 5.5V, Digital Power Supply: 3.0 to 5.5V
VA
AGND
VD DGND
CMODE
AINL+
AINL-
AINR+
AINR-
VREFH
VCOM
AOUTL
AOUTR
MCKI
LRCK
SCLK
SDTO
SDTI
DIF0
DIF1
SMUTE
DEM1
DEM0
PD
Modulator
DS
Modulator
DS
Filter
Decimation
Filter
Decimation
HPF
HPF
Common Voltage
LPF
LPF
Modulator
DS
Modulator
DS
Interpolator
8x
Interpolator
8x
Serial I/O
Interface
Clock
Divider
20Bit Stereo
DS ADC & DAC
AK4523


Similar Part No. - AK4523

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4523 AKM-AK4523 Datasheet
1Mb / 30P
   EVALUATION BOARD REV.A FOR AK4523
More results

Similar Description - AK4523

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4522 AKM-AK4522 Datasheet
134Kb / 18P
   20BIT STEREO ADC & DAC
AK4522 AKM-AK4522_12 Datasheet
192Kb / 19P
   20Bit Stereo ?誇 ADC & DAC
AK4520A AKM-AK4520A Datasheet
198Kb / 19P
   100dB 20Bit Stereo ADC & DAC
AK4525 AKM-AK4525 Datasheet
152Kb / 18P
   20BIT STEREO ADC & DAC WITH X TAL OSC
AK5352 AKM-AK5352 Datasheet
174Kb / 19P
   96kHz Sampling 20bit ADC
logo
NXP Semiconductors
UDA1309H PHILIPS-UDA1309H Datasheet
150Kb / 24P
   Low-power stereo bitstream ADC/DAC
1998 Jan 06
logo
Asahi Kasei Microsystem...
AK5351 AKM-AK5351 Datasheet
174Kb / 19P
   Enhanced Dual bit 20bit ADC
AK5352VF AKM-AK5352VF Datasheet
177Kb / 19P
   96kHz Sampling DS 20bit ADC
AD5354 AKM-AD5354 Datasheet
156Kb / 19P
   Low Power 20bit ADC with PGA
logo
NXP Semiconductors
TDA1309H PHILIPS-TDA1309H Datasheet
180Kb / 24P
   Low-voltage low-power stereo bitstream ADC/DAC
1996 Oct 21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com