Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSM2537 Datasheet(PDF) 5 Page - Analog Devices

Part # SSM2537
Description  PDM Digital Input, Mono 2.7 W Class-D Audio Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2537 Datasheet(HTML) 5 Page - Analog Devices

  SSM2537 Datasheet HTML 1Page - Analog Devices SSM2537 Datasheet HTML 2Page - Analog Devices SSM2537 Datasheet HTML 3Page - Analog Devices SSM2537 Datasheet HTML 4Page - Analog Devices SSM2537 Datasheet HTML 5Page - Analog Devices SSM2537 Datasheet HTML 6Page - Analog Devices SSM2537 Datasheet HTML 7Page - Analog Devices SSM2537 Datasheet HTML 8Page - Analog Devices SSM2537 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Data Sheet
SSM2537
Rev. 0 | Page 5 of 16
PDM INTERFACE DIGITAL TIMING SPECIFICATIONS
Table 3.
Parameter
Limit
Unit
Description
t
MIN
t
MAX
t
CF
10
ns
Clock fall time
t
CR
10
ns
Clock rise time
t
DS
10
ns
Data setup time
t
DH
7
7
ns
Data hold time
Timing Diagram
Figure 2. PDM Interface Timing
PCLK
PDAT
LEFT
DATA
RIGHT
DATA
tDH
tDS
LEFT
DATA
RIGHT
DATA


Similar Part No. - SSM2537

ManufacturerPart #DatasheetDescription
logo
Sensitron
SSM250UF-A SENSITRON-SSM250UF-A Datasheet
44Kb / 2P
   HERMETIC ULTRAFAST DIODE
SSM250UF3A SENSITRON-SSM250UF3A Datasheet
44Kb / 2P
   HERMETIC ULTRAFAST DIODE
logo
Analog Devices
SSM2517 AD-SSM2517 Datasheet
429Kb / 16P
   PDM Digital Input, Mono 2.4 W Class-D Audio Amplifier
SSM2517CBZ-R7 AD-SSM2517CBZ-R7 Datasheet
429Kb / 16P
   PDM Digital Input, Mono 2.4 W Class-D Audio Amplifier
SSM2517CBZ-RL AD-SSM2517CBZ-RL Datasheet
429Kb / 16P
   PDM Digital Input, Mono 2.4 W Class-D Audio Amplifier
More results

Similar Description - SSM2537

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SSM2517 AD-SSM2517 Datasheet
429Kb / 16P
   PDM Digital Input, Mono 2.4 W Class-D Audio Amplifier
logo
NXP Semiconductors
TFA9881_1104 PHILIPS-TFA9881_1104 Datasheet
408Kb / 32P
   3.4 W PDM input class-D audio amplifier
Rev. 2-1 April 2011
logo
Micro Electronics
TMPA2155DM MICRO-ELECTRONICS-TMPA2155DM_07 Datasheet
221Kb / 13P
   2.7-W MONO CLASS-D AUDIO POWER AMPLIFIER
TMPA2155DM MICRO-ELECTRONICS-TMPA2155DM Datasheet
233Kb / 13P
   2.7-W MONO CLASS-D AUDIO POWER AMPLIFIER
logo
NXP Semiconductors
TFA9881 NXP-TFA9881 Datasheet
380Kb / 32P
   3.4 W PDM input class-D audio amplifier
Rev. 1-5 January 2011
TFA9881 PHILIPS-TFA9881_15 Datasheet
413Kb / 32P
   3.4 W PDM input class-D audio amplifier
Rev. 3-23 April 2013
logo
Texas Instruments
TAS5720L TI1-TAS5720L_16 Datasheet
1Mb / 52P
[Old version datasheet]   Digital Input Mono Class-D Audio Amplifier
logo
Analog Devices
SSM2529 AD-SSM2529 Datasheet
811Kb / 52P
   Digital Input, Mono 2 W, Class-D Audio Power Amplifier
logo
List of Unclassifed Man...
TMPA2055DM ETC-TMPA2055DM Datasheet
219Kb / 11P
   2.7-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
logo
Maxim Integrated Produc...
MAX98358ETE MAXIM-MAX98358ETE Datasheet
1Mb / 28P
   PDM Input Class D Audio Power Amplifier
19-7734; Rev 4; 3/20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com