Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM285BYMX-2.5/NOPB Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LM285BYMX-2.5/NOPB
Description  LM185-2.5-N/LM285-2.5-N/LM385-2.5-N Micropower Voltage Reference Diode
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM285BYMX-2.5/NOPB Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM285BYMX-2.5/NOPB Datasheet HTML 4Page - Texas Instruments LM285BYMX-2.5/NOPB Datasheet HTML 5Page - Texas Instruments LM285BYMX-2.5/NOPB Datasheet HTML 6Page - Texas Instruments LM285BYMX-2.5/NOPB Datasheet HTML 7Page - Texas Instruments LM285BYMX-2.5/NOPB Datasheet HTML 8Page - Texas Instruments LM285BYMX-2.5/NOPB Datasheet HTML 9Page - Texas Instruments LM285BYMX-2.5/NOPB Datasheet HTML 10Page - Texas Instruments LM285BYMX-2.5/NOPB Datasheet HTML 11Page - Texas Instruments LM285BYMX-2.5/NOPB Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
LM185-2.5-N, LM285-2.5-N, LM385-2.5-N
SNVS743D – DECEMBER 1999 – REVISED MARCH 2013
www.ti.com
Calibration
Calibration
1.
Short LM385-2.5-N, adjust R3 for IOUT=temp at 1.8 μA/°K
1.
Short LM385-2.5-N, adjust R3 for IOUT=temp at 1μA/°K.
2.
Remove short, adjust R2 for correct reading in °F
2.
Remove short, adjust R2 for correct reading in centigrade
Figure 20. 0°C–100°C Thermomemter
Figure 21. 0°F–50°F Thermomemter
Adjustment Procedure
1.
Adjust TC ADJ pot until voltage across R1 equals Kelvin temperature multiplied by the thermocouple Seebeck
coefficient.
2.
Adjust zero ADJ pot until voltage across R2 equals the thermocouple Seebeck coefficient multiplied by 273.2.
Figure 22. Micropower Thermocouple Cold Junction Compensator
Thermocouple Type(1)
Seebeck
R1
R2
Voltage Across R1
Voltage Across R2
Coefficient
(
Ω)
(
Ω)
@25°C
(mV)
(μV/°C)
(mV)
J
52.3
523
1.24k
15.60
14.32
T
42.8
432
1k
12.77
11.78
K
40.8
412
953
Ω
12.17
11.17
S
6.4
63.4
150
Ω
1.908
1.766
(1)
Typical supply current 50
μA
8
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LM185-2.5-N LM285-2.5-N LM385-2.5-N


Similar Part No. - LM285BYMX-2.5/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM285BYMX-2.5/NOPB TI1-LM285BYMX-2.5/NOPB Datasheet
1Mb / 22P
[Old version datasheet]   LM185-2.5-N/LM285-2.5-N/LM385-2.5-N Micropower Voltage Reference Diode
LM285BYMX-2.5/NOPB TI1-LM285BYMX-2.5/NOPB Datasheet
1Mb / 22P
[Old version datasheet]   LM185-2.5-N/LM285-2.5-N/LM385-2.5-N Micropower Voltage Reference Diode
LM285BYMX-2.5/NOPB TI1-LM285BYMX-2.5/NOPB Datasheet
1Mb / 22P
[Old version datasheet]   LM185-2.5-N/LM285-2.5-N/LM385-2.5-N Micropower Voltage Reference Diode
More results

Similar Description - LM285BYMX-2.5/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM285MX-25 TI1-LM285MX-25 Datasheet
1Mb / 22P
[Old version datasheet]   LM185-2.5-N/LM285-2.5-N/LM385-2.5-N Micropower Voltage Reference Diode
LM385BZ TI1-LM385BZ Datasheet
1Mb / 22P
[Old version datasheet]   LM185-2.5-N/LM285-2.5-N/LM385-2.5-N Micropower Voltage Reference Diode
LM285M-25 TI1-LM285M-25 Datasheet
1Mb / 22P
[Old version datasheet]   LM185-2.5-N/LM285-2.5-N/LM385-2.5-N Micropower Voltage Reference Diode
LM385Z-2.5 TI-LM385Z-2.5 Datasheet
1Mb / 22P
[Old version datasheet]   LM185-2.5-N/LM285-2.5-N/LM385-2.5-N Micropower Voltage Reference Diode
LM185-2.5-N TI1-LM185-2.5-N_13 Datasheet
1Mb / 22P
[Old version datasheet]   LM185-2.5-N/LM285-2.5-N/LM385-2.5-N Micropower Voltage Reference Diode
LM185-2.5-N TI1-LM185-2.5-N Datasheet
313Kb / 18P
[Old version datasheet]   LM185-2.5/LM285-2.5/LM385-2.5 Micropower Voltage Reference Diode
LM385BXM-1.2 TI-LM385BXM-1.2 Datasheet
1Mb / 23P
[Old version datasheet]   LM185-1.2-N/LM285-1.2-N/LM385-1.2-N Micropower Voltage Reference Diode
LM185-1.2-N TI1-LM185-1.2-N_13 Datasheet
1Mb / 23P
[Old version datasheet]   LM185-1.2-N/LM285-1.2-N/LM385-1.2-N Micropower Voltage Reference Diode
LM185-1.2-N TI1-LM185-1.2-N Datasheet
289Kb / 12P
[Old version datasheet]   LM185-1.2/LM285-1.2/LM385-1.2 Micropower Voltage Reference Diode
LM185-ADJ TI1-LM185-ADJ Datasheet
708Kb / 16P
[Old version datasheet]   LM185/LM285/LM385 Adjustable Micropower Voltage References
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com